Electronic Components Datasheet Search
Selected language     English  â–Œ


N-HFA16PB60 Datasheet(PDF) 1 Page - Nell Semiconductor Co., Ltd

Part No. N-HFA16PB60
Description  FRED Ultrafast Soft Recovery Diode, 16 A
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NELLSEMI [Nell Semiconductor Co., Ltd]
Homepage  http://www.nellsemi.com
Logo 

   
 1 page
background image
FRED
Ultrafast Soft Recovery Diode, 16 A
FEATURES
Ultrafast and ultrasoft recovery
BENEFITS
Reduced RFI and EMI
Reduced power loss in diode and switching transistor
Higher frequency operation
Reduced snubbing
Reduced parts count
DESCRIPTION
PRODUCT SUMMARY
VR
600 V
t (typ.)
rr
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Cathode to anode voltage
600
Maximum continuous forward current
IF
16
A
Single pulse forward current
150
Maximum repetitive forward current
60
Maximum power dissipation
74
W
29
Operating junction and storage temperature range
- 55 to + 150
N-HFA16PB60
Nell High Power Products
SEMICONDUCTOR
RoHS
RoHS
SEMICONDUCTOR
RoHS
RoHS
Page 1 of 6
HFA16PB60 is a state of the art ultrafast recovery
diode. Employing the latest in epitaxial construction
and advanced
processing techniques it
features a
superb combination of characteristics which result in
performance which is unsurpassed
by any rectifier
previously available. With basic ratings of 600V and
16 A continuous current, the HFA16PB60 is especially
well suited for use as the companion diode for IGBTs
and MOSFETs. In addition to ultrafast recovery time,
the FRED product line features extremely low
values
of peak recovery current (IRRM) and does not exhibit
any tendency to
“snap-off” during the tb portion of
recovery. The
FRED
features combine to offer
designers a rectifier with lower noise and significantly
lower switching losses in both the diode and the
switching transistor.
These FRED advantages
can
help
to
significantly
reduce snubbing, component
count
and heatsink sizes. The FRED HFA16PB60 is
ideally suited for applications in power supplies and
power conversion systems (such as inverters),
motor
drives, and many other similar applications where high
speed, high efficiency is needed.
T = 100 ÂșC
c
T = 100 ÂșC
c
T = 25 ÂșC
c
ÂșC
common
cathode
Cathode
2
1
3
Anode
TO-247 AC modified
1.75 V
PD
19 ns
Very low I
and Q
RRM
rr
Compliant to RoHS
Designed and qualified for industrial level
lF(AV)
V at l
F
F
T max.
J
Diode variation
Package
TO-247AC modified (2 pins)
16A
150ÂșC
Single die
VR
lFSM
lFRM
T , T
J
Stg
V
www.nellsemi.com




Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl