Selected language     English  ▼


N-HFA16TB120 Datasheet(PDF) 4 Page - Nell Semiconductor Co., Ltd

Part No. N-HFA16TB120
Description  FRED Ultrafast Soft Recovery Diode, 16 A
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NELLSEMI [Nell Semiconductor Co., Ltd]
Homepage  http://www.nellsemi.com
Logo 

   
 4 page
background image
Fig.5 Typical Reverse Recovery Time vs. dIF /dt (Per Leg)
Fig.6 Typical Recovery Current vs. dlF/dt (Per Leg)
Fig.7 Typical Stored Charge vs. dIF/dt (Per Leg)
Fig.8 Typical dI(rec)M/dt vs. dIF/dt (Per Leg)
20
70
120
170
220
270
0
5
10
15
20
25
30
0
200
400
600
800
1000
1200
1400
1600
10
100
1000
10000
SEMICONDUCTOR
RoHS
RoHS
Page 4 of 6
Nell High Power Products
N-HFA16TB120
dl /dt (A/µs)
F
dl /dt (A/µs)
F
dl /dt (A/µs)
F
dl /dt (A/µs)
F
100
1000
100
1000
100
1000
100
1000
V = 200V
R
T = 125°C
J
T = 25°C
J
V = 200V
R
T = 125°C
J
T = 25°C
J
V = 200V
R
T = 125°C
J
T = 25°C
J
V = 200V
R
T = 125°C
J
T = 25°C
J
lf = 16A
lf = 8A
lf = 16A
lf = 8A
lf = 16A
lf = 8A
lf = 16A
lf = 8A
www.nellsemi.com




Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl