Selected language     English  â–Œ


N-HFA16TB120 Datasheet(PDF) 1 Page - Nell Semiconductor Co., Ltd

Part No. N-HFA16TB120
Description  FRED Ultrafast Soft Recovery Diode, 16 A
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NELLSEMI [Nell Semiconductor Co., Ltd]
Homepage  http://www.nellsemi.com
Logo 

   
 1 page
background image
FRED
Ultrafast Soft Recovery Diode, 16 A
FEATURES
Ultrafast recovery
Ultrasoft recovery
Very low IRRM
Very low Q rr
Specified at operating conditions
Lead (Pb)-free
Designed and qualified for industrial level
BENEFITS
Reduced RFI and EMI
Reduced power loss in diode and switching transistor
Higher frequency operation
Reduced snubbing
Reduced parts count
DESCRIPTION
PRODUCT SUMMARY
VR
VF at 16A at 25 ÂșC
3.0 V
IF(AV)
16 A
trr (typical)
30 ns
TJ (maximum)
150 ÂșC
Qrr (typical)
260 nC
dI(rec)M/dt (typical) at 125 ÂșC
76 A/”S
IRRM (typical)
5.8 A
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
1200
16
A
190
64
Maximum power dissipation
151
W
60
Operating junction and storage temperature range
T , T
J
Stg
- 55 to + 150
Tc = 100 ÂșC
Tc = 100 ÂșC
Tc = 25 ÂșC
PD
IFRM
IFSM
IF
VR
Available
RoHS*
COMPLIANT
h
Cathode to anode voltage
Maximum continuous forward current
Single pulse forward current
Maximum repetitive forward current
SEMICONDUCTOR
N-HFA16TB120 RoHS
RoHS
Page 1 of 6
Nell High Power Products
1200 V
°C
V
UNITS
HFA16TB120 is a state of the art ultrafast
diode. Employing the latest in epitaxial construction
and
advanced
processing
techniques
it
features
a superb combination of characteristics which result
in performance which is unsurpassed by any rectifier
previously available. With
basic ratings
of 1200V
and 16 A
continuous current,
the HFA16TB120 is
especially
well
suited
for
use
as
the companion
diode for IGBTs and MOSFETs. In addition to ultrafast
recovery
time, the FRED
product line
features
extremely low values of peak recovery current (I
)
RRM
and does not exhibit any tendency to “snap-off” during
the t
portion of recovery. The FRED features combine
b
to offer designers a
rectifier with lower
noise and
significantly lower switching losses in both the diode
and the switching transistor. These FRED advantages
can help to significantly reduce snubbing, component
count and heatsink sizes. The FRED HFA16TB120
is ideally suited for applications in power supplies and
conversion systems (such as inverters), motor drives,
and many other similar applications where high speed,
high efficiency is needed.
recovery
www.nellsemi.com
Anode
1
3
Cathode
cathode
2
TO-220AC




Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl