Electronic Components Datasheet Search
Selected language     English  ā–¼


N-HFA30PA40C Datasheet(PDF) 5 Page - Nell Semiconductor Co., Ltd

Part No. N-HFA30PA40C
Description  FRED Ultrafast Soft Recovery Diode, 2 x 15 A
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NELLSEMI [Nell Semiconductor Co., Ltd]
Homepage  http://www.nellsemi.com
Logo 

   
 5 page
background image
Nell High Power Products
SEMICONDUCTOR
RoHS
RoHS
SEMICONDUCTOR
RoHS
RoHS
Page 5 of 5
N-HFA30PA40C
ORDERING INFORMATION TABLE
1
-
FRED family
2
-
Current rating (30 = 30 A, 15A x 2)
3
-
Package outline (PA = TO-247, 3 pins)
4
-
Voltage rating (40 = 400 V)
5
-
Configuration
(C = Center tap common cathode)
Device code
3
1
2
HFA
30
PA
40
C
6
N
6
-
Nell Semiconductors product
-
4
5




Html Pages

1  2  3  4  5 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl