Selected language     English  â–Œ


N-HFA30PA60C Datasheet(PDF) 3 Page - Nell Semiconductor Co., Ltd

Part No. N-HFA30PA60C
Description  FRED Ultrafast Soft Recovery Diode, 2 x 15 A
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NELLSEMI [Nell Semiconductor Co., Ltd]
Homepage  http://www.nellsemi.com
Logo 

   
 3 page
background image
J
Fig.1 Maximum Forward Voltage Drop vs. Instantaneous
Forward Current (Per Leg)
Fig.2 Typical Reverse Current vs. Reverse Voltage (Per Leg)
Fig.3 Typical Junction Capacitance vs. Reverse Voltage (Per Leg)
Fig.4 Maximum Thermal Impedance Z thJC Characteristics (Per Leg)
1
10
100
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
FM
Forward Voltage Drop - V
(V)
T = 150 ÂșC
T = 125 ÂșC
T = 25 ÂșC
J
J
J
A
0.01
0.1
1
10
100
1000
10000
0
100
200
300
400
500
600
R
T = 150 ÂșC
J
T = 125 ÂșC
J
T
= 25
ÂșC
J
Reverse Voltage - V (V)
10
100
0
100
200
300
400
500
600
T = 25ÂșC
J
Reverse Voltage - V (V)
R
A
0.01
0.1
1
10
0.00001
0.0001
0.001
0.01
0.1
1
Notes:
1. Duty factor D =t / t
2. Peak T = P
x Z
+ T
1
2
J
DM
thJC
C
P
t
t
DM
1
2
t , Rectangular Pulse Duration (sec)
1
0.01
0.02
0.05
0.10
0.20
D = 0.50
SINGLE PULSE
(THERMAL RESPONSE)
Nell High Power Products
SEMICONDUCTOR
RoHS
RoHS
SEMICONDUCTOR
RoHS
RoHS
Page 3 of 6
N-HFA30PA60C
www.nellsemi.com




Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl