Selected language     English  â–Œ


N-HFA30PA60C Datasheet(PDF) 4 Page - Nell Semiconductor Co., Ltd

Part No. N-HFA30PA60C
Description  FRED Ultrafast Soft Recovery Diode, 2 x 15 A
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NELLSEMI [Nell Semiconductor Co., Ltd]
Homepage  http://www.nellsemi.com
Logo 

   
 4 page
background image
Fig.5 Typical Reverse Recovery Time vs. dIF/dt
(Per Leg)
Fig.6 Typical Recovery Current vs. dI F/dt (Per Leg)
Fig.7 Typical Stored Charge vs. dIF/dt (Per Leg)
Fig.8 Typical dI(rec)M/dt vs. dIF/dt (Per Leg)
0
20
40
60
80
100
0
0
0
1
0
0
1
F
dI /dt - (A/s)
I = 30A
I = 15A
I = 5.0A
V = 200V
T = 125 ÂșC
T = 25 ÂșC
R
J
J
F
F
F
0
5
10
15
20
25
0
0
0
1
0
0
1
F
dI /dt - (A/s)
I
= 30A
I = 15A
I = 5.0A
V = 200V
T = 125 ÂșC
T = 25 ÂșC
R
J
J
F
F
F
0
200
400
600
800
0
0
0
1
0
0
1
F
dI /dt - (A/s)
I = 30A
I = 15A
I = 5.0A
V = 200V
T = 125 ÂșC
T = 25ÂșC
R
J
J
F
F
F
100
1000
10000
0
0
0
1
0
0
1
F
dI /dt - (A/s)
I = 30A
I = 15A
I = 5.0A
F
F
F
V = 200V
T = 125°C
T = 25°C
R
J
J
Nell High Power Products
SEMICONDUCTOR
RoHS
RoHS
SEMICONDUCTOR
RoHS
RoHS
Page 4 of 6
N-HFA30PA60C
www.nellsemi.com




Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl