Selected language     English  ▼


N-HFA30PA60C Datasheet(PDF) 5 Page - Nell Semiconductor Co., Ltd

Part No. N-HFA30PA60C
Description  FRED Ultrafast Soft Recovery Diode, 2 x 15 A
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NELLSEMI [Nell Semiconductor Co., Ltd]
Homepage  http://www.nellsemi.com
Logo 

   
 5 page
background image
Fig.9 Reverse Recovery Parameter Test Circuit
IRFP250
D.U.T.
L = 70 焙
V
R = 200 V
0.01 Ω
G
D
S
dIF/dt
adjust
Nell High Power Products
SEMICONDUCTOR
RoHS
RoHS
SEMICONDUCTOR
RoHS
RoHS
Page 5 of 6
N-HFA30PA60C
Fig.10 Reverse Recovery Waveform and Definitions
Q
rr
0.5 I
RRM
dI
(rec)M /dt
0.75 I
RRM
I
RRM
t
rr
t
b
t
a
I
F
dI
F/dt
0
(1)
(2)
(3)
(4)
(5)
(1) dI /dt - rate of change of current
F
through zero crossing
(2) I
RRM - peak reverse recovery current
(3) t
- reverse recovery time measured
rr
from zero crossing point of negative
going I to point where a line passing
F
through 0.75 I
RRM and 0.50 I
RRM
extrapolated to zero current.
(4) Q - area under curve defined by t
rr
rr
and I
RRM
2
Q
=
rr
(5) dI
/dt - peak rate of change of
(rec)M
current during tbportion of trr
t
x l
rr
RRM
www.nellsemi.com




Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl