Electronic Components Datasheet Search
Selected language     English  ▼


N-HFA60PA40C Datasheet(PDF) 3 Page - Nell Semiconductor Co., Ltd

Part No. N-HFA60PA40C
Description  FRED Ultrafast Soft Recovery Diode, 2 x 30 A
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NELLSEMI [Nell Semiconductor Co., Ltd]
Homepage  http://www.nellsemi.com
Logo 

   
 3 page
background image
15
A
30
A
60
A
T =125°C
J
T =150°C
J
N
High Power Products
ell
SEMICONDUCTOR
RoHS
RoHS
SEMICONDUCTOR
RoHS
RoHS
Page3of5
N-HFA60PA40C
Fig.2Forwardcurrentvs.forwardvoltage
Fig.3Reverserecoverytimevs.currentrateofchange
Fig.1Maximumeffectivetransientthermalimpedance,junction-to-casevs.pulseduration
Rectangularpulseduration(seconds)
Anode-to-cathodevoltage(V),VF
Currentrateofchange(A/
),-di /dt
s
F
Fig.4Reverserecoverychargevs.currentrateofchange
Fig5.Reverserecoverycurrentvs.currentrateofchange
0
Currentrateofchange(A/ s),-di /dt
F
Currentrateofchange(A/ s),-di /dt
F
600
800
400
1200
200
1000
2.5
2
1.5
1
0.5
0
0
1200
1000
800
600
400
200
0
600
800
400
1200
200
1000
0.70
0.60
0.50
0.40
0.30
0.20
0.10
0
10-5
10-3
10-2
10-1
1.0
120
100
80
60
40
20
0
T =125°C
J
T =25°C
J
T =-55°C
J
80
60
40
20
0
100
V
=266V
R
1000
800
600
400
200
0
30
25
20
10
5
0
0.5
SINGLEPULSE
0.1
0.3
0.7
0.9
0.05
PeakTJ = PDM xZθJC + TC
Duty Factor D =
t1/t
2
t2
t1
Note :
V
R
V
=266
60
A
15
A
30
A
T =125°C
J
V
R
V
=266
60
A
30
A
15
A
T =125°C
J
15
10-4
www.nellsemi.com




Html Pages

1  2  3  4  5 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl