Selected language     English  ā–¼


N-HFA60PA40C Datasheet(PDF) 5 Page - Nell Semiconductor Co., Ltd

Part No. N-HFA60PA40C
Description  FRED Ultrafast Soft Recovery Diode, 2 x 30 A
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NELLSEMI [Nell Semiconductor Co., Ltd]
Homepage  http://www.nellsemi.com
Logo 

   
 5 page
background image
N
High Power Products
ell
SEMICONDUCTOR
RoHS
RoHS
SEMICONDUCTOR
RoHS
RoHS
Page5of5
N-HFA60PA40C
ORDERING INFORMATION TABLE
1
-
FREDfamily
2
-
Currentrating ( 60 = 30
)
A,30Ax2
3
-
Packageoutline PA
TO
(
=
-247,3 pins)
4
-
(40=400
)
Voltage rating
V
5
-
(
=
Configuration
C
Centertapcommoncathode)
Devicecode
3
1
2
HFA
60
PA
40
C
6
N
6
-
NellSemiconductorsproduct
-
4
5
www.nellsemi.com




Html Pages

1  2  3  4  5 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl