Electronic Components Datasheet Search
Selected language     English  ▼


N-HFA60PA40C Datasheet(PDF) 1 Page - Nell Semiconductor Co., Ltd

Part No. N-HFA60PA40C
Description  FRED Ultrafast Soft Recovery Diode, 2 x 30 A
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NELLSEMI [Nell Semiconductor Co., Ltd]
Homepage  http://www.nellsemi.com
Logo 

   
 1 page
background image
FRED
Ultrafast Soft Recovery Diode, 2 x 30 A
FEATURES
Ultrafast recovery
Ultrasoft recovery
Very low IRRM
Very low Q rr
Specified at operating conditions
Designed and qualified for industrial level
BENEFITS
Reduced RFI and EMI
Reduced power loss in diode and switching transistor
Higher frequency operation
Reduced snubbing
Reduced parts count
DESCRIPTION
PRODUCT SUMMARY
VR
400 V
VF at
Aat
C
30
25
°
IF AV
(
)
2
30
x
A
(
)
t
typical
rr
(
)
T maximum
J
(
)
Q
typical
rr
(
)
l
typical
RRM
N-HFA60PA40C
N
High Power Products
ell
SEMICONDUCTOR
RoHS
RoHS
SEMICONDUCTOR
RoHS
RoHS
Page1of5
HFA60PA40C is a state of the art center tap ultrafast
recovery diode.
Employing the latest in epitaxial
construction and advanced processing techniques
it features a superb combination of characteristics
which result in performance which is unsurpassed by
any rectifier previously available. With basic ratings
of 400V and 30 A per leg continuous current, the
HFA60PA40C is especially well suited for use as the
companion diode for IGBTs and MOSFETs. In addition
to ultrafast recovery time, the FRED product line
features extremely low values of peak recovery
current (IRRM) and does not exhibit any tendency to
“snap-off” during the tb portion of recovery. The FRED
features combine to offer designers a rectifier with
lower noise and significantly lower switching losses
inboththediodeandtheswitchingtransistor.
These FRED advantages can help to significantly
reduce snubbing, component
count and heatsink
sizes. The FRED HFA60PA40C is ideally suited for
applications in power conversion systems
(such as
inverters),
motor drives, and many other similar
applications where high speed, high efficiency is
needed.
common
cathode
Common
cathode
2
2
1
3
Anode
1
Anode
2
TO-247 AB
1.3 V
150
°C
22 ns
3.0 A
49 nC
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Cathode to anode voltage
400
Maximum continuous forward current
per leg
IF
30
A
per device
60
Single pulse forward current
320
Operating junction and storage temperature range
- 55
+ 150
to
= 100
Tc
ºC
ºC
VR
lFSM
T ,T
J
Stg
V
www.nellsemi.com




Html Pages

1  2  3  4  5 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl