Selected language     English  ▼


N-HFA60PA60C Datasheet(PDF) 2 Page - Nell Semiconductor Co., Ltd

Part No. N-HFA60PA60C
Description  FRED Ultrafast Soft Recovery Diode, 2 x 30 A
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NELLSEMI [Nell Semiconductor Co., Ltd]
Homepage  http://www.nellsemi.com
Logo 

   
 2 page
background image
THERMAL MECHANICAL SPECIFICATIONS PER LEG
-
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
.
.
.
Lead temperature
Tlead
0.063''
(1.6
)
10
-
-
300
from case
mm for
s
Junction to case,
single leg conduction
RthJC
-
-
K W
/
Junction to case,
both legs conducting
-
-
Thermal resistance,
junction to ambient
RthJA
-
-
60
Typical socket mount
Thermal resistance,
case to heatsink
RthCS
Mounting surface flat smooth and greased
,
,
-
0.4
-
Weight
-
6.0
-
g
-
0.21
-
.
oz
Mounting torque
6.0
(5.0)
-
12
(10)
kgf cm
.
(
.
)
lbf in
Marking device
Case style TO-247
(
)
AB JEDEC
N
High Power Products
ell
SEMICONDUCTOR
RoHS
RoHS
SEMICONDUCTOR
RoHS
RoHS
Page2of5
N-HFA60PA60C
HFA6 PA6 C
0
0
°C
)
ºC unless otherwise specified
= 25
PARAMETER
SYMBOL
V
-
= 60 A
IF
-
-
µA
-
-
600
1.1
100
-
-
pF
36
ELECTRICAL SPECIFICATIONS
(TJ
Cathode to anode
breakdown voltage
VBR
= 100 µA
IR
Maximum forward voltage
= 30 A
IF
= 30
,
A T
I
ºC
F
J = 125
Maximum reverse
leakage current
IRM
Junction capacitance
1.4
1.5
-
-
)
ºC unless otherwise specified
= 25
PARAMETER
SYMBOL
ns
-
-
30
95
DYNAMIC RECOVERY CHARACTERISTICS PERLEG
(TJ
Reverse recovery time
IF =1.0 A,dI /dt=-100A/µs,V =30V,T =25 C
F
R
J
°
23
-
A
-
6
3
-
nC
-
485
55
-
Peak recovery current
Reverse recovery charge
trr
trr1
trr2
IRRM1
IRRM2
Qrr1
Qrr2
T
ºC
J = 125
T
ºC
J = 125
T
ºC
J = 125
T
ºC
J = 25
T
ºC
J = 25
T
ºC
J = 25
I
A
F=30
dI /dt=-200A/µs
F
V =400V
R
-
VFM
CT
V
V
R =150
T
C,V =V rated
J
R
R
=125
°
V =V rated
R
R
I =0.5A,I =1.0A,I
=250mA(RG#1CKT)
F
RR
R
30
-
1.7
UNITS
MAX.
TYP.
MIN.
UNITS
MAX.
TYP.
MIN.
500
-
50
35
TEST CONDITIONS
TEST CONDITIONS
0.8
0.4
--
-
-
-
-
-
www.nellsemi.com
1.8
2.0




Html Pages

1  2  3  4  5 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl