Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NKC250 Datasheet(PDF) 2 Page - Nell Semiconductor Co., Ltd

Part # NKC250
Description  Standard Diodes, 250 A( MAGN-A-PAK Power Modules)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

NKC250 Datasheet(HTML) 2 Page - Nell Semiconductor Co., Ltd

  NKC250 Datasheet HTML 1Page - Nell Semiconductor Co., Ltd NKC250 Datasheet HTML 2Page - Nell Semiconductor Co., Ltd NKC250 Datasheet HTML 3Page - Nell Semiconductor Co., Ltd NKC250 Datasheet HTML 4Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Page 2 of 4
www.nellsemi.com
RoHS
RoHS
SEMICONDUCTOR
Nell Semiconductors
ELECTRICAL SPECIFICATIONS
VOLTAGE RATINGS
TYPE NUMBER
VOLTAGE
CODE
VRRM, MAXIMUM REPETITIVE
PEAK REVERSE VOLTAGE
V
VRSM, MAXIMUM NON-REPETITIVE
PEAK REVERSE VOLTAGE
V
IRRM MAXIMUM
AT TJ MAXIMUM
mA
NKD250
08
800
900
20
12
1200
1300
16
1600
1700
20
2000
2100
FORWARD CONDUCTION
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum average forward current
at case temperature
IF(AV)
180° conduction, half sine wave
250
100
Maximum RMS forward current
I F(RMS)
180° conduction, half sine wave at TC = 100 °C
Maximum peak, one-cycle forward,
non-repetitive surge current
IFSM
t = 10 ms
No voltage
reapplied
Sinusoidal half wave,
initial TJ = TJ maximum
11.0
kA
t = 8.3 ms
Maximum I2t for fusing
t = 10 ms
605
kA2s
t = 8.3 ms
t = 10 ms
100 % VRRM
reapplied
424
t = 8.3 ms
Maximum 2
I √t for fusing
Maximum forward voltage drop
Ipk = 1000 A, TJ = 25 °C
390
552
2
I t
V
1.40
2
kA √t
6050
2
I √t
VFM
t = 0.1ms to 10 ms, no voltage reapplied
11.6
A
392
°C
A
BLOCKING
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
RMS insulation voltage
VINS
t = 1 s
3000
V
Maximum peak reverse and
off-state leakage current
IRRM
TJ = T
J
maximum, rated VRRM applied
20
mA
TJ = 25 °C
µA
20
NKJ250
NKC250
NKD250/NKJ250/NKC250 Series
THERMAL AND MECHANICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum junction operating and storage
temperature range
TJ, TStg
- 40 to 150
°C
Maximum thermal resistance,
junction to ca se per junction
RthJC
DC operation
0.14
K/W
Maximum thermal resistance,
case to heatsink
RthC-hs
0.044
Mounting torque
± 10 %
MAP to heatsink, M6
A mounting compound is recommended and the torque
should be rechecked after a period of 3 hours to allow
for the spread of the compound.
4
Nm
busbar to MAP, M8
12
Approximate weight
900
g
Case style
See dimensions - link at the end of datasheet
MAGN-A-PAK


Similar Part No. - NKC250

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
NKC250 NELLSEMI-NKC250 Datasheet
487Kb / 4P
   Standard Diodes, 250 A
NKC250 NELLSEMI-NKC250 Datasheet
663Kb / 4P
   Standard Diodes
More results

Similar Description - NKC250

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-VSK250PBF VISHAY-VS-VSK250PBF_V01 Datasheet
290Kb / 13P
   Standard Recovery Diodes (MAGN-A-PAK Power Modules), 250 A to 320 A
01-Jan-2022
VSKE270-20 VISHAY-VSKE270-20 Datasheet
330Kb / 13P
   Standard Recovery Diodes, 250 A to 320 A (MAGN-A-PAK Power Modules)
Revision: 02-Jul-10
logo
Nell Semiconductor Co.,...
NKD60 NELLSEMI-NKD60 Datasheet
273Kb / 5P
   Standard Diodes, 600 A ( MAGN-A-PAK Power Modules)
logo
Vishay Siliconix
VSKT320 VISHAY-VSKT320 Datasheet
328Kb / 13P
   Standard Recovery Diodes, 250 A to 320 A (MAGN-A-PAK Power Modules)
Revision: 02-Jul-10
VSK250 VISHAY-VSK250 Datasheet
330Kb / 13P
   Standard Recovery Diodes, 250 A to 320 A (MAGN-A-PAK Power Modules)
12-Mar-12
VSKDL240 VISHAY-VSKDL240_14 Datasheet
330Kb / 12P
   Fast Recovery Diodes, 250 A (MAGN-A-PAK Power Modules)
Revision: 07-Oct-11
VSKDL240 VISHAY-VSKDL240 Datasheet
333Kb / 12P
   Fast Recovery Diodes, 250 A (MAGN-A-PAK Power Modules)
Revision: 07-Oct-11
VS-VSKD600 VISHAY-VS-VSKD600 Datasheet
261Kb / 8P
   Standard Diodes, 600 A (SUPER MAGN-A-PAK Power Modules)
Revision: 05-Dec-16
VSKD600 VISHAY-VSKD600_10 Datasheet
244Kb / 8P
   Standard Diodes, 600 A (SUPER MAGN-A-PAK Power Modules)
Revision: 02-Jul-10
VS-VSKD600 VISHAY-VS-VSKD600_V01 Datasheet
258Kb / 8P
   Standard Diodes (Super MAGN-A-PAK Power Modules), 600 A
01-Jan-2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com