Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NKT135A Datasheet(PDF) 3 Page - Nell Semiconductor Co., Ltd

Part # NKT135A
Description  Thyristor Diode and Thyristor / /Thyristor, 135A(New INT-A-PAK Power Modules)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

NKT135A Datasheet(HTML) 3 Page - Nell Semiconductor Co., Ltd

  NKT135A Datasheet HTML 1Page - Nell Semiconductor Co., Ltd NKT135A Datasheet HTML 2Page - Nell Semiconductor Co., Ltd NKT135A Datasheet HTML 3Page - Nell Semiconductor Co., Ltd NKT135A Datasheet HTML 4Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SEMICONDUCTOR
TRIGGERING
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum peak gate power
PGM
tp
5
,
ms TJ = TJ
10
maximum
W
Maximum average gate power
PG AV
(
)
f
Hz T
= 50
, J = TJ
3
maximum
Maximum peak gate current
IGM
tp
5
,
ms TJ = TJ maximum
3
A
Maximum peak negative
gate voltage
- VGT
10
V
gate voltage
VGT
Anode supply
V
= 6 ,
resistive load R
;
a = 1
TJ = 25 ° C
I GT
mA
Maximum gate voltage
that will not trigger
VGD
TJ = TJ
,
maximum 66.7% VDRM applied
0.25
Maximum gate current
that will not trigger
IGD
10
mA
Maximum rate of rise of
turned on current
-
dI dt
/
TJ = 25ºC ,I
= 1.5A ,t
0.5 µs
GM
r
150
/
A s
THERMAL AND MECHANICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum junction operating
temperature range
TJ
- 40
125
to
° C
Maximum storage
temperature range
TStg
- 40
150
to
Maximum thermal resistance,
junction to ca se per junction
RthJC
DC operation
Maximum thermal resistance,
case to heatsink per module
RthCS
Mounting surface smooth
,
, flat and greased
Mounting
torque ± 10 %
IAP to heatsink , M6
A mounting compound is recommended and the
torque should be rechecked after a period of
3 hours to allow for the spread of the compound.
Lubricated threads.
4
6
to
N.m
busbar to IAP , M6
Approximate weight
220
7.05
Case style
New INT A PAK
- -
TRIGGERING
J
J
J = TJ
J
J
- VGT
Maximum required DC
to trigger
a
Maximum required DC
gate current to trigger
= T
° C
thCS
ORDERING INFORMATION TABLE
1
-
Moduletype:NKT for(Thyristor+ Thyristor)module
2
3
-
:
CurrentratingIT AV
(
)
4
-
100=
Voltagecodex
VRRM
Devicecode
NKT
0.7~1.8
30~150
V
oz.
g
0.055
N
High Power Products
ell
Page3of4
RoHS
RoHS
NKT135A/NKH135A Series
0.2
° C/W
A
4
-
Assemblytype,”A” forsolderingtype
16
135
/
www.nellsemi.com
3
2
1
NKHfor(Thyristor+Diode)module


Similar Part No. - NKT135A

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
NKT135A NELLSEMI-NKT135A Datasheet
195Kb / 4P
   Thyristor/Diode Power Modules
More results

Similar Description - NKT135A

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
NKT200-16A NELLSEMI-NKT200-16A Datasheet
1Mb / 4P
   Thyristor/Diode and Thyristor/Thyristor, 200A(New INT-A-PAK Power Modules)
NKT160-16A NELLSEMI-NKT160-16A Datasheet
1Mb / 4P
   Thyristor/Diode and Thyristor/Thyristor, 160A(New INT-A-PAK Power Modules)
logo
Vishay Siliconix
VS-VSKU162PBF VISHAY-VS-VSKU162PBF Datasheet
249Kb / 9P
   Thyristor/Thyristor, 160 A (New INT-A-PAK Power Modules)
Revision: 20-Nov-15
VS-VSK.136PBF VISHAY-VS-VSK.136PBF Datasheet
406Kb / 14P
   Thyristor/Diode and Thyristor/Thyristor, 135 A to 160 A (New INT-A-PAK Power Modules)
Revision: 11-Apr-14
VSKT136 VISHAY-VSKT136_10 Datasheet
408Kb / 13P
   Thyristor/Diode and Thyristor/Thyristor, 135 A to 160 A (New INT-A-PAK Power Modules)
Revision: 04-May-10
VS-VSK136PBF VISHAY-VS-VSK136PBF_V01 Datasheet
403Kb / 14P
   Thyristor/Diode and Thyristor/Thyristor, 135 A to 160 A (INT-A-PAK Power Modules)
01-Jan-2022
VS-VSKU162...PBF VISHAY-VS-VSKU162...PBF Datasheet
245Kb / 9P
   Thyristor/Thyristor, 160 A (INT-A-PAK Power Modules)
01-Jan-2022
VS-VSKU162PBF VISHAY-VS-VSKU162PBF_V01 Datasheet
246Kb / 9P
   Thyristor/Thyristor, 160 A (INT-A-PAK Power Modules)
01-Jan-2022
VS-VSKU162 VISHAY-VS-VSKU162 Datasheet
246Kb / 9P
   Thyristor/Thyristor, 160 A (INT-A-PAK Power Modules)
01-Jan-2023
VS-VSK..136PBF VISHAY-VS-VSK..136PBF Datasheet
402Kb / 14P
   Thyristor/Diode and Thyristor/Thyristor, 135 A to 160 A (INT-A-PAK Power Modules)
01-Jan-2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com