Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NKH600 Datasheet(PDF) 1 Page - Nell Semiconductor Co., Ltd

Part # NKH600
Description  Thyristor/Diode and Thyristor/Thyristor, 600A(SUPER MAGN-A-PAK Power Modules)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

NKH600 Datasheet(HTML) 1 Page - Nell Semiconductor Co., Ltd

  NKH600 Datasheet HTML 1Page - Nell Semiconductor Co., Ltd NKH600 Datasheet HTML 2Page - Nell Semiconductor Co., Ltd NKH600 Datasheet HTML 3Page - Nell Semiconductor Co., Ltd NKH600 Datasheet HTML 4Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SEMICONDUCTOR
RoHS
RoHS
NKT600/NKH600 Series
MAJOR RATINGS AND CHARACTERISTICS
SYMBOL
CHARACTERISTICS
IT(AV)
85 °C
IT(RMS)
A
ITSM
50 Hz
60 Hz
2
I t
50 Hz
kA2√s
60 Hz
2
I √t
V
V
DRM/ RRM
Range
TJ
Range
85 °C
UNITS
VALUES
A
2
kA s
°C
V
600
942
18000
18900
1620
1478
16200
400 to 1600
-40 to 125
Nell High Power Products
Page 1 of 4
Thyristor/Diode and Thyristor/Thyristor, 600A
(
-A-PAK Power Modules)
SUPER MAGN
FEATURES
• High voltage
• Electrically isolated by DBC ceramic (AI O )
2
3
• 3500 VRMS isolating voltage
• Industrial standard package
• High surge capability
• Glass passivated chips
• Modules uses high voltage power thyristor/diodes in two
basic configurations
• Simple mounting
• UL approved file E320098
• Compliant to RoHS
• Designed and qualified for multiple level
APPLICATIONS
• DC motor control and drives
• Battery charges
• Welders
• Power converters
• Lighting control
• Heat and temperature control
PRODUCT SUMMARY
IT(AV)
600 A
SUPER MAGN -A-PAK
• Ups
All dimensions in millimeters
3-M10 SCREWS
14
112+1
50
48
38
4-Ø6.5
128+1
150+3
2.8x0.8+0.1
-
~
+
K1
G1
-
~
+
K2
G2
K1
G1
NKT
NKH
www.nellsemi.com


Similar Part No. - NKH600

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
NKH600 NELLSEMI-NKH600 Datasheet
671Kb / 4P
   Thyristor/Diode Power Modules
More results

Similar Description - NKH600

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
NKT500 NELLSEMI-NKT500 Datasheet
1Mb / 4P
   Thyristor/Diode and Thyristor/Thyristor, 500A(SUPER MAGN-A-PAK Power Modules)
logo
Vishay Siliconix
VS-VSKT500-PBF VISHAY-VS-VSKT500-PBF_V01 Datasheet
258Kb / 9P
   Thyristor/Diode and Thyristor/Thyristor (Super MAGN-A-PAK Power Modules), 500 A
01-Jan-2022
VSKT500 VISHAY-VSKT500_10 Datasheet
264Kb / 9P
   Thyristor/Diode and Thyristor/Thyristor (SUPER MAGN-A-PAK Power Modules), 500 A
Revision: 02-Jul-10
VS-VSKT500-PBF VISHAY-VS-VSKT500-PBF Datasheet
259Kb / 9P
   Thyristor / Diode and Thyristor / Thyristor(Super MAGN-A-PAK Power Modules), 500 A
Revision: 28-Apr-17
VSK430PBF VISHAY-VSK430PBF Datasheet
240Kb / 9P
   Thyristor/Diode and Thyristor/Thyristor (SUPER MAGN-A-PAK Power Modules), 430 A
11-Mar-11
VSK430PBF VISHAY-VSK430PBF_V01 Datasheet
189Kb / 8P
   Thyristor/Diode and Thyristor/Thyristor, 430 A (SUPER MAGN-A-PAK Power Modules)
02-Oct-12
VS-VSKT500-..PBF VISHAY-VS-VSKT500-..PBF_V02 Datasheet
257Kb / 9P
   Thyristor/Diode and Thyristor/Thyristor (Super MAGN-A-PAK Power Modules), 500 A
01-Jan-2023
VSKT430 VISHAY-VSKT430_10 Datasheet
240Kb / 9P
   Thyristor/Diode and Thyristor/Thyristor (SUPER MAGN-A-PAK Power Modules), 430 A
Revision: 02-Jul-10
VSK.430PBF VISHAY-VSK.430PBF Datasheet
189Kb / 8P
   Thyristor/Diode and Thyristor/Thyristor, 430 A (SUPER MAGN-A-PAK Power Modules)
Revision: 20-Aug-13
VS-VSKT500-..PBF VISHAY-VS-VSKT500-..PBF Datasheet
257Kb / 9P
   Thyristor/Diode and Thyristor/Thyristor (Super MAGN-A-PAK Power Modules), 500 A
01-Jan-2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com