Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A103KCWCQ0Q Datasheet(PDF) 4 Page - Tyco Electronics

Part # A103KCWCQ0Q
Description  Toggle Switches, A Series, Part Number Matrix
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

A103KCWCQ0Q Datasheet(HTML) 4 Page - Tyco Electronics

  A103KCWCQ0Q Datasheet HTML 1Page - Tyco Electronics A103KCWCQ0Q Datasheet HTML 2Page - Tyco Electronics A103KCWCQ0Q Datasheet HTML 3Page - Tyco Electronics A103KCWCQ0Q Datasheet HTML 4Page - Tyco Electronics A103KCWCQ0Q Datasheet HTML 5Page - Tyco Electronics A103KCWCQ0Q Datasheet HTML 6Page - Tyco Electronics A103KCWCQ0Q Datasheet HTML 7Page - Tyco Electronics A103KCWCQ0Q Datasheet HTML 8Page - Tyco Electronics A103KCWCQ0Q Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
C25
C
Catalog 1308390
Dimensions are in inches
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Issued 9-04
and millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in parentheses
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
or brackets are metric equivalents. to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
Gemini Series
Toggle Switches, A Series, Options
TERMINALS
Right Angle
Single Pole
A
Note: Terminal numbers viewed from top of P.C. boards.
Note: Terminal numbers viewed from top of P.C. boards.
Vertical Right Angle
Double Pole
Keyway
.450
(11.43)
.450
(11.43)
.200
(5.08)
.500
(12.70)
.030
(.762)
Typ.
Epoxy Seal
.150
(3.81)
Typ.
.125
(3.18)
25
°
.050
(1.27)
Typ.
.048
(1.22)
Typ.
.190
(4.83)
.200
(5.08)
.500
(12.7)
.150
(3.81) Typ.
.190
(4.83)
.073
(1.85)
Dia Typ.
1
2
3
4
5
6
Note: Terminal numbers viewed from top of P.C. boards.
Vertical Right Angle
Single Pole
AV2
Keyway
.500
(12.70)
.048
(1.22)
Typ.
.500
(12.70)
.030
(762)
Typ.
Epoxy Seal
.150
(3.81)
Typ.
.500
(12.70)
.073
(1.85)
Dia.
.150
(3.81) 3
.200
(5.08)
.125
(3.18)
.270
(6.86)
25
°
.050
(1.27)
Typ.
2
1
Note: Terminal numbers viewed from top of P.C. boards.
Right Angle
Double Pole
Keyway
.450
(11.43)
.125
(3.18)
.048
(1.22)
Typ.
.048
(1.22)
Typ.
.200
(5.08)
.500
(12.70)
.500
(12.70)
.050
(1.27)
Epoxy Seal
.185
(4.70) Typ.
.030
(.762)
Typ.
.150
(3.81)
.185
(4.70) Typ.
.500
(12.70)
.073
(1.85)
Dia.
.150
(3.81)
1
2
3
4
5
6
.200
(5.08)
Keyway
.270
(6.86)
.125
(3.18)
.048
(1.22)
Typ.
.200
(5.08)
.500
(12.70)
.500
(12.70)
.050
(1.27)
Epoxy Seal
.185
(4.70) Typ.
.030
(.762)
Typ.
.500
(12.7)
.185
(4.70)
1
2
3
.073
(1.85)
Typ.
Dia.
.200
(5.08)
A
AV2


Similar Part No. - A103KCWCQ0Q

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
A103K15X7RF5TAA VISHAY-A103K15X7RF5TAA Datasheet
103Kb / 8P
   Axial Leaded Multilayer Ceramic Capacitors for General Purpose Class 1, Class 2 and Class 3, 50 VDC, 100 VDC, 200 VDC, 500 VDC
Revision: 16-Aug-12
logo
List of Unclassifed Man...
A103K15X7RF5UAA ETC1-A103K15X7RF5UAA Datasheet
604Kb / 14P
   Leaded ceramic multilayer capacitors
A103K15X7RH5UAA ETC1-A103K15X7RH5UAA Datasheet
604Kb / 14P
   Leaded ceramic multilayer capacitors
logo
Vishay Siliconix
A103K20C0GF5TAA VISHAY-A103K20C0GF5TAA Datasheet
102Kb / 8P
   Axial Leaded Multilayer Ceramic Capacitors for General Purpose
Revision: 16-Aug-12
More results

Similar Description - A103KCWCQ0Q

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1437555-5 MACOM-2-1437555-5 Datasheet
959Kb / 13P
   Toggle Switches, A Series, Part Number Matrix
2-1437555-0 MACOM-2-1437555-0 Datasheet
959Kb / 13P
   Toggle Switches, A Series, Part Number Matrix
2-1437554-9 MACOM-2-1437554-9 Datasheet
959Kb / 13P
   Toggle Switches, A Series, Part Number Matrix
TT11EGRA1 MACOM-TT11EGRA1 Datasheet
936Kb / 11P
   Toggle Switches, Tiny, Part Number Matrix
TT-SERIES MACOM-TT-SERIES Datasheet
947Kb / 11P
   Toggle Switches, Tiny, Part Number Matrix
2-1437561-5 MACOM-2-1437561-5 Datasheet
936Kb / 11P
   Toggle Switches, Tiny, Part Number Matrix
2-1437561-7 MACOM-2-1437561-7 Datasheet
936Kb / 11P
   Toggle Switches, Tiny, Part Number Matrix
2-1437562-1 MACOM-2-1437562-1 Datasheet
936Kb / 11P
   Toggle Switches, Tiny, Part Number Matrix
2-1437562-4 MACOM-2-1437562-4 Datasheet
936Kb / 11P
   Toggle Switches, Tiny, Part Number Matrix
2-1437561-3 MACOM-2-1437561-3 Datasheet
936Kb / 11P
   Toggle Switches, Tiny, Part Number Matrix
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com