Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLX24C0816P Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # SLX24C0816P
Description  8/16 Kbit 1024/2048 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus, Page Protection Mode
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SLX24C0816P Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  SLX24C0816P Datasheet HTML 1Page - Siemens Semiconductor Group SLX24C0816P Datasheet HTML 2Page - Siemens Semiconductor Group SLX24C0816P Datasheet HTML 3Page - Siemens Semiconductor Group SLX24C0816P Datasheet HTML 4Page - Siemens Semiconductor Group SLX24C0816P Datasheet HTML 5Page - Siemens Semiconductor Group SLX24C0816P Datasheet HTML 6Page - Siemens Semiconductor Group SLX24C0816P Datasheet HTML 7Page - Siemens Semiconductor Group SLX24C0816P Datasheet HTML 8Page - Siemens Semiconductor Group SLX24C0816P Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
I2CBus
Purchase of Siemens I2C components conveys the license under the Philips I2C patent to use the components in
the I2C system provided the system conforms to the I2C specifications defined by Philips.
Edition 1998-07-27
Published by Siemens AG,
Bereich Halbleiter, Marketing-
Kommunikation, Balanstraße 73,
81541 München
© Siemens AG 1998.
All Rights Reserved.
Attention please!
As far as patents or other rights of third parties are concerned, liability is only assumed for components, not for applications, processes
and circuits implemented within components or assemblies.
The information describes the type of component and shall not be considered as assured characteristics.
Terms of delivery and rights to change design reserved.
For questions on technology, delivery and prices please contact the Semiconductor Group Offices in Germany or the Siemens Companies
and Representatives worldwide (see address list).
Due to technical requirements components may contain dangerous substances. For information on the types in question please contact
your nearest Siemens Office, Semiconductor Group.
Siemens AG is an approved CECC manufacturer.
Packing
Please use the recycling operators known to you. We can also help you – get in touch with your nearest sales office. By agreement we will
take packing material back, if it is sorted. You must bear the costs of transport.
For packing material that is returned to us unsorted or which we are not obliged to accept, we shall have to invoice you for any costs in-
curred.
Components used in life-support devices or systems must be expressly authorized for such purpose!
Critical components
1 of the Semiconductor Group of Siemens AG, may only be used in life-support devices or systems2 with the express
written approval of the Semiconductor Group of Siemens AG.
1 A critical component is a component used in a life-support device or system whose failure can reasonably be expected to cause the
failure of that life-support device or system, or to affect its safety or effectiveness of that device or system.
2 Life support devices or systems are intended (a) to be implanted in the human body, or (b) to support and/or maintain and sustain hu-
man life. If they fail, it is reasonable to assume that the health of the user may be endangered.
SLx 24C08/16/P
Revision History:
Current Version: 1998-07-27
Previous Version:
06.97
Page
(in previous
Version)
Page
(in current
Version)
Subjects (major changes since last revision)
3
3
Text was changed to “Typical programming time 5 ms for up to
16 bytes”.
4, 5
4, 5
CS0, CS1 and CS2 were replaced by n.c.
5
The paragraph “Chip Select (CS0, CS1, CS2)” was removed
completely.
55
WP =
V
CC protects the upper half entire memory.
11, 12
11, 12
The erase/write cycle is finished latest after 10 8ms.
15
15
Figure 11: second command byte is a CSR and not CSW.
21
21
The write or erase cycle is finished latest after 10 4ms.
19
24
“Capacitive load …” were added.
25
25
Some timings were changed.
25
25
The line “erase/write cycle” was removed.
25
25
Chapter 8.4 “Erase and Write Characteristics” has been added.


Similar Part No. - SLX24C0816P

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SLX24C0816 SIEMENS-SLX24C0816 Datasheet
317Kb / 22P
   8/16 Kbit 1024/2048 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus
More results

Similar Description - SLX24C0816P

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SLX24C164P SIEMENS-SLX24C164P Datasheet
361Kb / 27P
   16 Kbit 2048 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus, Page Protection Mode
SLX24C0816 SIEMENS-SLX24C0816 Datasheet
317Kb / 22P
   8/16 Kbit 1024/2048 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus
SLX24C164 SIEMENS-SLX24C164 Datasheet
315Kb / 22P
   16 Kbit 2048 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus
SLX24C04P SIEMENS-SLX24C04P Datasheet
358Kb / 27P
   4 Kbit 512 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus, Page Protection Mode
SLX24C32 SIEMENS-SLX24C32 Datasheet
357Kb / 26P
   32 Kbit 4096 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus
SLX24C04 SIEMENS-SLX24C04 Datasheet
314Kb / 22P
   4 Kbit 512 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus
SLX24C64 SIEMENS-SLX24C64 Datasheet
358Kb / 26P
   64 Kbit 8192 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus
SLX24C01 SIEMENS-SLX24C01 Datasheet
361Kb / 27P
   1/2 Kbit 128/256 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus
logo
ATMEL Corporation
AT24C16C ATMEL-AT24C16C Datasheet
1Mb / 23P
   I2C-Compatible, (2-Wire) Serial EEPROM 16-Kbit (2048 x 8)
12.2016
AT24C08C-STUM-T ATMEL-AT24C08C-STUM-T Datasheet
831Kb / 24P
   I2C-Compatible, (2-wire) Serial EEPROM 4-Kbit (512 x 8), 8-Kbit (1024 x 8)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com