Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSL2109T Datasheet(PDF) 5 Page - NXP Semiconductors

Part # SSL2109T
Description  GreenChip controller for LED lighting
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SSL2109T Datasheet(HTML) 5 Page - NXP Semiconductors

  SSL2109T Datasheet HTML 1Page - NXP Semiconductors SSL2109T Datasheet HTML 2Page - NXP Semiconductors SSL2109T Datasheet HTML 3Page - NXP Semiconductors SSL2109T Datasheet HTML 4Page - NXP Semiconductors SSL2109T Datasheet HTML 5Page - NXP Semiconductors SSL2109T Datasheet HTML 6Page - NXP Semiconductors SSL2109T Datasheet HTML 7Page - NXP Semiconductors SSL2109T Datasheet HTML 8Page - NXP Semiconductors SSL2109T Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
SSL2109T
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 2 — 26 April 2012
5 of 19
NXP Semiconductors
SSL2109T
GreenChip controller for LED lighting
8.
Functional description
8.1 Introduction
The SSL2109T is an IC intended for small form factor retrofit SSL lamps and separate
LED drivers.
8.2 Converter operation
The converter in the SSL2109T is a Boundary Conduction Mode (BCM), peak current
controlled system. For the basic application diagram see Figure 3, for the waveforms see
Figure 4. This converter type operates at the boundary between continuous and
discontinuous mode. Energy is stored in inductor L each period that the switch is on. The
inductor current IL is zero when the MOSFET is switched on. Thereafter, the amplitude of
the current build-up in L is proportional to VIN VOUT and the time that the MOSFET switch
is on. When the MOSFET switch is switched off, the current continues to flow through the
freewheel diode and the output capacitor. The current then falls at a rate proportional to
the value of VOUT. The LED current ILED is almost equal to half the peak switch current. A
new cycle is started, as soon as the inductor current IL is zero.
8.3 Conversion frequency
The conversion frequency must be limited to below 200 kHz. Therefore, select an
inductance value so that the conversion frequency is always within limits, given the supply
voltage, LED voltage and component spread.
8.4 Driver pin
The SSL2109T is equipped with an external driver that can control an external switch. The
voltage on the driver output pin is increased towards Vo(DRIVER)max to open the switch
during the first cycle (t0 to t1). The voltage on the driver output pin is pulled down towards
Vo(DRIVER)min from the start of the secondary stroke until the next cycle starts (t0 to t00).
During transition from low to high and back, there is a controlled switching slope
steepness. This controlled condition limits the high frequency radiation from the circuit to
the surrounding area.
Fig 3.
Basic application diagram SSL2109T
SSL2109
HV
DVDT
VCC
DRAIN
NTC
DRIVER
GND
NTC
LEDs
SOURCE
aaa-001743
1
2
3
7
5
4
6
8
Rinrush
Rsense
Vsec


Similar Part No. - SSL2109T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SSL2109 NXP-SSL2109 Datasheet
583Kb / 20P
   GreenChip controller for LED lighting
Rev. 3-4 June 2012
More results

Similar Description - SSL2109T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SSL2109 NXP-SSL2109 Datasheet
583Kb / 20P
   GreenChip controller for LED lighting
Rev. 3-4 June 2012
SSL21081T PHILIPS-SSL21081T Datasheet
846Kb / 24P
   GreenChip drivers for LED lighting
Rev. 2-6 December 2011
SSL2101 PHILIPS-SSL2101_11 Datasheet
160Kb / 23P
   Dimmable GreenChip driver for LED lighting
Rev. 4.1-5 December 2011
logo
ON Semiconductor
NCL30086 ONSEMI-NCL30086 Datasheet
378Kb / 28P
   Controller for LED Lighting
February, 2015 ??Rev. 2
logo
Renesas Technology Corp
R2A20134SP RENESAS-R2A20134SP Datasheet
112Kb / 11P
   LED Lighting Power Controller
R2A20134SP RENESAS-R2A20134SP_15 Datasheet
112Kb / 11P
   LED Lighting Power Controller
R2A20134ASP RENESAS-R2A20134ASP_16 Datasheet
735Kb / 14P
   LED Lighting Power Controller
logo
Texas Instruments
TPS92020 TI-TPS92020 Datasheet
553Kb / 22P
[Old version datasheet]   Resonant-Switching Driver Controller for LED Lighting
UCC28810 TI1-UCC28810_15 Datasheet
1Mb / 34P
[Old version datasheet]   LED LIGHTING POWER CONTROLLER
logo
Renesas Technology Corp
R2A20135SP RENESAS-R2A20135SP_16 Datasheet
290Kb / 12P
   LED Lighting Power Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com