Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS1292 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1292
Description  Low-Power, 2-Channel, 24-Bit Analog Front-End for Biopotential Measurements
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS1292 Datasheet(HTML) 4 Page - Texas Instruments

  ADS1292 Datasheet HTML 1Page - Texas Instruments ADS1292 Datasheet HTML 2Page - Texas Instruments ADS1292 Datasheet HTML 3Page - Texas Instruments ADS1292 Datasheet HTML 4Page - Texas Instruments ADS1292 Datasheet HTML 5Page - Texas Instruments ADS1292 Datasheet HTML 6Page - Texas Instruments ADS1292 Datasheet HTML 7Page - Texas Instruments ADS1292 Datasheet HTML 8Page - Texas Instruments ADS1292 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 69 page
background image
ADS1291
ADS1292
ADS1292R
SBAS502A – DECEMBER 2011 – REVISED MARCH 2012
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
Minimum and maximum specifications apply from –40°C to +85°C. Typical specifications are at +25°C. All specifications are
at DVDD = 1.8 V, AVDD – AVSS = 3 V
(1), V
REF = 2.42 V, external fCLK = 512 kHz, data rate = 500 SPS, CFILTER = 4.7 nF
(2),
and gain = 6, unless otherwise noted.
ADS1291, ADS1292, ADS1292R
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DIGITAL FILTER
–3-dB bandwidth
0.262 fDR
Hz
Digital filter settling
Full setting
4
Conversions
RIGHT LEG DRIVE (RLD) AMPLIFIER
RLD integrated noise
BW = 150 Hz
1.4
μVRMS
GBP
Gain bandwidth product
50 k
Ω || 10 pF load, gain = 1
100
kHz
SR
Slew rate
50 k
Ω || 10 pF load, gain = 1
0.07
V/
μs
THD
Total harmonic distortion
fIN = 100 Hz, gain = 1
–85
dB
CMIR
Common-mode input range
AVSS + 0.3
AVDD – 0.3
V
Common-mode resistor matching
Internal 200-k
Ω resistor matching
0.1
%
ISC
Short-circuit current
1.1
mA
Quiescent power consumption
5
μA
LEAD-OFF DETECT
Frequency
See Register Map section for settings
0, fDR/4
kHz
ILEAD_OFF [1:0] = 00
6
nA
ILEAD_OFF [1:0] = 01
22
nA
Current
ILEAD_OFF [1:0] = 10
6
μA
ILEAD_OFF [1:0] = 11
22
μA
Current accuracy
±10
%
Comparator threshold accuracy
±10
mV
RESPIRATION (ADS1292R)
Internal source
32, 64
kHz
Frequency
External source
32
64
kHz
Phase shift
See Register Map section for settings
0
112.5
168.75
Degrees
Impedance range
IRESP = 30 µA
2000
10,000
Ω
0.05-Hz to 2-Hz brick wall filter, 32-kHz
modulation clock, phase = 112.5,
Impedance measurement noise
40
m
ΩPP
using IRESP = 30 µA with 2-kΩ baseline load,
gain = 4
Maximum modulator current
Using Internal reference
100
μA
EXTERNAL REFERENCE
3-V supply VREF = (VREFP – VREFN)
2
2.5
VDD – 0.3
V
Reference input voltage
5-V supply VREF = (VREFP – VREFN)
2
4
VDD – 0.3
V
VREFN
Negative input
AVSS
V
VREFP
Positive input
AVSS + 2.5
V
Input impedance
120
k
4
Submit Documentation Feedback
Copyright © 2011–2012, Texas Instruments Incorporated
Product Folder Link(s): ADS1291 ADS1292 ADS1292R


Similar Part No. - ADS1292

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1292 TI1-ADS1292 Datasheet
1Mb / 75P
[Old version datasheet]   Power, 2-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1292IPBS TI1-ADS1292IPBS Datasheet
1Mb / 61P
[Old version datasheet]   Low-Power, 2-Channel, 16-Bit Analog Front-End for Biopotential Measurements
ADS1292IPBS TI1-ADS1292IPBS Datasheet
1Mb / 75P
[Old version datasheet]   Power, 2-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1292IPBSR TI1-ADS1292IPBSR Datasheet
1Mb / 75P
[Old version datasheet]   Power, 2-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1292IRSMR TI1-ADS1292IRSMR Datasheet
1Mb / 75P
[Old version datasheet]   Power, 2-Channel, 24-Bit Analog Front-End for Biopotential Measurements
More results

Similar Description - ADS1292

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1291 TI1-ADS1291_14 Datasheet
1Mb / 75P
[Old version datasheet]   Power, 2-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294_1008 TI-ADS1294_1008 Datasheet
1Mb / 80P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1293 TI-ADS1293 Datasheet
1Mb / 75P
[Old version datasheet]   Low Power, 3-Channel, 24-Bit Analog Front End for Biopotential Measurements
ADS1294 TI1-ADS1294_15 Datasheet
2Mb / 107P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294 TI1-ADS1294_11 Datasheet
1Mb / 87P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294_1207 TI1-ADS1294_1207 Datasheet
1Mb / 88P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294_1110 TI-ADS1294_1110 Datasheet
1Mb / 88P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294 TI1-ADS1294_14 Datasheet
2Mb / 92P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294 TI-ADS1294 Datasheet
962Kb / 73P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294_1005 TI-ADS1294_1005 Datasheet
964Kb / 75P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com