Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS41B29 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # ADS41B29
Description  12-Bit, 200-MSPS, Ultralow-Power ADC
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS41B29 Datasheet(HTML) 7 Page - Texas Instruments

Back Button ADS41B29 Datasheet HTML 3Page - Texas Instruments ADS41B29 Datasheet HTML 4Page - Texas Instruments ADS41B29 Datasheet HTML 5Page - Texas Instruments ADS41B29 Datasheet HTML 6Page - Texas Instruments ADS41B29 Datasheet HTML 7Page - Texas Instruments ADS41B29 Datasheet HTML 8Page - Texas Instruments ADS41B29 Datasheet HTML 9Page - Texas Instruments ADS41B29 Datasheet HTML 10Page - Texas Instruments ADS41B29 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 61 page
background image
ADS4128
www.ti.com
SBAS578 – MAY 2012
DIGITAL CHARACTERISTICS
Typical values are at +25°C, AVDD = 1.8 V, DRVDD = 1.8 V, and 50% clock duty cycle, unless otherwise noted.
Minimum and maximum values are across the full temperature range: TMIN = –40°C to TMAX = +85°C, AVDD = 1.8 V, and
DRVDD = 1.8 V.
ADS4128
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DIGITAL INPUTS (RESET, SCLK, SDATA, SEN, OE)
VIH
High
1.3
V
RESET, SCLK, SDATA, and SEN support
1.8-V and 3.3-V CMOS logic levels
VIL
Low
0.4
V
Input voltage
VIH
High
1.3
V
OE only supports 1.8-V CMOS logic
levels
VIL
Low
0.4
V
High,
SDATA,
VHIGH = 1.8 V
10
µA
IIH
SCLK(1)
High, SEN
VHIGH = 1.8 V
0
µA
Input current
Low,
SDATA,
VLOW = 0 V
0
µA
IIL
SCLK
Low, SEN
VLOW = 0 V
10
µA
DIGITAL OUTPUTS (CMOS interface: D0 to D11, OVR_SDOUT)
DRVDD –
VOH
High
DRVDD
V
0.1
Output voltage
VOL
Low
0
0.1
V
DIGITAL OUTPUTS (LVDS interface: DA0P and DA0M to DA11P and DA11M, DB0P and DB0M to DB11P and DB11M, CLKOUTP and CLKOUTM)
Standard-swing LVDS
270
+350
430
mV
VODH
High
Low-swing LVDS
+200
mV
Output voltage(2)
Standard-swing LVDS
–430
–350
–270
mV
VODL
Low
Low-swing LVDS
–200
mV
VOCM
Output common-mode voltage
0.85
1.05
1.25
V
(1)
SDATA and SCLK have an internal 180-k
Ω pull-down resistor.
(2)
With an external 100-
Ω termination.
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): ADS4128


Similar Part No. - ADS41B29

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS41B29 TI-ADS41B29 Datasheet
1Mb / 75P
[Old version datasheet]   14-/12-Bit, 160/250MSPS, Ultralow-Power ADC
ADS41B29 TI-ADS41B29 Datasheet
1Mb / 64P
[Old version datasheet]   14-/12-Bit, 250MSPS, Ultralow-Power ADC with Analog Buffers
ADS41B29 TI1-ADS41B29 Datasheet
2Mb / 59P
[Old version datasheet]   Ultralow-Power ADCs
ADS41B29IRGZ25 TI-ADS41B29IRGZ25 Datasheet
2Mb / 65P
[Old version datasheet]   14-/12-Bit, 250MSPS, Ultralow-Power ADC with Analog Buffers
ADS41B29IRGZ25 TI1-ADS41B29IRGZ25 Datasheet
2Mb / 59P
[Old version datasheet]   Ultralow-Power ADCs
More results

Similar Description - ADS41B29

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS4128 TI1-ADS4128_14 Datasheet
1Mb / 62P
[Old version datasheet]   12-Bit, 200-MSPS, Ultralow-Power ADC
ADS4128 TI1-ADS4128_16 Datasheet
2Mb / 57P
[Old version datasheet]   12-Bit, 200-MSPS, Ultralow-Power ADC
ADS4229 TI1-ADS4229_14 Datasheet
1Mb / 67P
[Old version datasheet]   Dual-Channel, 12-Bit, 250-MSPS Ultralow-Power ADC
ADS4229 TI1-ADS4229 Datasheet
1Mb / 67P
[Old version datasheet]   Dual-Channel, 12-Bit, 250-MSPS Ultralow-Power ADC
OCTOBER2011
ADS4229 TI1-ADS4229_15 Datasheet
1Mb / 67P
[Old version datasheet]   Dual-Channel, 12-Bit, 250-MSPS Ultralow-Power ADC
ADS4229IRGC25 TI1-ADS4229IRGC25 Datasheet
1Mb / 67P
[Old version datasheet]   Dual-Channel, 12-Bit, 250-MSPS Ultralow-Power ADC
logo
Analog Devices
AD7091 AD-AD7091 Datasheet
448Kb / 20P
   1 MSPS, Ultralow Power, 12-Bit ADC in 8-Lead LFCSP
REV. A
logo
Texas Instruments
ADS42B49 TI1-ADS42B49 Datasheet
1Mb / 65P
[Old version datasheet]   250-MSPS Ultralow-Power ADC
ADS4222 TI1-ADS4222_15 Datasheet
3Mb / 88P
[Old version datasheet]   Dual-Channel, 14-/12-Bit, 160/125/65 MSPS Ultralow-Power ADC
logo
Analog Devices
AD7091R-2 AD-AD7091R-2 Datasheet
861Kb / 42P
   2-/4-/8-Channel, 1 MSPS, Ultralow Power, 12-Bit SAR ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com