Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ3050DBTR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # BQ3050DBTR
Description  2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ3050DBTR Datasheet(HTML) 3 Page - Texas Instruments

  BQ3050DBTR Datasheet HTML 1Page - Texas Instruments BQ3050DBTR Datasheet HTML 2Page - Texas Instruments BQ3050DBTR Datasheet HTML 3Page - Texas Instruments BQ3050DBTR Datasheet HTML 4Page - Texas Instruments BQ3050DBTR Datasheet HTML 5Page - Texas Instruments BQ3050DBTR Datasheet HTML 6Page - Texas Instruments BQ3050DBTR Datasheet HTML 7Page - Texas Instruments BQ3050DBTR Datasheet HTML 8Page - Texas Instruments BQ3050DBTR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
BAT
3 M
10 k
5.1 k
3 M
VC3
VC2
VC1
5 m
VSS
SRN
SRP
PACK +
PACK-
PRES
SMBC
SMBD
SMBD
SMBC
PRES
TEST
100
1 k
VB
VL
VM
OUT
VDD
GND
0.1 F
0.1 F
0.1 F
CD
100
100
200
100
200
REG33
REG25
0.1 nF
1 F
1 F
0.1 F
0.1 F
1 k
1 k
1 k
1 k
0.1 F
0.1 F
0.1 F
0.1 F
0.22 F
0.1 F
220 k
0.1 F
0.1 F
0.1 F
1 F
100
100
100
20 k
High Side
N-CH FET Drive
GPOD
1 k
System Control
Cell Voltage Mux/
Translation
Cell Balancing
Voltage
Measurement
Coulomb
Counting
2.5V LDO
3.3V LDO
SMBus 1.1
FUSE Control
CEDV Gauging
SHA-1
Authentication
Charging
Algorithms
Temperature
Measurement
Overtemperature
Protection
Overvoltage/
Undervoltage
Protection
Overcurrent
Protection
H/W Overcurrent/
Shortcircuit
Protection
Watchdog
AFE H/W Control
RBI
0.1 F
300
DISP
DISP
0.1 nF
VLED
10 k
LED
Drive
Internal PCHG
FET
2
nd
Level
Protector
VH
100
100
5.6 V
20 k
10 k
VC4
bq3050
www.ti.com
SLUSA92A
– JANUARY 2011 – REVISED JUNE 2011
TYPICAL IMPLEMENTATION
Figure 1. bq3050 Implementation
Copyright
© 2011, Texas Instruments Incorporated
3


Similar Part No. - BQ3050DBTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ3055 TI-BQ3055 Datasheet
632Kb / 23P
[Old version datasheet]   2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
BQ3055 TI1-BQ3055 Datasheet
914Kb / 27P
[Old version datasheet]   2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
BQ3055DBT TI-BQ3055DBT Datasheet
632Kb / 23P
[Old version datasheet]   2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
BQ3055DBT TI1-BQ3055DBT Datasheet
1Mb / 38P
[Old version datasheet]   CEDV Gas Gauge and Battery Pack Manager
BQ3055DBTR TI-BQ3055DBTR Datasheet
632Kb / 23P
[Old version datasheet]   2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
More results

Similar Description - BQ3050DBTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ30Z554-R1 TI1-BQ30Z554-R1 Datasheet
923Kb / 29P
[Old version datasheet]   2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
BQ3055 TI1-BQ3055_14 Datasheet
914Kb / 27P
[Old version datasheet]   2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
BQ3055 TI-BQ3055 Datasheet
632Kb / 23P
[Old version datasheet]   2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
BQ40Z50-R2 TI1-BQ40Z50-R2 Datasheet
1Mb / 51P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
BQ40Z80 TI1-BQ40Z80 Datasheet
1Mb / 46P
[Old version datasheet]   2-Series to 7-Series Li-Ion Battery Pack Manager
BQ40Z50-R1 TI1-BQ40Z50-R1 Datasheet
3Mb / 55P
[Old version datasheet]   Li-Ion Battery Pack Manager
logo
Renesas Technology Corp
RAJ240045 RENESAS-RAJ240045_V01 Datasheet
3Mb / 60P
   2 to 4 Series Li-ion Battery Manager
Feb. 23, 2018
RAJ240090 RENESAS-RAJ240090_V01 Datasheet
3Mb / 85P
   3 to 10 Series Li-ion Battery Manager
Jan.17, 2020
RAJ240310 RENESAS-RAJ240310 Datasheet
3Mb / 65P
   3 to 10 Series Li-ion Battery Manager
May 31, 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com