Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ24271YFFR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24271YFFR
Description  1.5A, Singe Input, Single Cell Switchmode Li-Ion Battery Charger with Power Path
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24271YFFR Datasheet(HTML) 6 Page - Texas Instruments

Back Button BQ24271YFFR Datasheet HTML 2Page - Texas Instruments BQ24271YFFR Datasheet HTML 3Page - Texas Instruments BQ24271YFFR Datasheet HTML 4Page - Texas Instruments BQ24271YFFR Datasheet HTML 5Page - Texas Instruments BQ24271YFFR Datasheet HTML 6Page - Texas Instruments BQ24271YFFR Datasheet HTML 7Page - Texas Instruments BQ24271YFFR Datasheet HTML 8Page - Texas Instruments BQ24271YFFR Datasheet HTML 9Page - Texas Instruments BQ24271YFFR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
bq24270
bq24271
SLUSB10 – JUNE 2012
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
Circuit of Figure 3, V(UVLO) < V(USB) < V(OVP) AND V(USB) > V(BAT)+V(SLP), TJ = 0°C–125°C and TJ = 25°C for typical values
(unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
BATTERY-PACK NTC MONITOR
VHOT
High temperature threshold
V(TS) falling
29.7
30
30.5
%VDRV
VHOT(HYS)
Hysteresis on high threshold
V(TS) rising
1
VWARM
High temperature threshold
V(TS) falling
37.9
38.3
39.6
%VDRV
VWARM(HYS)
Hysteresis on high threshold
V(TS) rising
1
VCOOL
Low temperature threshold
V(TS) rising
56
56.5
56.9
%VDRV
VCOOL(HYS)
Hysteresis on low threshold
V(TS) falling
1
VCOLD
Low temperature threshold
V(TS) rising
59.5
60
60.4
%VDRV
VCOLD(HYS)
Hysteresis on low threshold
V(TS) falling
1
TSOFF
TS Disable threshold
V(TS) rising, 2% V(DRV) Hysteresis
70
73
%VDRV
tDGL(TS)
Deglitch time on TS change
50
ms
D+/D- Detection (bq24270)
VD+_SRC
D+ Voltage Source
0.5
0.6
0.7
V
D+ Connection Check Current
ID+_SRC
7
14
µA
Source
ID-_SINK
D- Current Sink
50
100
150
µA
D-, switch open
–1
1
µA
ID_LKG
Leakage Current into D+/D-
D+, switch open
–1
1
µA
VD+_LOW
D+ Low Comparator Threshold
0.8
V
VD-_LOW
D- Low Comparator Threshold
250
400
mV
RD-_DWN
D- Pulldown for Connection Check
14.25
24.8
k
Ω
BATGD Operation
VBATGD
Good Battery threshold
3.6
3.8
3.9
V
Deglitch for good battery threshold
V(BAT) rising to HIGH-Z mode, DEFAULT Mode Only
32
ms
I
2C Compatible Interface
VIH
Input high threshold level
V(PULL-UP) = 1.8 V, SDA and SCL
1.3
V
VIL
Input low threshold level
V(PULL-UP) = 1.8 V, SDA and SCL
0.4
V
VOL
Output low threshold level
IL = 10 mA, sink current
0.4
V
IBIAS
High-Level leakage current
V(PULL-UP) = 1.8 V, SDA and SCL
1
µA
tWATCHDOG
Watchdog Timer timeout
30
s
6
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Link(s): bq24270 bq24271


Similar Part No. - BQ24271YFFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24272 TI1-BQ24272 Datasheet
1Mb / 32P
[Old version datasheet]   2.5A, Single Input, Single Cell Switchmode Li-Ion Battery Charger with Power Path Management
bq24272RGER TI1-bq24272RGER Datasheet
1Mb / 32P
[Old version datasheet]   2.5A, Single Input, Single Cell Switchmode Li-Ion Battery Charger with Power Path Management
bq24272RGET TI1-bq24272RGET Datasheet
1Mb / 32P
[Old version datasheet]   2.5A, Single Input, Single Cell Switchmode Li-Ion Battery Charger with Power Path Management
bq24272YFFR TI1-bq24272YFFR Datasheet
1Mb / 32P
[Old version datasheet]   2.5A, Single Input, Single Cell Switchmode Li-Ion Battery Charger with Power Path Management
bq24272YFFT TI1-bq24272YFFT Datasheet
1Mb / 32P
[Old version datasheet]   2.5A, Single Input, Single Cell Switchmode Li-Ion Battery Charger with Power Path Management
More results

Similar Description - BQ24271YFFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24160 TI-BQ24160 Datasheet
1Mb / 44P
[Old version datasheet]   2.5A, Dual-Input, Single Cell Switchmode Li-Ion Battery Charger with Power Path
BQ24278 TI1-BQ24278 Datasheet
1Mb / 29P
[Old version datasheet]   2.5A, Single Input, Single Cell Switchmode Li-Ion BATTERY CHARGER with Power Path Management
BQ24272 TI1-BQ24272 Datasheet
1Mb / 32P
[Old version datasheet]   2.5A, Single Input, Single Cell Switchmode Li-Ion Battery Charger with Power Path Management
logo
Richtek Technology Corp...
RT9525 RICHTEK-RT9525 Datasheet
431Kb / 15P
   Linear Single Cell Li-Ion Battery Charger with Auto Power Path
logo
Texas Instruments
BQ24165 TI-BQ24165 Datasheet
1Mb / 35P
[Old version datasheet]   2.5A, Dual-Input, Single Cell Switch Mode Li-Ion Battery Charger with Power Path
logo
Richtek Technology Corp...
RT9503 RICHTEK-RT9503 Datasheet
340Kb / 15P
   Fully Integrated Linear Single Cell Li-Ion Battery Charger with Power Path
RT9503A RICHTEK-RT9503A Datasheet
347Kb / 15P
   Fully Integrated Linear Single Cell Li-Ion Battery Charger with Power Path
logo
Texas Instruments
BQ24273 TI1-BQ24273 Datasheet
681Kb / 27P
[Old version datasheet]   2.5A, Single Input, Single Cell Switchmode Li-Ion Battery Charger with Integrated Current Sense
BQ24165 TI1-BQ24165_14 Datasheet
2Mb / 38P
[Old version datasheet]   2.5A, Dual-Input, Single Cell Switch Mode Li-Ion Battery Charger with Power Path Management
BQ25050 TI1-BQ25050 Datasheet
1Mb / 28P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion Battery Charger with 50-mA LDO, External Power Path
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com