Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ294622 Datasheet(PDF) 6 Page - Texas Instruments

Part # BQ294622
Description  Single-Cell Protector for Li-Ion Batteries
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ294622 Datasheet(HTML) 6 Page - Texas Instruments

Back Button BQ294622 Datasheet HTML 2Page - Texas Instruments BQ294622 Datasheet HTML 3Page - Texas Instruments BQ294622 Datasheet HTML 4Page - Texas Instruments BQ294622 Datasheet HTML 5Page - Texas Instruments BQ294622 Datasheet HTML 6Page - Texas Instruments BQ294622 Datasheet HTML 7Page - Texas Instruments BQ294622 Datasheet HTML 8Page - Texas Instruments BQ294622 Datasheet HTML 9Page - Texas Instruments BQ294622 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
0.7
0.8
0.9
1
1.1
1.2
1.3
-40
0
25
60
110
Temperature Deg C
4.310
4.320
4.330
4.340
4.350
4.360
4.370
–40
0
25
60
110
Temperature Deg C
Min
Max
Mean
315
316
317
318
319
320
321
322
323
324
325
-40
0
25
60
110
Temperature Deg C
bq294602, bq294604
SLUSAS0B – DECEMBER 2011 – REVISED MARCH 2012
www.ti.com
TYPICAL CHARACTERISTICS
Figure 2. ICC Current Consumption Versus Temperature
Figure 3. bq294602 Overvoltage Threshold (OVT) vs. Temp
Figure 4. Hysteresis VHYS Versus Temperature
6
Submit Documentation Feedback
Copyright © 2011–2012, Texas Instruments Incorporated
Product Folder Link(s): bq294602 bq294604


Similar Part No. - BQ294622

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
bq294624 TI1-bq294624 Datasheet
932Kb / 21P
[Old version datasheet]   Single-Cell Protector for Li-Ion Batteries
BQ294624DRVR TI1-BQ294624DRVR Datasheet
932Kb / 21P
[Old version datasheet]   Single-Cell Protector for Li-Ion Batteries
BQ294624DRVT TI1-BQ294624DRVT Datasheet
932Kb / 21P
[Old version datasheet]   Single-Cell Protector for Li-Ion Batteries
More results

Similar Description - BQ294622

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ294602 TI1-BQ294602_16 Datasheet
917Kb / 21P
[Old version datasheet]   Single-Cell Protector for Li-Ion Batteries
BQ294602 TI1-BQ294602_17 Datasheet
932Kb / 21P
[Old version datasheet]   Single-Cell Protector for Li-Ion Batteries
logo
Intersil Corporation
ISL6292BCR INTERSIL-ISL6292BCR Datasheet
293Kb / 12P
   Complete Charger for Single-Cell Li-ion Batteries
April 19, 2005
ISL9219IRZ INTERSIL-ISL9219IRZ Datasheet
226Kb / 12P
   Complete Charger for Single-Cell Li-ion/Polymer Batteries
April 7, 2010
logo
Shenzhen Huazhimei Semi...
DW01V HMSEMI-DW01V Datasheet
499Kb / 10P
   Ideal protection circuit for single-cell Li-Ion or Li-Polymer batteries
logo
Intersil Corporation
ISL9220B INTERSIL-ISL9220B_10 Datasheet
463Kb / 15P
   Switching Charger for 1-Cell Li-ion Batteries
logo
Eutech Microelectronics...
EUP9261 EUTECH-EUP9261 Datasheet
445Kb / 23P
   LI-ION/POLYMER ONE CELL PROTECTOR
logo
Freescale Semiconductor...
MC34674 FREESCALE-MC34674_08 Datasheet
585Kb / 26P
   High Input Voltage Travel Charger for Single-cell Li-Ion Batteries
logo
NXP Semiconductors
34671 NXP-34671 Datasheet
831Kb / 22P
   High Input Voltage 600mA Charger for Single-cell Li-Ion Batteries
Rev. 1.0, 01/2008
logo
Taiwan Semiconductor Co...
TS2207A TSC-TS2207A Datasheet
152Kb / 6P
   Li-Ion Battery Protector Ideal for One-Cell Rechargeable Li-Ion Battery
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com