Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ294682 Datasheet(PDF) 2 Page - Texas Instruments

Part # BQ294682
Description  Single-Cell Protector for Li-Ion Batteries
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ294682 Datasheet(HTML) 2 Page - Texas Instruments

  BQ294682 Datasheet HTML 1Page - Texas Instruments BQ294682 Datasheet HTML 2Page - Texas Instruments BQ294682 Datasheet HTML 3Page - Texas Instruments BQ294682 Datasheet HTML 4Page - Texas Instruments BQ294682 Datasheet HTML 5Page - Texas Instruments BQ294682 Datasheet HTML 6Page - Texas Instruments BQ294682 Datasheet HTML 7Page - Texas Instruments BQ294682 Datasheet HTML 8Page - Texas Instruments BQ294682 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
bq294602, bq294604
SLUSAS0B – DECEMBER 2011 – REVISED MARCH 2012
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ORDERING INFORMATION(1)
PACKAGE
TAPE AND REEL
TAPE AND REEL
TA
PART NUMBER
PACKAGE
OVP (V)
DELAY TIME (S)
DESIGNATOR
(LARGE)
(SMALL)
bq294602
4.35
4.0
bq294602DRVR
bq294602DRVT
bq294604
4.35
6.5
bq294604DRVR
bq294604DRVT
bq294622(2)
4.45
4.0
bq294622DRVR
bq294622DRVT
–40°C to
SON-6
DRV
110°C
bq294624(2)
4.45
6.5
bq294624DRVR
bq294624DRVT
bq294682(2)
4.225
4.0
bq294682DRVR
bq294682DRVT
bq294684(2)
4.225
6.5
bq294684DRVR
bq294684DRVT
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or visit the
device product folder on ti.com (www.ti.com).
(2)
Product Preview only
THERMAL INFORMATION
bq2946xy
THERMAL METRIC(1)
SON
UNITS
6 PINS
θJA
Junction-to-ambient thermal resistance
186.4
θJC(top)
Junction-to-case(top) thermal resistance
90.4
θJB
Junction-to-board thermal resistance
110.7
°C/W
ψJT
Junction-to-top characterization parameter
96.7
ψJB
Junction-to-board characterization parameter
90
θJC(bottom)
Junction-to-case(bottom) thermal resistance
n/a
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
2
Submit Documentation Feedback
Copyright © 2011–2012, Texas Instruments Incorporated
Product Folder Link(s): bq294602 bq294604


Similar Part No. - BQ294682

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ294682 TI1-BQ294682 Datasheet
917Kb / 21P
[Old version datasheet]   Single-Cell Protector for Li-Ion Batteries
bq294682 TI1-bq294682 Datasheet
932Kb / 21P
[Old version datasheet]   Single-Cell Protector for Li-Ion Batteries
BQ294682DRVR TI1-BQ294682DRVR Datasheet
917Kb / 21P
[Old version datasheet]   Single-Cell Protector for Li-Ion Batteries
BQ294682DRVR TI1-BQ294682DRVR Datasheet
932Kb / 21P
[Old version datasheet]   Single-Cell Protector for Li-Ion Batteries
BQ294682DRVT TI1-BQ294682DRVT Datasheet
917Kb / 21P
[Old version datasheet]   Single-Cell Protector for Li-Ion Batteries
More results

Similar Description - BQ294682

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ294602 TI1-BQ294602_16 Datasheet
917Kb / 21P
[Old version datasheet]   Single-Cell Protector for Li-Ion Batteries
BQ294602 TI1-BQ294602_17 Datasheet
932Kb / 21P
[Old version datasheet]   Single-Cell Protector for Li-Ion Batteries
logo
Intersil Corporation
ISL6292BCR INTERSIL-ISL6292BCR Datasheet
293Kb / 12P
   Complete Charger for Single-Cell Li-ion Batteries
April 19, 2005
ISL9219IRZ INTERSIL-ISL9219IRZ Datasheet
226Kb / 12P
   Complete Charger for Single-Cell Li-ion/Polymer Batteries
April 7, 2010
logo
Shenzhen Huazhimei Semi...
DW01V HMSEMI-DW01V Datasheet
499Kb / 10P
   Ideal protection circuit for single-cell Li-Ion or Li-Polymer batteries
logo
Intersil Corporation
ISL9220B INTERSIL-ISL9220B_10 Datasheet
463Kb / 15P
   Switching Charger for 1-Cell Li-ion Batteries
logo
Eutech Microelectronics...
EUP9261 EUTECH-EUP9261 Datasheet
445Kb / 23P
   LI-ION/POLYMER ONE CELL PROTECTOR
logo
Freescale Semiconductor...
MC34674 FREESCALE-MC34674_08 Datasheet
585Kb / 26P
   High Input Voltage Travel Charger for Single-cell Li-Ion Batteries
logo
NXP Semiconductors
34671 NXP-34671 Datasheet
831Kb / 22P
   High Input Voltage 600mA Charger for Single-cell Li-Ion Batteries
Rev. 1.0, 01/2008
logo
Taiwan Semiconductor Co...
TS2207A TSC-TS2207A Datasheet
152Kb / 6P
   Li-Ion Battery Protector Ideal for One-Cell Rechargeable Li-Ion Battery
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com