Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ294684 Datasheet(PDF) 1 Page - Texas Instruments

Part # BQ294684
Description  Single-Cell Protector for Li-Ion Batteries
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ294684 Datasheet(HTML) 1 Page - Texas Instruments

  BQ294684 Datasheet HTML 1Page - Texas Instruments BQ294684 Datasheet HTML 2Page - Texas Instruments BQ294684 Datasheet HTML 3Page - Texas Instruments BQ294684 Datasheet HTML 4Page - Texas Instruments BQ294684 Datasheet HTML 5Page - Texas Instruments BQ294684 Datasheet HTML 6Page - Texas Instruments BQ294684 Datasheet HTML 7Page - Texas Instruments BQ294684 Datasheet HTML 8Page - Texas Instruments BQ294684 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
DRV Package
(Top View)
1
2
3
4
5
6
OUT
VDD
NC
V1
VSS
PWR PAD
VSS
bq294602, bq294604
www.ti.com
SLUSAS0B – DECEMBER 2011 – REVISED MARCH 2012
Single-Cell Protector for Li-Ion Batteries
Check for Samples: bq294602, bq294604
1
FEATURES
Low Power Consumption ICC ≈ 1 µA
(VCELL(ALL) < VPROTECT)
Single-Cell Monitor for Secondary Protection
Low leakage current per cell input < 100 nA
Fixed Programmable Delay Timer
Small package footprint
Fixed OVP Threshold
6-pin SON
bq294602 = 4.35 V with 4-s Delay Timer
bq294604 = 4.35 V with 6.5-s Delay Timer
APPLICATIONS
bq294622 = 4.45 V with 4-s Delay Timer
2nd-Level Protection in Li-Ion Battery Packs in:
bq294624 = 4.45 V with 6.5-s Delay Timer
Tablets
bq294682 = 4.225 V with 4-s Delay Timer
Slates
bq294684 = 4.225 V with 6.5-s Delay Timer
Portable Equipment and Instrumentation
High-Accuracy Overvoltage Protection:
± 10 mV
DESCRIPTION
The bq2946xy family of products is a secondary level voltage monitor and protector for Li-Ion battery pack
systems. The cell is monitored for over voltage condition and triggers an internal counter once the OVP threshold
is exceeded and after a fixed set delay the out is transitioned to a high level. The output is reset (goes low) if the
cell voltage drops below the set threshold minus the hysteresis.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
UNLESS
OTHERWISE
NOTED
this
document
contains
Copyright © 2011–2012, Texas Instruments Incorporated
PRODUCTION DATA information current as of publication date.
Products conform to specifications per the terms of Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - BQ294684

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ294682 TI1-BQ294682 Datasheet
917Kb / 21P
[Old version datasheet]   Single-Cell Protector for Li-Ion Batteries
bq294682 TI1-bq294682 Datasheet
932Kb / 21P
[Old version datasheet]   Single-Cell Protector for Li-Ion Batteries
BQ294682DRVR TI1-BQ294682DRVR Datasheet
917Kb / 21P
[Old version datasheet]   Single-Cell Protector for Li-Ion Batteries
BQ294682DRVR TI1-BQ294682DRVR Datasheet
932Kb / 21P
[Old version datasheet]   Single-Cell Protector for Li-Ion Batteries
BQ294682DRVT TI1-BQ294682DRVT Datasheet
917Kb / 21P
[Old version datasheet]   Single-Cell Protector for Li-Ion Batteries
More results

Similar Description - BQ294684

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ294602 TI1-BQ294602_16 Datasheet
917Kb / 21P
[Old version datasheet]   Single-Cell Protector for Li-Ion Batteries
BQ294602 TI1-BQ294602_17 Datasheet
932Kb / 21P
[Old version datasheet]   Single-Cell Protector for Li-Ion Batteries
logo
Intersil Corporation
ISL6292BCR INTERSIL-ISL6292BCR Datasheet
293Kb / 12P
   Complete Charger for Single-Cell Li-ion Batteries
April 19, 2005
ISL9219IRZ INTERSIL-ISL9219IRZ Datasheet
226Kb / 12P
   Complete Charger for Single-Cell Li-ion/Polymer Batteries
April 7, 2010
logo
Shenzhen Huazhimei Semi...
DW01V HMSEMI-DW01V Datasheet
499Kb / 10P
   Ideal protection circuit for single-cell Li-Ion or Li-Polymer batteries
logo
Intersil Corporation
ISL9220B INTERSIL-ISL9220B_10 Datasheet
463Kb / 15P
   Switching Charger for 1-Cell Li-ion Batteries
logo
Eutech Microelectronics...
EUP9261 EUTECH-EUP9261 Datasheet
445Kb / 23P
   LI-ION/POLYMER ONE CELL PROTECTOR
logo
Freescale Semiconductor...
MC34674 FREESCALE-MC34674_08 Datasheet
585Kb / 26P
   High Input Voltage Travel Charger for Single-cell Li-Ion Batteries
logo
NXP Semiconductors
34671 NXP-34671 Datasheet
831Kb / 22P
   High Input Voltage 600mA Charger for Single-cell Li-Ion Batteries
Rev. 1.0, 01/2008
logo
Taiwan Semiconductor Co...
TS2207A TSC-TS2207A Datasheet
152Kb / 6P
   Li-Ion Battery Protector Ideal for One-Cell Rechargeable Li-Ion Battery
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com