Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLE24C02-D Datasheet(PDF) 11 Page - Siemens Semiconductor Group

Part # SLE24C02-D
Description  1/2 Kbit 128/256 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SLE24C02-D Datasheet(HTML) 11 Page - Siemens Semiconductor Group

Back Button SLE24C02-D Datasheet HTML 7Page - Siemens Semiconductor Group SLE24C02-D Datasheet HTML 8Page - Siemens Semiconductor Group SLE24C02-D Datasheet HTML 9Page - Siemens Semiconductor Group SLE24C02-D Datasheet HTML 10Page - Siemens Semiconductor Group SLE24C02-D Datasheet HTML 11Page - Siemens Semiconductor Group SLE24C02-D Datasheet HTML 12Page - Siemens Semiconductor Group SLE24C02-D Datasheet HTML 13Page - Siemens Semiconductor Group SLE24C02-D Datasheet HTML 14Page - Siemens Semiconductor Group SLE24C02-D Datasheet HTML 15Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
SLx 24C01/02/P
Semiconductor Group
11
1998-07-27
5
Write Operations
Changing of the EEPROM data is initiated by the master with the command byte CSW.
Depending on the state of the Write Protection pin WP and of the Protection Bits (refer
to chapter 7 Page Protection Mode
TM) either one byte (ByteWrite)orupto8bytes
(Page Write) are modified in one programming procedure.
5.1
Byte Write
Figure 7
Byte Write Sequence
The erase/write cycle is finished latest after 8 ms. Acknowledge polling may be used for
speed enhancement in order to indicate the end of the erase/write cycle (refer to
chapter 5.3 Acknowledge Polling).
Address Setting
After a START condition the master transmits the Chip Select
Write byte CSW. The EEPROM acknowledges the CSW byte
during the ninth clock cycle. The following byte with the
EEPROM address (A0 to A6 or A7) is loaded into the address
counter of the EEPROM and acknowledged by the EEPROM.
Transmission of Data
Finally the master transmits the data byte which is also
acknowledged by the EEPROM into the internal buffer.
Programming Cycle
Then the master applies a STOP condition which starts the
internal programming procedure. The data bytes are written in
thememorylocationaddressedinthe EEA byte (A0toA6or
A7). The programming procedure consists of an internally
timed erase/write cycle. In the first step, the selected byte is
erased to “1”. With the next internal step, the addressed byte
is written according to the contents of the buffer.
Command Byte
CSW
S
P
C
K
A
C
K
A
S
T
A
R
T
T
P
O
S
EEPROM Address
EEA
Data Byte
Bus Activity
Master
SDA Line
Bus Activity
EEPROM
IED02129
C
K
A
0


Similar Part No. - SLE24C02-D

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SLE24C04-D SIEMENS-SLE24C04-D Datasheet
314Kb / 22P
   4 Kbit 512 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus
SLE24C04-D/P SIEMENS-SLE24C04-D/P Datasheet
358Kb / 27P
   4 Kbit 512 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus, Page Protection Mode
SLE24C04-S SIEMENS-SLE24C04-S Datasheet
314Kb / 22P
   4 Kbit 512 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus
SLE24C04-S/P SIEMENS-SLE24C04-S/P Datasheet
358Kb / 27P
   4 Kbit 512 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus, Page Protection Mode
SLE24C08-D SIEMENS-SLE24C08-D Datasheet
317Kb / 22P
   8/16 Kbit 1024/2048 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus
More results

Similar Description - SLE24C02-D

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SLX24C32 SIEMENS-SLX24C32 Datasheet
357Kb / 26P
   32 Kbit 4096 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus
SLX24C04 SIEMENS-SLX24C04 Datasheet
314Kb / 22P
   4 Kbit 512 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus
SLX24C164 SIEMENS-SLX24C164 Datasheet
315Kb / 22P
   16 Kbit 2048 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus
SLX24C64 SIEMENS-SLX24C64 Datasheet
358Kb / 26P
   64 Kbit 8192 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus
SLX24C0816 SIEMENS-SLX24C0816 Datasheet
317Kb / 22P
   8/16 Kbit 1024/2048 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus
SLX24C04P SIEMENS-SLX24C04P Datasheet
358Kb / 27P
   4 Kbit 512 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus, Page Protection Mode
SLX24C164P SIEMENS-SLX24C164P Datasheet
361Kb / 27P
   16 Kbit 2048 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus, Page Protection Mode
SLX24C0816P SIEMENS-SLX24C0816P Datasheet
362Kb / 27P
   8/16 Kbit 1024/2048 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus, Page Protection Mode
logo
Microchip Technology
AT24C01C MICROCHIP-AT24C01C Datasheet
1Mb / 45P
   I²C-Compatible (Two-Wire) Serial EEPROM 1‑Kbit (128 x 8), 2‑Kbit (256 x 8)
2018
logo
NXP Semiconductors
PCX8582X-2 PHILIPS-PCX8582X-2 Datasheet
156Kb / 20P
   256 x 8-bit CMOS EEPROMS with I2C-bus interface
December 1994
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com