Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ24167RGET Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24167RGET
Description  2.5A, Dual-Input, Single Cell Switch Mode Li-Ion Battery Charger with Power Path
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24167RGET Datasheet(HTML) 2 Page - Texas Instruments

  BQ24167RGET Datasheet HTML 1Page - Texas Instruments BQ24167RGET Datasheet HTML 2Page - Texas Instruments BQ24167RGET Datasheet HTML 3Page - Texas Instruments BQ24167RGET Datasheet HTML 4Page - Texas Instruments BQ24167RGET Datasheet HTML 5Page - Texas Instruments BQ24167RGET Datasheet HTML 6Page - Texas Instruments BQ24167RGET Datasheet HTML 7Page - Texas Instruments BQ24167RGET Datasheet HTML 8Page - Texas Instruments BQ24167RGET Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 35 page
background image
bq24165
bq24166
bq24167
SLUSAP4A – DECEMBER 2011 – REVISED MARCH 2012
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
DESCRIPTION (CONTINUED)
The power path management feature allows the bq24165/166/167 to power the system from a high efficiency DC
to DC converter while simultaneously and independently charging the battery. The charger monitors the battery
current at all times and reduces the charge current when the system load requires current above the input
current limit. This allows for proper charge termination and timer operation. The system voltage is regulated to
the battery voltage but will not drop below 3.5V. This minimum system voltage support enables the system to run
with a defective or absent battery pack and enables instant system turn-on even with a totally discharged battery
or no battery. The power-path management architecture also permits the battery to supplement the system
current requirements when the adapter cannot deliver the peak system currents. This enables the use of a
smaller adapter. The 2.5A input current capability allows for GSM phone calls as soon as the adapter is plugged
in regardless of the battery voltage.
The battery is charged in three phases: conditioning, constant current and constant voltage. In all charge phases,
an internal control loop monitors the IC junction temperature and reduces the charge current if the internal
temperature threshold is exceeded. Additionally, the bq24166 and bq24167 offer a voltage-based battery pack
thermistor monitoring input (TS) that monitors battery temperature for safe charging. The TS function for
bq24166 is JEITA compatible.
⋁⊕
ORDERING INFORMATION
PART NUMBER
USB OVP
IN OVP
NTC MONITORING (TS)
JEITA COMPATIBLE
Package
bq24165YFFR
6.5V
10.5 V
No
Yes
WCSP
bq24165YFFT
6.5 V
10.5 V
No
Yes
WCSP
bq24165RGER
6.5V
10.5 V
No
Yes
QFN
bq24165RGET
6.5 V
10.5 V
No
Yes
QFN
bq24166YFFR
6.5 V
10.5 V
Yes
No
WCSP
bq24166YFFT
6.5 V
10.5 V
Yes
No
WCSP
bq24166RGER
6.5 V
10.5 V
Yes
No
QFN
bq24166RGET
6.5 V
10.5 V
Yes
No
QFN
bq24167YFFR
6.5 V
10.5 V
Yes
Yes
WCSP
bq24167YFFT
6.5 V
10.5 V
Yes
Yes
WCSP
bq24167RGER
6.5 V
10.5 V
Yes
Yes
QFN
bq24167RGET
6.5 V
10.5 V
Yes
Yes
QFN
2
Copyright © 2011–2012, Texas Instruments Incorporated


Similar Part No. - BQ24167RGET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24167 TI1-BQ24167 Datasheet
2Mb / 38P
[Old version datasheet]   2.5A, Dual-Input, Single Cell Switch Mode Li-Ion Battery Charger with Power Path Management
More results

Similar Description - BQ24167RGET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24165 TI1-BQ24165_14 Datasheet
2Mb / 38P
[Old version datasheet]   2.5A, Dual-Input, Single Cell Switch Mode Li-Ion Battery Charger with Power Path Management
BQ24160 TI-BQ24160 Datasheet
1Mb / 44P
[Old version datasheet]   2.5A, Dual-Input, Single Cell Switchmode Li-Ion Battery Charger with Power Path
BQ24278 TI1-BQ24278 Datasheet
1Mb / 29P
[Old version datasheet]   2.5A, Single Input, Single Cell Switchmode Li-Ion BATTERY CHARGER with Power Path Management
BQ24272 TI1-BQ24272 Datasheet
1Mb / 32P
[Old version datasheet]   2.5A, Single Input, Single Cell Switchmode Li-Ion Battery Charger with Power Path Management
BQ24160A TI-BQ24160A_15 Datasheet
2Mb / 52P
[Old version datasheet]   bq2416xx 2.5A, Dual-Input, Single-Cell Switched-Mode Li-Ion Battery Charger with Power Path Management and I2C Interface
BQ24161B TI-BQ24161B_15 Datasheet
2Mb / 52P
[Old version datasheet]   bq2416xx 2.5A, Dual-Input, Single-Cell Switched-Mode Li-Ion Battery Charger with Power Path Management and I2C Interface
BQ24160 TI-BQ24160_V01 Datasheet
3Mb / 53P
[Old version datasheet]   bq2416xx 2.5A, Dual-Input, Single-Cell Switched-Mode Li-Ion Battery Charger with Power Path Management and I2C Interface
logo
Richtek Technology Corp...
RT9451 RICHTEK-RT9451_17 Datasheet
319Kb / 37P
   Switch-Mode Single Cell Li-ion Battery Charger
RT9458 RICHTEK-RT9458 Datasheet
244Kb / 27P
   Switch-Mode Single Cell Li-Ion Battery Charger
RT9525 RICHTEK-RT9525 Datasheet
431Kb / 15P
   Linear Single Cell Li-Ion Battery Charger with Auto Power Path
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com