Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ24168YFFR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24168YFFR
Description  2.5A, Dual-Input, Single Cell Switchmode Li-Ion Battery Charger with Power Path
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24168YFFR Datasheet(HTML) 11 Page - Texas Instruments

Back Button BQ24168YFFR Datasheet HTML 7Page - Texas Instruments BQ24168YFFR Datasheet HTML 8Page - Texas Instruments BQ24168YFFR Datasheet HTML 9Page - Texas Instruments BQ24168YFFR Datasheet HTML 10Page - Texas Instruments BQ24168YFFR Datasheet HTML 11Page - Texas Instruments BQ24168YFFR Datasheet HTML 12Page - Texas Instruments BQ24168YFFR Datasheet HTML 13Page - Texas Instruments BQ24168YFFR Datasheet HTML 14Page - Texas Instruments BQ24168YFFR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 44 page
background image
SW
SYS
BAT
BGATE
TS
DRV
PGND
PMIDU
USB
SDA
INT
BOOT
VSYS
(1.8V)
PMIDI
IN
System
Load
GSM
PA
STAT
D+
VBUS
D+
D-
GND
ADAPTER
SCL
HOST
SCL
SDA
GPIO1
TEMP
PACK+
PACK-
VDRV
bq24160
D-
1 F
m
4.7 F
m
1 F
m
4.7 F
m
1 F
m
0.01 F
m
10 F
m
1.5 H
m
1 F
m
bq24160, bq24161
bq24163, bq24168
www.ti.com
SLUSAO0A – NOVEMBER 2011 – REVISED MARCH 2012
PIN FUNCTIONS (continued)
PIN NO.
PIN NO.
PIN
bq24160/3
bq24161/8
I/O
DESCRIPTION
NAME
YFF
RGE
YFF
RGE
TS
G5
9
G5
9
I
Battery Pack NTC Monitor – Connect TS to the center tap of a resistor divider from
DRV to GND. The NTC is connected from TS to GND. The TS function provides 4
thresholds for JEITA compatibility (160/163/168 only). TS faults are reported by the
I2C interface. See the NTC Monitor section for more details on operation and
selecting the resistor values. Connect TS to DRV to disable the TS function.
USB
A5-A7
22
A5-A7
22
I
USB Input Power Supply – USB is connected to the external DC supply (AC
adapter or USB port). Bypass USB to PGND with at least a 1
μF ceramic capacitor.
Thermal
Pad
Pad
There is an internal electrical connection between the exposed thermal pad and the
PGND pin of the device. The thermal pad must be connected to the same potential
Pad
as the PGND pin on the printed circuit board. Do not use the thermal pad as the
primary ground input for the device. PGND pin must be connected to ground at all
times.
TYPICAL APPLICATION CIRCUIT
Figure 3. bq24160, Shown with no External Discharge FET, PA Connected to Battery
Copyright © 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): bq24160 bq24161 bq24163 bq24168


Similar Part No. - BQ24168YFFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24168YFFR TI1-BQ24168YFFR Datasheet
2Mb / 52P
[Old version datasheet]   Single-Cell Switched-Mode Li-Ion Battery Charger
BQ24168YFFR TI-BQ24168YFFR Datasheet
3Mb / 53P
[Old version datasheet]   bq2416xx 2.5A, Dual-Input, Single-Cell Switched-Mode Li-Ion Battery Charger with Power Path Management and I2C Interface
More results

Similar Description - BQ24168YFFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24278 TI1-BQ24278 Datasheet
1Mb / 29P
[Old version datasheet]   2.5A, Single Input, Single Cell Switchmode Li-Ion BATTERY CHARGER with Power Path Management
BQ24272 TI1-BQ24272 Datasheet
1Mb / 32P
[Old version datasheet]   2.5A, Single Input, Single Cell Switchmode Li-Ion Battery Charger with Power Path Management
BQ24165 TI-BQ24165 Datasheet
1Mb / 35P
[Old version datasheet]   2.5A, Dual-Input, Single Cell Switch Mode Li-Ion Battery Charger with Power Path
BQ24270 TI-BQ24270 Datasheet
1Mb / 38P
[Old version datasheet]   1.5A, Singe Input, Single Cell Switchmode Li-Ion Battery Charger with Power Path
BQ24165 TI1-BQ24165_14 Datasheet
2Mb / 38P
[Old version datasheet]   2.5A, Dual-Input, Single Cell Switch Mode Li-Ion Battery Charger with Power Path Management
BQ24273 TI1-BQ24273 Datasheet
681Kb / 27P
[Old version datasheet]   2.5A, Single Input, Single Cell Switchmode Li-Ion Battery Charger with Integrated Current Sense
logo
Richtek Technology Corp...
RT9525 RICHTEK-RT9525 Datasheet
431Kb / 15P
   Linear Single Cell Li-Ion Battery Charger with Auto Power Path
logo
Texas Instruments
BQ24160A TI-BQ24160A_15 Datasheet
2Mb / 52P
[Old version datasheet]   bq2416xx 2.5A, Dual-Input, Single-Cell Switched-Mode Li-Ion Battery Charger with Power Path Management and I2C Interface
BQ24161B TI-BQ24161B_15 Datasheet
2Mb / 52P
[Old version datasheet]   bq2416xx 2.5A, Dual-Input, Single-Cell Switched-Mode Li-Ion Battery Charger with Power Path Management and I2C Interface
BQ24160 TI-BQ24160_V01 Datasheet
3Mb / 53P
[Old version datasheet]   bq2416xx 2.5A, Dual-Input, Single-Cell Switched-Mode Li-Ion Battery Charger with Power Path Management and I2C Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com