Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ24168YFFT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24168YFFT
Description  2.5A, Dual-Input, Single Cell Switchmode Li-Ion Battery Charger with Power Path
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24168YFFT Datasheet(HTML) 1 Page - Texas Instruments

  BQ24168YFFT Datasheet HTML 1Page - Texas Instruments BQ24168YFFT Datasheet HTML 2Page - Texas Instruments BQ24168YFFT Datasheet HTML 3Page - Texas Instruments BQ24168YFFT Datasheet HTML 4Page - Texas Instruments BQ24168YFFT Datasheet HTML 5Page - Texas Instruments BQ24168YFFT Datasheet HTML 6Page - Texas Instruments BQ24168YFFT Datasheet HTML 7Page - Texas Instruments BQ24168YFFT Datasheet HTML 8Page - Texas Instruments BQ24168YFFT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
SW
SYS
BAT
DRV
PGND
PMIDU
USB
SDA
SCL
INT
BOOT
HOST
PMIDI
IN
VBUS
D+
D–
GND
AC Adapter or
Wireless Power
System
Load
TS
D+
D–
VSYS
TEMP PACK+
+
PACK–
bq24160, bq24161
bq24163, bq24168
www.ti.com
SLUSAO0A – NOVEMBER 2011 – REVISED MARCH 2012
2.5A, Dual-Input, Single Cell Switchmode Li-Ion Battery Charger with Power Path
Management and I2C Interface
Check for Samples: bq24160, bq24161, bq24163, bq24168
1
FEATURES
APPLICATIONS
2
High-Efficiency Switch Mode Charger with
Handheld Products
Separate Power Path Control
Portable Media Players
Make a GSM Call with a Deeply Discharged
Portable Equipment
Battery or No Battery
Netbook and Portable Internet Devices
Instantly Start Up System from a Deeply
Discharged Battery or No Battery
DESCRIPTION
Dual Input Charger
The bq24160/ bq24161/ bq24163/ bq24168 are highly
integrated single cell Li-Ion battery charger and
Highly Integrated Battery N-Channel MOSFET
system power path management devices targeted for
Controller for Power Path Management
space-limited, portable applications with high capacity
20 V input rating, with Overvoltage
batteries. The single cell charger has dual inputs
Protection (OVP)
which allow operation from either a USB port or
6.5 V for USB Input
higher-power input supply (i.e., AC adapter or
wireless charging input) for a versatile solution. The
10.5 V for IN input (bq24160/1/3)
two inputs are fully isolated from each other and are
6.5 V for IN input (bq24168)
easily selectable using the I2C interface.
Integrated FETs for Up to 2.5A Charge Rate
APPLICATION SCHEMATIC
Up to 2.5 A from IN Input (input current
limit)
Up to 1.5 A from USB Input (input
current limit)
Safe and Accurate Battery Management
Functions
0.5% Battery Regulation Accuracy
10% Charge Current Accuracy
Charge Parameters Programmed Using I2C™
Interface
Charge Voltage, Current, Termination
Threshold, Input Current Limit, VINDPM
Threshold
Voltage Based, NTC Monitoring Input
JEITA Compatible (bq24160/3/8)
Thermal Regulation Protection for Output
Current Control
Low Battery Leakage Current, BAT Short-
Circuit Protection
Soft-Start Feature to Reduce Inrush Current
Thermal Shutdown and Protection
Available in small 2.8mm × 2.8mm 49-ball
WCSP or 4mm × 4mm QFN-24 Packages
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
I2C is a trademark of NXP Semiconductor.
PRODUCTION DATA information is current as of publication date.
Copyright © 2011–2012, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - BQ24168YFFT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24168YFFT TI1-BQ24168YFFT Datasheet
2Mb / 52P
[Old version datasheet]   Single-Cell Switched-Mode Li-Ion Battery Charger
BQ24168YFFT TI-BQ24168YFFT Datasheet
3Mb / 53P
[Old version datasheet]   bq2416xx 2.5A, Dual-Input, Single-Cell Switched-Mode Li-Ion Battery Charger with Power Path Management and I2C Interface
More results

Similar Description - BQ24168YFFT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24278 TI1-BQ24278 Datasheet
1Mb / 29P
[Old version datasheet]   2.5A, Single Input, Single Cell Switchmode Li-Ion BATTERY CHARGER with Power Path Management
BQ24272 TI1-BQ24272 Datasheet
1Mb / 32P
[Old version datasheet]   2.5A, Single Input, Single Cell Switchmode Li-Ion Battery Charger with Power Path Management
BQ24165 TI-BQ24165 Datasheet
1Mb / 35P
[Old version datasheet]   2.5A, Dual-Input, Single Cell Switch Mode Li-Ion Battery Charger with Power Path
BQ24270 TI-BQ24270 Datasheet
1Mb / 38P
[Old version datasheet]   1.5A, Singe Input, Single Cell Switchmode Li-Ion Battery Charger with Power Path
BQ24165 TI1-BQ24165_14 Datasheet
2Mb / 38P
[Old version datasheet]   2.5A, Dual-Input, Single Cell Switch Mode Li-Ion Battery Charger with Power Path Management
BQ24273 TI1-BQ24273 Datasheet
681Kb / 27P
[Old version datasheet]   2.5A, Single Input, Single Cell Switchmode Li-Ion Battery Charger with Integrated Current Sense
logo
Richtek Technology Corp...
RT9525 RICHTEK-RT9525 Datasheet
431Kb / 15P
   Linear Single Cell Li-Ion Battery Charger with Auto Power Path
logo
Texas Instruments
BQ24160A TI-BQ24160A_15 Datasheet
2Mb / 52P
[Old version datasheet]   bq2416xx 2.5A, Dual-Input, Single-Cell Switched-Mode Li-Ion Battery Charger with Power Path Management and I2C Interface
BQ24161B TI-BQ24161B_15 Datasheet
2Mb / 52P
[Old version datasheet]   bq2416xx 2.5A, Dual-Input, Single-Cell Switched-Mode Li-Ion Battery Charger with Power Path Management and I2C Interface
BQ24160 TI-BQ24160_V01 Datasheet
3Mb / 53P
[Old version datasheet]   bq2416xx 2.5A, Dual-Input, Single-Cell Switched-Mode Li-Ion Battery Charger with Power Path Management and I2C Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com