Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRV8830DGQ Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # DRV8830DGQ
Description  LOW-VOLTAGE MOTOR DRIVER WITH SERIAL INTERFACE
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8830DGQ Datasheet(HTML) 5 Page - Texas Instruments

  DRV8830DGQ Datasheet HTML 1Page - Texas Instruments DRV8830DGQ Datasheet HTML 2Page - Texas Instruments DRV8830DGQ Datasheet HTML 3Page - Texas Instruments DRV8830DGQ Datasheet HTML 4Page - Texas Instruments DRV8830DGQ Datasheet HTML 5Page - Texas Instruments DRV8830DGQ Datasheet HTML 6Page - Texas Instruments DRV8830DGQ Datasheet HTML 7Page - Texas Instruments DRV8830DGQ Datasheet HTML 8Page - Texas Instruments DRV8830DGQ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
DRV8830
www.ti.com
SLVSAB2F
– MAY 2010 – REVISED FEBRUARY 2012
ELECTRICAL CHARACTERISTICS
VCC = 2.75 V to 6.8 V, TA = -40°C to 85°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
POWER SUPPLIES
IVCC
VCC operating supply current
VCC = 5 V
1.4
2
mA
IVCCQ
VCC sleep mode supply current
VCC = 5 V, TA = 25°C
0.3
1
μA
VCC rising
2.575
2.75
VCC undervoltage lockout
VUVLO
V
voltage
VCC falling
2.47
LOGIC-LEVEL INPUTS
VIL
Input low voltage
0.25 x VCC
0.38 x VCC
V
VIH
Input high voltage
0.46 x VCC
0.5 x VCC
V
VHYS
Input hysteresis
0.08 x VCC
V
IIL
Input low current
VIN = 0
-10
10
μA
IIH
Input high current
VIN = 3.3 V
50
μA
LOGIC-LEVEL OUTPUTS (FAULTn)
VOL
Output low voltage
IOL = 4 mA, VCC = 5 V
0.5
V
H-BRIDGE FETS
VCC = 5 V, I O = 0.8 A, TJ = 85°C
290
400
RDS(ON)
HS FET on resistance
m
VCC = 5 V, I O = 0.8 A, TJ = 25°C
250
VCC = 5 V, I O = 0.8 A, TJ = 85°C
230
320
RDS(ON)
LS FET on resistance
m
VCC = 5 V, I O = 0.8 A, TJ = 25°C
200
IOFF
Off-state leakage current
–20
20
μA
MOTOR DRIVER
tR
Rise time
VCC = 3 V, load = 4 Ω
50
300
ns
tF
Fall time
VCC = 3 V, load = 4 Ω
50
300
ns
fSW
Internal PWM frequency
44.5
kHz
PROTECTION CIRCUITS
IOCP
Overcurrent protection trip level
1.3
3
A
tOCP
OCP deglitch time
2
μs
TTSD
Thermal shutdown temperature
Die temperature(1)
150
160
180
°C
VOLTAGE CONTROL
VREF
Reference output voltage
1.235
1.285
1.335
V
VCC = 3.3 V to 6 V, VOUT = 3 V,
(1)
ΔVLINE
Line regulation
±1
%
IOUT = 500 mA
VCC = 5 V, VOUT = 3 V,
ΔVLOAD
Load regulation
±1
%
IOUT = 200 mA to 800 mA
(1)
CURRENT LIMIT
VILIM
Current limit sense voltage
160
200
240
mV
tILIM
Current limit fault deglitch time
275
ms
Current limit sense resistance
RISEN
0
1
Ω
(external resistor value)
(1)
Not production tested.
Copyright
© 2010–2012, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): DRV8830


Similar Part No. - DRV8830DGQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8830 TI-DRV8830_15 Datasheet
1Mb / 25P
[Old version datasheet]   LOW-VOLTAGE MOTOR DRIVER WITH SERIAL INTERFACE
DRV8830 TI1-DRV8830_16 Datasheet
487Kb / 22P
[Old version datasheet]   Low-Voltage Motor Driver With Serial Interface
More results

Similar Description - DRV8830DGQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8830 TI-DRV8830_15 Datasheet
1Mb / 25P
[Old version datasheet]   LOW-VOLTAGE MOTOR DRIVER WITH SERIAL INTERFACE
DRV8830 TI1-DRV8830_16 Datasheet
487Kb / 22P
[Old version datasheet]   Low-Voltage Motor Driver With Serial Interface
DRV8823 TI1-DRV8823 Datasheet
771Kb / 20P
[Old version datasheet]   4-BRIDGE SERIAL INTERFACE MOTOR DRIVER
DRV8823-Q1 TI-DRV8823-Q1_15 Datasheet
870Kb / 22P
[Old version datasheet]   4-BRIDGE SERIAL INTERFACE MOTOR DRIVER
DRV8823-Q1 TI1-DRV8823-Q1 Datasheet
265Kb / 18P
[Old version datasheet]   4-BRIDGE SERIAL INTERFACE MOTOR DRIVER
DRV8823 TI-DRV8823_15 Datasheet
651Kb / 21P
[Old version datasheet]   4-BRIDGE SERIAL INTERFACE MOTOR DRIVER
DRV8823 TI1-DRV8823_16 Datasheet
1Mb / 32P
[Old version datasheet]   4-Bridge Serial Interface Motor Driver
logo
TRINAMIC Motion Control...
PD-140-42-SE TRINAMIC-PD-140-42-SE Datasheet
231Kb / 1P
   42mm/NEMA17 Stepper Motor with Controller/Driver, Encoderand Serial Interface
PD-110-42 TRINAMIC-PD-110-42 Datasheet
287Kb / 1P
   42mm / NEMA17 Stepper Motor with Controller / Driver and Serial Interface
PD-108-28 TRINAMIC-PD-108-28 Datasheet
257Kb / 1P
   28mm / NEMA11 Stepper Motor with Controller / Driver and Serial Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com