Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRV8830DRCT Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # DRV8830DRCT
Description  LOW-VOLTAGE MOTOR DRIVER WITH SERIAL INTERFACE
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8830DRCT Datasheet(HTML) 8 Page - Texas Instruments

Back Button DRV8830DRCT Datasheet HTML 4Page - Texas Instruments DRV8830DRCT Datasheet HTML 5Page - Texas Instruments DRV8830DRCT Datasheet HTML 6Page - Texas Instruments DRV8830DRCT Datasheet HTML 7Page - Texas Instruments DRV8830DRCT Datasheet HTML 8Page - Texas Instruments DRV8830DRCT Datasheet HTML 9Page - Texas Instruments DRV8830DRCT Datasheet HTML 10Page - Texas Instruments DRV8830DRCT Datasheet HTML 11Page - Texas Instruments DRV8830DRCT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
OUT 1
OUT2
VCC
IN2
Pre-
drive
VCC
PWM
OCP
OCP
IN1
VSET
Integrator
DIFF
COMP
DCM
/4
ISEN
+
-
COMP
REF
ITRIP
DRV8830
SLVSAB2F
– MAY 2010 – REVISED FEBRUARY 2012
www.ti.com
FUNCTIONAL DESCRIPTION
PWM Motor Driver
The DRV8830 contains an H-bridge motor driver with PWM voltage-control circuitry with current limit circuitry. A
block diagram of the motor control circuitry is shown below.
Figure 5. Motor Control Circuitry
Bridge Control
The IN1 and IN2 control bits in the serial interface register enable the H-bridge outputs. The following table
shows the logic:
Table 2. H-Bridge Logic
IN1
IN2
OUT1
OUT2
Function
0
0
Z
Z
Standby/coast
0
1
L
H
Reverse
1
0
H
L
Forward
1
1
H
H
Brake
When both bits are zero, the output drivers are disabled and the device is placed into a low-power shutdown
state. The current limit fault condition (if present) is also cleared.
At initial power-up, the device will enter the low-power shutdown state. Note that when transitioning from either
brake or standby mode to forward or reverse, the voltage control PWM starts at zero duty cycle. The duty cycle
slowly ramps up to the commanded voltage. This can take up to 12 ms to go from standby to 100% duty cycle.
8
Submit Documentation Feedback
Copyright
© 2010–2012, Texas Instruments Incorporated
Product Folder Link(s): DRV8830


Similar Part No. - DRV8830DRCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8830 TI-DRV8830_15 Datasheet
1Mb / 25P
[Old version datasheet]   LOW-VOLTAGE MOTOR DRIVER WITH SERIAL INTERFACE
DRV8830 TI1-DRV8830_16 Datasheet
487Kb / 22P
[Old version datasheet]   Low-Voltage Motor Driver With Serial Interface
More results

Similar Description - DRV8830DRCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8830 TI-DRV8830_15 Datasheet
1Mb / 25P
[Old version datasheet]   LOW-VOLTAGE MOTOR DRIVER WITH SERIAL INTERFACE
DRV8830 TI1-DRV8830_16 Datasheet
487Kb / 22P
[Old version datasheet]   Low-Voltage Motor Driver With Serial Interface
DRV8823 TI1-DRV8823 Datasheet
771Kb / 20P
[Old version datasheet]   4-BRIDGE SERIAL INTERFACE MOTOR DRIVER
DRV8823-Q1 TI-DRV8823-Q1_15 Datasheet
870Kb / 22P
[Old version datasheet]   4-BRIDGE SERIAL INTERFACE MOTOR DRIVER
DRV8823-Q1 TI1-DRV8823-Q1 Datasheet
265Kb / 18P
[Old version datasheet]   4-BRIDGE SERIAL INTERFACE MOTOR DRIVER
DRV8823 TI-DRV8823_15 Datasheet
651Kb / 21P
[Old version datasheet]   4-BRIDGE SERIAL INTERFACE MOTOR DRIVER
DRV8823 TI1-DRV8823_16 Datasheet
1Mb / 32P
[Old version datasheet]   4-Bridge Serial Interface Motor Driver
logo
TRINAMIC Motion Control...
PD-140-42-SE TRINAMIC-PD-140-42-SE Datasheet
231Kb / 1P
   42mm/NEMA17 Stepper Motor with Controller/Driver, Encoderand Serial Interface
PD-110-42 TRINAMIC-PD-110-42 Datasheet
287Kb / 1P
   42mm / NEMA17 Stepper Motor with Controller / Driver and Serial Interface
PD-108-28 TRINAMIC-PD-108-28 Datasheet
257Kb / 1P
   28mm / NEMA11 Stepper Motor with Controller / Driver and Serial Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com