Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLA24C16-D-3 Datasheet(PDF) 5 Page - Siemens Semiconductor Group

Part # SLA24C16-D-3
Description  8/16 Kbit 1024/2048 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SLA24C16-D-3 Datasheet(HTML) 5 Page - Siemens Semiconductor Group

  SLA24C16-D-3 Datasheet HTML 1Page - Siemens Semiconductor Group SLA24C16-D-3 Datasheet HTML 2Page - Siemens Semiconductor Group SLA24C16-D-3 Datasheet HTML 3Page - Siemens Semiconductor Group SLA24C16-D-3 Datasheet HTML 4Page - Siemens Semiconductor Group SLA24C16-D-3 Datasheet HTML 5Page - Siemens Semiconductor Group SLA24C16-D-3 Datasheet HTML 6Page - Siemens Semiconductor Group SLA24C16-D-3 Datasheet HTML 7Page - Siemens Semiconductor Group SLA24C16-D-3 Datasheet HTML 8Page - Siemens Semiconductor Group SLA24C16-D-3 Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
SLx 24C08/16
Semiconductor Group
5
1998-07-27
Pin Definitions and Functions
Pin Description
Serial Clock (SCL)
The SCL input is used to clock data into the device on the rising edge and to clock data
out of the device on the falling edge.
Serial Data (SDA)
SDA is a bidirectional pin used to transfer addresses, data or control information into the
device or to transfer data out of the device. The output is open drain, performing a wired
AND function with any number of other open drain or open collector devices. The SDA
bus requires a pull-up resistor to
V
CC.
Write Protection (WP)
WP switched to
V
SS allows normal read/write operations.
WP switched to
V
CC protects the entire EEPROM against changes (hardware write
protection).
Table 1
Pin No.
Symbol
Function
1, 2, 3
N. C.
Not connected
4
V
SS
Ground
5
SDA
Serial bidirectional data bus
6
SCL
Serial clock input
7
WP
Write protection input
8
V
CC
Supply voltage


Similar Part No. - SLA24C16-D-3

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SLA24C16-D-3/P SIEMENS-SLA24C16-D-3/P Datasheet
362Kb / 27P
   8/16 Kbit 1024/2048 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus, Page Protection Mode
More results

Similar Description - SLA24C16-D-3

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SLX24C164 SIEMENS-SLX24C164 Datasheet
315Kb / 22P
   16 Kbit 2048 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus
SLX24C0816P SIEMENS-SLX24C0816P Datasheet
362Kb / 27P
   8/16 Kbit 1024/2048 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus, Page Protection Mode
SLX24C164P SIEMENS-SLX24C164P Datasheet
361Kb / 27P
   16 Kbit 2048 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus, Page Protection Mode
SLX24C32 SIEMENS-SLX24C32 Datasheet
357Kb / 26P
   32 Kbit 4096 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus
SLX24C04 SIEMENS-SLX24C04 Datasheet
314Kb / 22P
   4 Kbit 512 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus
SLX24C64 SIEMENS-SLX24C64 Datasheet
358Kb / 26P
   64 Kbit 8192 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus
SLX24C01 SIEMENS-SLX24C01 Datasheet
361Kb / 27P
   1/2 Kbit 128/256 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus
SLX24C04P SIEMENS-SLX24C04P Datasheet
358Kb / 27P
   4 Kbit 512 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus, Page Protection Mode
logo
ATMEL Corporation
AT24C16C ATMEL-AT24C16C Datasheet
1Mb / 23P
   I2C-Compatible, (2-Wire) Serial EEPROM 16-Kbit (2048 x 8)
12.2016
AT24C08C-STUM-T ATMEL-AT24C08C-STUM-T Datasheet
831Kb / 24P
   I2C-Compatible, (2-wire) Serial EEPROM 4-Kbit (512 x 8), 8-Kbit (1024 x 8)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com