Electronic Components Datasheet Search |
|
HD3SS3412RUAT Datasheet(PDF) 4 Page - Texas Instruments |
|
|
HD3SS3412RUAT Datasheet(HTML) 4 Page - Texas Instruments |
4 / 18 page Microprocessor Chipset Memory/GPU Hub iGPU Chipset I/O Hub x16 Port A x2 x8 Port B x2 Port B x2 Port B x2 Port B x2 Port C x2 Port C x2 Port C x2 Port C x2 SEL Pins GPIO HD3SS3412 SLAS828A – FEBRUARY 2012 – REVISED FEBRUARY 2012 www.ti.com TYPICAL APPLICATION ABSOLUTE MAXIMUM RATINGS (1) (2) Over operating free-air temperature range (unless otherwise noted) VALUE UNIT MIN MAX Supply voltage range (VDD) Absolute minimum/maximum supply voltage range –0.5 4 V Differential I/O –0.5 4 Voltage range V Control pin (SEL) –0.5 VDD+0.5 Human body model(3) ±4,000 Electrostatic discharge V Charged-device model(4) ±1,500 (1) Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings only and functional operation of the device at these or any conditions beyond those indicated under recommended operating conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. (2) All voltage values, except differential voltages, are with respect to network ground terminal. (3) Tested in accordance with JEDEC/ESDA JS-001-2011 (4) Tested in accordance with JEDEC JESD22 C101-E THERMAL INFORMATION HD3SS3412 THERMAL METRIC(1) UNITS 42-PIN TQFN (RUA) θJA Junction-to-ambient thermal resistance 53.8 θJCtop Junction-to-case (top) thermal resistance 38.2 θJCbot Junction-to-case (bottom) thermal resistance 21.9 °C/W θJB Junction-to-board thermal resistance 27.4 ψJT Junction-to-top characterization parameter 5.6 ψJB Junction-to-board characterization parameter 27.3 Device Power Dissipation (PD) 15.5 (Typ) mW 21.6 (Max) (1) For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953. 4 Submit Documentation Feedback Copyright © 2012–2012 , Texas Instruments Incorporated Product Folder Link(s) :HD3SS3412 |
Similar Part No. - HD3SS3412RUAT |
|
Similar Description - HD3SS3412RUAT |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |