Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD3SS3412RUAT Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # HD3SS3412RUAT
Description  4-Channel High-Performance Differential Switch
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

HD3SS3412RUAT Datasheet(HTML) 5 Page - Texas Instruments

  HD3SS3412RUAT Datasheet HTML 1Page - Texas Instruments HD3SS3412RUAT Datasheet HTML 2Page - Texas Instruments HD3SS3412RUAT Datasheet HTML 3Page - Texas Instruments HD3SS3412RUAT Datasheet HTML 4Page - Texas Instruments HD3SS3412RUAT Datasheet HTML 5Page - Texas Instruments HD3SS3412RUAT Datasheet HTML 6Page - Texas Instruments HD3SS3412RUAT Datasheet HTML 7Page - Texas Instruments HD3SS3412RUAT Datasheet HTML 8Page - Texas Instruments HD3SS3412RUAT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
HD3SS3412
www.ti.com
SLAS828A – FEBRUARY 2012 – REVISED FEBRUARY 2012
RECOMMENDED OPERATING CONDITIONS
Typical values for all parameters are at VDD = 3.3V and TA = 25°C. (Temperature limits are specified by design)
MIN
TYP
MAX
UNIT
VDD
Supply voltage
3.0
3.3
3.6
V
VIH
Input high voltage (SEL Pin)
2.0
VDD
V
VIL
Input low voltage (SEL Pin)
–0.1
0.8
V
VI/O_Diff
Differential voltage (differential pins) Switch I/O diff voltage
0
1.8
VPP
VI/O_CM
Common voltage (differential pins)
Switch I/O common mode voltage
0
2.0
V
TA
Operating free-air temperature
Ambient temperature
–40
85
oC
ELECTRICAL CHARACTERISTICS
over operating free-air temperature range (unless otherwise noted)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
DEVICE PARAMETERS
IIH
Input High Voltage (SEL)
VDD = 3.6 V; VIN = VDD
95
µA
IIL
Input Low Voltage (SEL)
VDD = 3.6 V; VIN = GND
1
µA
VDD = 3.6 V; VIN = 0 V; VOUT = 2 V
130
(ILK On OPEN outputs) [Ports B and C]
Leakage Current (Differential
ILK
µA
I/O pins)
VDD = 3.6 V, VIN = 2 V; VOUT = 0 V
4
(ILK On OPEN outputs) [Port A]
IDD
Supply Current
VDD = 3.6 V; SEL = VDD/GND; Outputs Floating
4.7
6
mA
CON
Outputs ON Capacitance
VIN = 0 V; Outputs Open; Switch ON
1.5
pF
COFF
Outputs OFF Capacitance
VIN = 0 V; Outputs Open, Switch OFF
1
pF
RON
Output ON resistance
VDD = 3.3 V; VCM = 0.5 V to 1.5 V ; IO = –8 mA
5
8
Ω
On resistance match between
VDD = 3.3 V ; –0.35 V ≤ VIN ≤ 1.2 V; IO = –8 mA
2
Ω
channels
ΔRON
On resistance match between
VDD = 3.3 V; –0.35 V ≤ VIN ≤ 1.2 V; IO = –8 mA
0.7
Ω
pairs of the same channel
On resistance flatness
RFLAT_ON
VDD = 3.3 V; –0.35 V ≤ VIN ≤ 1.2 V
1.15
Ω
(RON(MAX) – RON(MAIN)
DEVICE PARAMETERS (Continued) RSC and RLOAD = 50Ω and CL = 50 pF unless otherwise noted
tPD
Switch propagation delay
Rsc and RLOAD = 50Ω
85
ps
SEL-to-switch Ton
70
250
Rsc and RLOAD = 50Ω
ns
SEL-to-switch Toff
70
250
Inter-pair output skew (CH-
TSKEW_Inter
20
ps
CH)
Rsc and RLOAD = 50Ω
TSKEW_Intra Intra-pair output skew (bit-bit)
8
ps
f = 0.3 MHz
–28
Differential return loss (VCM =
0V)
RL
f = 2500 MHz
–12
dB
Also see typical plots section
f = 4000 MHz
–11
f = 0.3 MHz
–90
Differential Crosstalk(VCM =
0V)
XTALK
f = 2500 MHz
–39
dB
Also see typical plots section
f = 4000 MHz
–35
f = 0.3 MHz
–75
Differential Off-Isolation(VCM
= 0V)
OIRR
f = 2500 MHz
–22
dB
Also see typical plots section
f = 4000 MHz
–19
f = 0.3 MHz
–0.5
Differential Insertion Loss
(VCM = 0V)
IL
f = 2500 MHz
–1.1
dB
Also see typical plots section
f = 4000 MHz
–1.5
BW
Band Width
At –3 dB
8
GHz
Copyright © 2012–2012 , Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s) :HD3SS3412


Similar Part No. - HD3SS3412RUAT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
HD3SS3412RUAT TI1-HD3SS3412RUAT Datasheet
1Mb / 27P
[Old version datasheet]   4-Channel High-Performance Differential Switch
More results

Similar Description - HD3SS3412RUAT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
HD3SS3412A TI1-HD3SS3412A Datasheet
1Mb / 26P
[Old version datasheet]   4-Channel High-Performance Differential Switch
HD3SS3412 TI1-HD3SS3412_16 Datasheet
1Mb / 27P
[Old version datasheet]   4-Channel High-Performance Differential Switch
HD3SS3415 TI1-HD3SS3415 Datasheet
821Kb / 16P
[Old version datasheet]   4-Channel High-Performance Differential Switch
logo
Analog Devices
ADAU1962 AD-ADAU1962 Datasheet
690Kb / 48P
   12-Channel, High Performance Differential Output DAC
ADAU1966 AD-ADAU1966_16 Datasheet
2Mb / 52P
   16-Channel High Performance Differential Output DAC
logo
Pericom Semiconductor C...
PI6C49S1504 PERICOM-PI6C49S1504 Datasheet
1Mb / 10P
   High Performance Selectable 1:4 Differential Fanout Buffer
logo
List of Unclassifed Man...
P7350 ETC2-P7350 Datasheet
1Mb / 4P
   High-performance Differential Probes
logo
New Jersey Semi-Conduct...
2N3728 NJSEMI-2N3728 Datasheet
197Kb / 2P
   NPN HIGH PERFORMANCE DIFFERENTIAL AMPLIFIERS
logo
Pericom Semiconductor C...
PI6C49S1510 PERICOM-PI6C49S1510 Datasheet
3Mb / 16P
   High Performance Differential Fanout Buffer
logo
Microchip Technology
DSC12X2 MICROCHIP-DSC12X2 Datasheet
918Kb / 32P
   High Performance Differential MEMS Oscillators
08/15/18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com