Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ294592DRVT Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # BQ294592DRVT
Description  Overvoltage Protection for 2-Series and 3-Series Cell Li-Ion Batteries
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ294592DRVT Datasheet(HTML) 2 Page - Texas Instruments

  BQ294592DRVT Datasheet HTML 1Page - Texas Instruments BQ294592DRVT Datasheet HTML 2Page - Texas Instruments BQ294592DRVT Datasheet HTML 3Page - Texas Instruments BQ294592DRVT Datasheet HTML 4Page - Texas Instruments BQ294592DRVT Datasheet HTML 5Page - Texas Instruments BQ294592DRVT Datasheet HTML 6Page - Texas Instruments BQ294592DRVT Datasheet HTML 7Page - Texas Instruments BQ294592DRVT Datasheet HTML 8Page - Texas Instruments BQ294592DRVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
bq294502, bq294504, bq294512, bq294515
bq294522, bq294524, bq294532, bq294562
bq294572, bq294582, bq294592
SLUSAJ3C – SEPTEMBER 2011 – REVISED MAY 2012
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ORDERING INFORMATION(1)
PACKAGE
TAPE AND REEL
TAPE AND REEL
TA
PART NUMBER
PACKAGE
OVP (V)
DELAY TIME (S)
DESIGNATOR
(LARGE)
(SMALL)
bq294502
4.35
4.0
bq294502DRVR
bq294502DRVT
bq294504
4.35
6.5
bq294504DRVR
bq294504DRVT
bq294512
4.40
4.0
bq294512DRVR
bq294512DRVT
bq294515
4.425
4.0
bq294515DRVR
bq294515DRVT
bq294522
4.45
4.0
bq294522DRVR
bq294522DRVT
bq294524
4.45
6.5
bq294524DRVR
bq294524DRVT
–40°C to
SON-6
DRV
110°C
bq294532
4.50
4.0
bq294532DRVR
bq294532DRVT
bq294562
4.25
4.0
bq294562DRVR
bq294562DRVT
bq294572
4.00
4.0
bq294572DRVR
bq294572DRVT
bq294582
4.225
4.0
bq294582DRVR
bq294582DRVT
bq294584(2)
4.225
6.5
bq294584DRVR
bq294584DRVT
bq294592
4.30
4.0
bq294592DRVR
bq294592DRVT
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or visit the
device product folder on ti.com (www.ti.com).
(2)
Product Preview only
THERMAL INFORMATION
bq2945xy
THERMAL METRIC(1)
SON
UNITS
6 PINS
θJA
Junction-to-ambient thermal resistance
186.4
θJC(top)
Junction-to-case(top) thermal resistance
90.4
θJB
Junction-to-board thermal resistance
110.7
°C/W
ψJT
Junction-to-top characterization parameter
96.7
ψJB
Junction-to-board characterization parameter
90
θJC(bottom)
Junction-to-case(bottom) thermal resistance
n/a
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
2
Submit Documentation Feedback
Copyright © 2011–2012, Texas Instruments Incorporated
Product Folder Link(s): bq294502 bq294504 bq294512 bq294515 bq294522 bq294524 bq294532 bq294562
bq294572 bq294582 bq294592


Similar Part No. - BQ294592DRVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ294592DRVT TI1-BQ294592DRVT Datasheet
1Mb / 26P
[Old version datasheet]   Overvoltage Protection For 2-Series and 3-Series Cell Li-Ion Batteries
BQ294592DRVT TI-BQ294592DRVT Datasheet
2Mb / 24P
[Old version datasheet]   BQ2945xy Overvoltage Protection For 2-Series and 3-Series Cell Li-Ion Batteries
BQ294592DRVT TI-BQ294592DRVT Datasheet
1Mb / 24P
[Old version datasheet]   BQ2945xy Overvoltage Protection For 2-Series and 3-Series Cell Li-Ion Batteries
REVISED AUGUST 2022
More results

Similar Description - BQ294592DRVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ294502 TI1-BQ294502_17 Datasheet
1Mb / 26P
[Old version datasheet]   Overvoltage Protection For 2-Series and 3-Series Cell Li-Ion Batteries
BQ294502 TI-BQ294502_V02 Datasheet
1Mb / 24P
[Old version datasheet]   BQ2945xy Overvoltage Protection For 2-Series and 3-Series Cell Li-Ion Batteries
REVISED AUGUST 2022
BQ294502 TI-BQ294502_V01 Datasheet
2Mb / 24P
[Old version datasheet]   BQ2945xy Overvoltage Protection For 2-Series and 3-Series Cell Li-Ion Batteries
BQ2961 TI1-BQ2961 Datasheet
1Mb / 29P
[Old version datasheet]   Overvoltage Protection for 2-Series, 3-Series, and 4-Series Cell Li-Ion Batteries
BQ294707 TI1-BQ294707 Datasheet
869Kb / 20P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries
BQ2947 TI1-BQ2947_16 Datasheet
859Kb / 24P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries
BQ771604 TI1-BQ771604 Datasheet
801Kb / 20P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries
BQ2961 TI1-BQ2961_16 Datasheet
1Mb / 31P
[Old version datasheet]   Overvoltage Protection for 2-Series, 3-Series, and 4-Series Cell Li-Ion Batteries with Regulated Output Supply
BQ2961 TI1-BQ2961_17 Datasheet
1Mb / 33P
[Old version datasheet]   Overvoltage Protection for 2-Series, 3-Series, and 4-Series Cell Li-Ion Batteries with Regulated Output Supply
BQ2961 TI-BQ2961_V07 Datasheet
2Mb / 31P
[Old version datasheet]   BQ296xxx Overvoltage Protection for 2-Series, 3-Series, and 4-Series Cell Li-Ion Batteries with Regulated Output Supply
REVISED AUGUST 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com