Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA1652AIDR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # OPA1652AIDR
Description  Low Noise and Distortion, General-Purpose, FET-Input
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA1652AIDR Datasheet(HTML) 6 Page - Texas Instruments

Back Button OPA1652AIDR Datasheet HTML 2Page - Texas Instruments OPA1652AIDR Datasheet HTML 3Page - Texas Instruments OPA1652AIDR Datasheet HTML 4Page - Texas Instruments OPA1652AIDR Datasheet HTML 5Page - Texas Instruments OPA1652AIDR Datasheet HTML 6Page - Texas Instruments OPA1652AIDR Datasheet HTML 7Page - Texas Instruments OPA1652AIDR Datasheet HTML 8Page - Texas Instruments OPA1652AIDR Datasheet HTML 9Page - Texas Instruments OPA1652AIDR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
0.00001
0.0001
0.001
0.01
20
100
1k
10k
20k
Frequency (Hz)
G = 10 V/V, RL = 600 Ω
G = 10 V/V, RL = 2 kΩ
G = +1 V/V, RL = 600 Ω
G = +1 V/V, RL = 2 kΩ
G = −1 V/V, RL = 600 Ω
G = −1 V/V, RL = 2 kΩ
VOUT = 3 VRMS
BW = 80 kHz
G007
0.00001
0.0001
0.001
0.01
20
100
1k
10k
20k
Frequency (Hz)
RS = 0 W
RS = 30 W
RS = 60 W
RS = 1 kW
VOUT = 3 VRMS
BW = 80 kHz
G008
OPA1652
+15V
-15V
R
L
R
SOURCE
0.00001
0.0001
0.001
0.01
20
100
1k
10k
100k
Frequency (Hz)
G = 10 V/V, RL = 600 Ω
G = 10 V/V, RL = 2 kΩ
G = +1 V/V, RL = 600 Ω
G = +1 V/V, RL = 2 kΩ
G = −1 V/V, RL = 600 Ω
G = −1 V/V, RL = 2 kΩ
VOUT = 3 VRMS
BW = 500 kHz
G009
0.00001
0.0001
0.001
0.01
20
100
1k
10k
100k
Frequency (Hz)
RS = 0 W
RS = 30 W
RS = 60 W
RS = 1 kW
VOUT = 3 VRMS
BW = 500 kHz
G010
OPA1652
+15V
-15V
R
L
R
SOURCE
0.00001
0.0001
0.001
0.01
1m
10m
100m
1
10 20
Output Amplitude (Vrms)
G = 10 V/V, RL = 600 Ω
G = 10 V/V, RL = 2 kΩ
G = +1 V/V, RL = 600 Ω
G = +1 V/V, RL = 2 kΩ
G = −1 V/V, RL = 600 Ω
G = −1 V/V, RL = 2 kΩ
f = 1 kHz
BW = 80 kHz
RS = 0 Ω
G011
0.00001
0.0001
0.001
0.01
100m
1
10
20
Output Amplitude (Vrms)
DIM 30: 3 kHz − Square Wave, 15 kHz Sine Wave
CCIF Twin Tone: 19 kHz and 20 kHz
SMPTE / DIN: Two −Tone 4:1, 60 Hz and 7 KHz
G = +1 V/V
G012
OPA1652
OPA1654
SBOS477
– DECEMBER 2011
www.ti.com
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C, VS = ±15 V, and RL = 2 kΩ, unless otherwise noted.
THD+N RATIO vs FREQUENCY
THD+N RATIO vs FREQUENCY
Figure 7.
Figure 8.
THD+N RATIO vs FREQUENCY
THD+N RATIO vs FREQUENCY
Figure 9.
Figure 10.
INTERMODULATION DISTORTION vs
THD+N RATIO vs OUTPUT AMPLITUDE
OUTPUT AMPLITUDE
Figure 11.
Figure 12.
6
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): OPA1652 OPA1654


Similar Part No. - OPA1652AIDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA1652AIDR TI1-OPA1652AIDR Datasheet
1Mb / 42P
[Old version datasheet]   Audio Operational Amplifiers
OPA1652AIDRGR TI1-OPA1652AIDRGR Datasheet
1Mb / 42P
[Old version datasheet]   Audio Operational Amplifiers
OPA1652AIDRGT TI1-OPA1652AIDRGT Datasheet
1Mb / 42P
[Old version datasheet]   Audio Operational Amplifiers
More results

Similar Description - OPA1652AIDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA1662 TI-OPA1662_15 Datasheet
1Mb / 32P
[Old version datasheet]   Low Noise and Distortion, General-Purpose, FET-Input AUDIO OPERATIONAL AMPLIFIERS
OPA1652 TI-OPA1652_15 Datasheet
1Mb / 29P
[Old version datasheet]   Low Noise and Distortion, General-Purpose, FET-Input AUDIO OPERATIONAL AMPLIFIERS
OPA604 TI-OPA604_07 Datasheet
693Kb / 16P
[Old version datasheet]   FET-Input, Low Distortion OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA604 BURR-BROWN-OPA604 Datasheet
178Kb / 12P
   FET-Input, Low Distortion OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA1656 TI1-OPA1656 Datasheet
611Kb / 23P
[Old version datasheet]   Ultra-low-noise, low-distortion, FET-input, Burr-Brown audio operational amplifier
OPA1662-Q1 TI-OPA1662-Q1 Datasheet
1Mb / 30P
[Old version datasheet]   Low-Power, Low Noise and Distortion, Bipolar-Input AUDIO OPERATIONAL AMPLIFIERS
OPA1655 TI-OPA1655 Datasheet
3Mb / 38P
[Old version datasheet]   OPA165x Ultra-Low-Noise, Low-Distortion, FET-Input, Burr-Brown??Audio Operational Amplifiers
DECEMBER 2021
OPA1662 TI1-OPA1662 Datasheet
1Mb / 29P
[Old version datasheet]   Low-Power, Low Noise and Distortion, Bipolar-Input AUDIO OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA2604 BURR-BROWN-OPA2604_06 Datasheet
165Kb / 14P
   Dual FET-Input, Low Distortion OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA2604-Q1 TI1-OPA2604-Q1 Datasheet
310Kb / 16P
[Old version datasheet]   DUAL FET-INPUT, LOW DISTORTION OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com