Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA1654AID Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # OPA1654AID
Description  Low Noise and Distortion, General-Purpose, FET-Input
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA1654AID Datasheet(HTML) 8 Page - Texas Instruments

Back Button OPA1654AID Datasheet HTML 4Page - Texas Instruments OPA1654AID Datasheet HTML 5Page - Texas Instruments OPA1654AID Datasheet HTML 6Page - Texas Instruments OPA1654AID Datasheet HTML 7Page - Texas Instruments OPA1654AID Datasheet HTML 8Page - Texas Instruments OPA1654AID Datasheet HTML 9Page - Texas Instruments OPA1654AID Datasheet HTML 10Page - Texas Instruments OPA1654AID Datasheet HTML 11Page - Texas Instruments OPA1654AID Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
0
5
10
15
20
25
30
35
40
45
50
0
50
100
150
200
250
300
350
400
Capacitance (pF)
RS = 0 W
RS = 25 W
RS = 50 W
VOUT = 100 mVPP
G = +1 V/V
G019
+15 V
-15 V
R
S
C
L
OPA1652
R
L
0
5
10
15
20
25
30
35
40
45
50
0
50
100
150
200
250
300
350
400
Capacitance (pF)
RS = 0 W
RS = 25 W
RS = 50 W
VOUT = 100 mVPP
G = −1 V/V
G020
OPA1652
R =
I
2 kW
R
S
C
L
R
F = 2 kW
+15 V
-15 V
−1
0
1
2
3
4
−40
−15
10
35
60
85
110
135
Temperature (°C)
RL = 2 kΩ
G022
0
5
10
15
20
25
0
1
2
3
4
5
Capacitance (pF)
VOUT = 100 mVPP
G = −1 V/V
RS = 0 W
G021
OPA1652
R =
I
2 kW
R
S
C
L
C
F
R
F = 2 kW
+15 V
-15 V
−2000
−1600
−1200
−800
−400
0
400
800
1200
−40
−15
10
35
60
85
110
135
Temperature (°C)
Ibn
Ibp
Ios
G023
−8
−6
−4
−2
0
2
4
6
8
−18 −15 −12 −9
−6
−3
0
3
6
9
12
15
18
Common − Mode Voltage (V)
Ibp
Ibn
Ios
G024
OPA1652
OPA1654
SBOS477
– DECEMBER 2011
www.ti.com
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C, VS = ±15 V, and RL = 2 kΩ, unless otherwise noted.
SMALL-SIGNAL OVERSHOOT
SMALL-SIGNAL OVERSHOOT
vs CAPACITIVE LOAD
vs CAPACITIVE LOAD
Figure 19.
Figure 20.
SMALL-SIGNAL OVERSHOOT
vs FEEDBACK CAPACITOR (100mV Output Step)
OPEN-LOOP GAIN vs TEMPERATURE
Figure 21.
Figure 22.
IB AND IOS vs TEMPERATURE
IB AND IOS vs COMMON-MODE VOLTAGE
Figure 23.
Figure 24.
8
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): OPA1652 OPA1654


Similar Part No. - OPA1654AID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA1654AID TI1-OPA1654AID Datasheet
1Mb / 42P
[Old version datasheet]   Audio Operational Amplifiers
OPA1654AIDR TI1-OPA1654AIDR Datasheet
1Mb / 42P
[Old version datasheet]   Audio Operational Amplifiers
More results

Similar Description - OPA1654AID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA1662 TI-OPA1662_15 Datasheet
1Mb / 32P
[Old version datasheet]   Low Noise and Distortion, General-Purpose, FET-Input AUDIO OPERATIONAL AMPLIFIERS
OPA1652 TI-OPA1652_15 Datasheet
1Mb / 29P
[Old version datasheet]   Low Noise and Distortion, General-Purpose, FET-Input AUDIO OPERATIONAL AMPLIFIERS
OPA604 TI-OPA604_07 Datasheet
693Kb / 16P
[Old version datasheet]   FET-Input, Low Distortion OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA604 BURR-BROWN-OPA604 Datasheet
178Kb / 12P
   FET-Input, Low Distortion OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA1656 TI1-OPA1656 Datasheet
611Kb / 23P
[Old version datasheet]   Ultra-low-noise, low-distortion, FET-input, Burr-Brown audio operational amplifier
OPA1662-Q1 TI-OPA1662-Q1 Datasheet
1Mb / 30P
[Old version datasheet]   Low-Power, Low Noise and Distortion, Bipolar-Input AUDIO OPERATIONAL AMPLIFIERS
OPA1655 TI-OPA1655 Datasheet
3Mb / 38P
[Old version datasheet]   OPA165x Ultra-Low-Noise, Low-Distortion, FET-Input, Burr-Brown??Audio Operational Amplifiers
DECEMBER 2021
OPA1662 TI1-OPA1662 Datasheet
1Mb / 29P
[Old version datasheet]   Low-Power, Low Noise and Distortion, Bipolar-Input AUDIO OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA2604 BURR-BROWN-OPA2604_06 Datasheet
165Kb / 14P
   Dual FET-Input, Low Distortion OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA2604-Q1 TI1-OPA2604-Q1 Datasheet
310Kb / 16P
[Old version datasheet]   DUAL FET-INPUT, LOW DISTORTION OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com