Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65LVPE502 Datasheet(PDF) 7 Page - Texas Instruments

Part # SN65LVPE502
Description  Dual Channel USB3.0 Redriver/Equalizer
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65LVPE502 Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN65LVPE502_12 Datasheet HTML 3Page - Texas Instruments SN65LVPE502_12 Datasheet HTML 4Page - Texas Instruments SN65LVPE502_12 Datasheet HTML 5Page - Texas Instruments SN65LVPE502_12 Datasheet HTML 6Page - Texas Instruments SN65LVPE502_12 Datasheet HTML 7Page - Texas Instruments SN65LVPE502_12 Datasheet HTML 8Page - Texas Instruments SN65LVPE502_12 Datasheet HTML 9Page - Texas Instruments SN65LVPE502_12 Datasheet HTML 10Page - Texas Instruments SN65LVPE502_12 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
SN65LVPE502
www.ti.com
SLLSE29 A
– APRIL 2010 – REVISED FEBRUARY 2012
RECOMMENDED OPERATING CONDITIONS
over operating free-air temperature range (unless otherwise noted)
MIN
TYP
MAX
UNIT
VCC
Supply Voltage
3
3.3
3.6
V
CCOUPLING
AC Coupling Capacitor
75
200
nF
Operating free-air temperature
0
85
°C
DEVICE POWER
The SN65LVPE502 is designed to operate from a single 3.3 V supply.
ELECTRICAL CHARACTERISTICS
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DEVICE PARAMETERS
EN_RXD, CM, EQ cntrl = NC,
ICC
100
120
K28.5 pattern at 5 Gbps, VID = 1000 mVpp
ICCRx.Detect
In Rx.Detect mode
2
5
Supply Current
mA
ICCsleep
EN_RXD = GND
0.1
ICCU2-U3
Link in USB low power state
21
Maximum Data Rate
5
Gbps
Sleep mode exit time EN_RXD L
→ H With
tENB
Device Enable Time
100
µs
Rx termination present
tDIS
Device Disable Time
Sleep mode entry time EN_RXD H
→ L
2
µs
TRX.DETECT
Rx.Detect Start Event
Power-up time
100
µs
CONTROL LOGIC (under recommended operating conditions)
VIH
High level Input Voltage
1.4
VCC
V
VIL
Low Level Input Voltage
–0.3
0.5
V
VHYS
Input Hysteresis
150
mV
OSx, EQx, DEx = VCC
30
IIH
High Level Input Current
EN_RXD = VCC
1
µA
CM = VCC
30
OSx, EQx, DEx = GND
–30
IIL
Low Level Input Current
EN_RXD = GND
–30
µA
CM = GND
–1
RECEIVER AC/DC
AC coupled differential RX peak to peak
Vindiff_pp
RX1, RX2 Input Voltage Swing
100
1200
mVpp
signal
VCM_RX
RX1, RX2 Common Mode Voltage
3.3
V
RX1, RX2 AC Peak common mode
Measured at Rx pins with termination
VinCOM_P
150
mVP
voltage
enabled
ZDC_RX
DC common mode impedance
18
26
30
Ω
Zdiff_RX
DC differential input impedance
72
80
120
Ω
Device in sleep mode Rx termination not
ZRX_High_IMP+
DC Input High Impedance
powered. Measured with respect to GND
50
85
k
Ω
over 500mV max
Measured at receiver pin, below minimum
Low Voltage Periodic Signaling (LFPS)
VRX-LFPS-DETpp
output is squelched, above max input signal
100
300
mVpp
Detect Threshold
is passed to output
50 MHz
– 1.25 GHz
10
11
RLRX-DIFF
Differential Return Loss
dB
1.25 GHz
– 2.5 GHz
6
7
RLRX-CM
Common Mode Return Loss
50 MHz
– 2.5 GHz
11
13
dB
Copyright
© 2010–2012, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): SN65LVPE502


Similar Part No. - SN65LVPE502_12

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVPE502 TI-SN65LVPE502_1 Datasheet
1Mb / 27P
[Old version datasheet]   Dual Channel USB3.0 Redriver/Equalizer
More results

Similar Description - SN65LVPE502_12

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVPE502CP TI1-SN65LVPE502CP_12 Datasheet
3Mb / 29P
[Old version datasheet]   Dual Channel USB3.0 Redriver/Equalizer
SN65LVPE502A TI1-SN65LVPE502A_15 Datasheet
4Mb / 33P
[Old version datasheet]   Dual Channel USB3.0 Redriver/Equalizer
SN65LVPE502CP TI-SN65LVPE502CP Datasheet
3Mb / 29P
[Old version datasheet]   Dual Channel USB3.0 Redriver/Equalizer
SN65LVPE502 TI-SN65LVPE502 Datasheet
1Mb / 24P
[Old version datasheet]   Dual Channel USB3.0 Redriver/Equalizer
SN65LVPE502 TI-SN65LVPE502_1 Datasheet
1Mb / 27P
[Old version datasheet]   Dual Channel USB3.0 Redriver/Equalizer
SN65LVPE502A TI1-SN65LVPE502A Datasheet
3Mb / 29P
[Old version datasheet]   Dual Channel USB3.0 Redriver/Equalizer
SN65LVPE501 TI1-SN65LVPE501 Datasheet
1Mb / 24P
[Old version datasheet]   Dual Channel x1 PCIe Redriver/Equalizer
SN65LVPE512 TI1-SN65LVPE512 Datasheet
7Mb / 32P
[Old version datasheet]   Dual-Channel USB 3.0 Redriver, Equalizer
logo
Pericom Semiconductor C...
PI3EQX501I PERICOM-PI3EQX501I Datasheet
594Kb / 1P
   5.0Gbps, 1-Channel, USB3.0 ReDriver
PI3EQX501B PERICOM-PI3EQX501B Datasheet
1Mb / 7P
   5.0Gbps, 1-channel, USB3.0 ReDriver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com