Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65LVPE502A Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LVPE502A
Description  Dual Channel USB3.0 Redriver/Equalizer
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65LVPE502A Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN65LVPE502A Datasheet HTML 3Page - Texas Instruments SN65LVPE502A Datasheet HTML 4Page - Texas Instruments SN65LVPE502A Datasheet HTML 5Page - Texas Instruments SN65LVPE502A Datasheet HTML 6Page - Texas Instruments SN65LVPE502A Datasheet HTML 7Page - Texas Instruments SN65LVPE502A Datasheet HTML 8Page - Texas Instruments SN65LVPE502A Datasheet HTML 9Page - Texas Instruments SN65LVPE502A Datasheet HTML 10Page - Texas Instruments SN65LVPE502A Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
20"
1"-6"
Up to 3 m
(30 AWG)
SN65LVPE502A
4"
Jitter
Measurement
CH2
AWG*
CH1
AWG*
CH2
Jitter
Measurement
CH1
1
2
A
B
1-bit
1 to N bits
1-bit
1 to N bits
Vcm
-3.5dB
-6dB
DEx = 0dB
tDE
tDE
VTXDIFF_TB_P-P
VTXDIFF_NTB_P-P
SN65LVPE502A
www.ti.com
SLLSEB3A – MARCH 2012 – REVISED APRIL 2012
Figure 6. Jitter Measurement Setup
Figure 7. Output De-Emphasis Levels OSx = NC
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): SN65LVPE502A


Similar Part No. - SN65LVPE502A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVPE502A TI1-SN65LVPE502A Datasheet
4Mb / 33P
[Old version datasheet]   Dual Channel USB3.0 Redriver/Equalizer
SN65LVPE502A TI1-SN65LVPE502A Datasheet
6Mb / 36P
[Old version datasheet]   Dual-Channel USB 3.0 Redriver and Equalizer
SN65LVPE502ARGER TI1-SN65LVPE502ARGER Datasheet
4Mb / 33P
[Old version datasheet]   Dual Channel USB3.0 Redriver/Equalizer
SN65LVPE502ARGER TI1-SN65LVPE502ARGER Datasheet
6Mb / 36P
[Old version datasheet]   Dual-Channel USB 3.0 Redriver and Equalizer
SN65LVPE502ARLLR TI1-SN65LVPE502ARLLR Datasheet
4Mb / 33P
[Old version datasheet]   Dual Channel USB3.0 Redriver/Equalizer
More results

Similar Description - SN65LVPE502A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVPE502 TI1-SN65LVPE502_12 Datasheet
1Mb / 28P
[Old version datasheet]   Dual Channel USB3.0 Redriver/Equalizer
SN65LVPE502CP TI1-SN65LVPE502CP_12 Datasheet
3Mb / 29P
[Old version datasheet]   Dual Channel USB3.0 Redriver/Equalizer
SN65LVPE502A TI1-SN65LVPE502A_15 Datasheet
4Mb / 33P
[Old version datasheet]   Dual Channel USB3.0 Redriver/Equalizer
SN65LVPE502CP TI-SN65LVPE502CP Datasheet
3Mb / 29P
[Old version datasheet]   Dual Channel USB3.0 Redriver/Equalizer
SN65LVPE502 TI-SN65LVPE502 Datasheet
1Mb / 24P
[Old version datasheet]   Dual Channel USB3.0 Redriver/Equalizer
SN65LVPE502 TI-SN65LVPE502_1 Datasheet
1Mb / 27P
[Old version datasheet]   Dual Channel USB3.0 Redriver/Equalizer
SN65LVPE501 TI1-SN65LVPE501 Datasheet
1Mb / 24P
[Old version datasheet]   Dual Channel x1 PCIe Redriver/Equalizer
SN65LVPE512 TI1-SN65LVPE512 Datasheet
7Mb / 32P
[Old version datasheet]   Dual-Channel USB 3.0 Redriver, Equalizer
logo
Pericom Semiconductor C...
PI3EQX501I PERICOM-PI3EQX501I Datasheet
594Kb / 1P
   5.0Gbps, 1-Channel, USB3.0 ReDriver
PI3EQX501B PERICOM-PI3EQX501B Datasheet
1Mb / 7P
   5.0Gbps, 1-channel, USB3.0 ReDriver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com