Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCA4311AD Datasheet(PDF) 1 Page - Texas Instruments

Part # TCA4311AD
Description  HOT SWAPPABLE 2-WIRE BUS BUFFERS
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TCA4311AD Datasheet(HTML) 1 Page - Texas Instruments

  TCA4311AD Datasheet HTML 1Page - Texas Instruments TCA4311AD Datasheet HTML 2Page - Texas Instruments TCA4311AD Datasheet HTML 3Page - Texas Instruments TCA4311AD Datasheet HTML 4Page - Texas Instruments TCA4311AD Datasheet HTML 5Page - Texas Instruments TCA4311AD Datasheet HTML 6Page - Texas Instruments TCA4311AD Datasheet HTML 7Page - Texas Instruments TCA4311AD Datasheet HTML 8Page - Texas Instruments TCA4311AD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
1
2
3
4
EN
SCLOUT
SCLIN
GND
8
7
6
5
V
CC
SDAOUT
SDAIN
READY
TCA4311A
www.ti.com
SCPS226 – JANUARY 2011
HOT SWAPPABLE 2-WIRE BUS BUFFERS
Check for Samples: TCA4311A
1
FEATURES
Operating Power-Supply Voltage Range of
Applications Include Hot Board Insertion and
2.7-V to 5.5-V
Bus Extension
Supports Bidirectional Data Transfer of I2C
Low ICC Chip Disable of <1 mA
Bus Signals
READY Open-Drain Output
SDA and SCL Lines Are Buffered Which
Supports Clock Stretching, Arbitration, and
Increases Fanout
Synchronization
1-V Precharge on All SDA and SCL Lines
Powered-Off High-Impedance I2C Pins
Prevents Corruption During Live Board
Open-Drain I2C Pins
Insertion and Removal From Backplane
Latch-Up Performance Exceeds 100 mA Per
SDA and SCL Input Lines Are Isolated From
JESD 78, Class II
Outputs
ESD Protection Exceeds JESD 22
Accommodates Standard Mode and Fast Mode
8000-V Human-Body Model (A114-A)
I2C Devices
200-V Machine Model (A115-A)
Improved Noise Immunity
1000-V Charged-Device Model (C101)
D OR DGK PACKAGES
(TOP VIEW)
DESCRIPTION/ORDERING INFORMATION
The TCA4311A is a hot swappable I2C bus buffer that supports I/O card insertion into a live backplane without
corruption of the data and clock busses. Control circuitry prevents the backplane from being connected to the
card until a stop command or bus idle occurs on the backplane without bus contention on the card. When the
connection is made, this device provides bidirectional buffering, keeping the backplane and card capacitances
isolated. During insertion, the SDA and SCL lines are precharged to 1 V to minimize the current required to
charge the parasitic capacitance of the chip.
When the I2C bus is idle, the TCA4311A can be put into shutdown mode by setting the EN pin low. When EN is
high, the TCA4311A resumes normal operation. It also includes an open drain READY output pin, which
indicates that the backplane and card sides are connected together. When READY is high, the SDAIN and
SCLIN are connected to SDAOUT and SCLOUT. When the two sides are disconnected, READY is low.
Both the backplane and card may be powered with supply voltages ranging from 2.7 V to 5.5 V, with no
restrictions on which supply voltage is higher.
The TCA4311A has standard open-drain I/Os. The size of the pullup resistors to the I/Os depends on the
system, but each side of this buffer must have a pullup resistor. The device is designed to work with Standard
Mode and Fast Mode I2C devices in addition to SMBus devices. Standard Mode I2C devices only specify 3 mA in
a generic I2C system where Standard Mode devices and multiple masters are possible. Under certain conditions,
high termination currents can be used.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TCA4311AD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCA4311 TI-TCA4311 Datasheet
567Kb / 21P
[Old version datasheet]   HOT SWAPPABLE 2-WIRE BUS BUFFERS
TCA4311 TI-TCA4311 Datasheet
532Kb / 21P
[Old version datasheet]   HOT SWAPPABLE 2-WIRE BUS BUFFERS
TCA4311D TI-TCA4311D Datasheet
567Kb / 21P
[Old version datasheet]   HOT SWAPPABLE 2-WIRE BUS BUFFERS
TCA4311D TI-TCA4311D Datasheet
532Kb / 21P
[Old version datasheet]   HOT SWAPPABLE 2-WIRE BUS BUFFERS
TCA4311DG4 TI-TCA4311DG4 Datasheet
567Kb / 21P
[Old version datasheet]   HOT SWAPPABLE 2-WIRE BUS BUFFERS
More results

Similar Description - TCA4311AD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCA4311 TI-TCA4311_1 Datasheet
532Kb / 21P
[Old version datasheet]   HOT SWAPPABLE 2-WIRE BUS BUFFERS
logo
Linear Technology
LTC4300A-1 LINER-LTC4300A-1 Datasheet
286Kb / 16P
   Hot Swappable 2-Wire Bus Buffers
LTC4300A-2 LINER-LTC4300A-2_15 Datasheet
187Kb / 16P
   Hot Swappable 2-Wire Bus Buffers
LTC4300-1 LINER-LTC4300-1 Datasheet
287Kb / 16P
   Hot Swappable 2-Wire Bus Buffers
LTC4300A-1 LINER-LTC4300A-1_15 Datasheet
187Kb / 16P
   Hot Swappable 2-Wire Bus Buffers
logo
Texas Instruments
TCA4311 TI-TCA4311 Datasheet
567Kb / 21P
[Old version datasheet]   HOT SWAPPABLE 2-WIRE BUS BUFFERS
logo
Linear Technology
LTC4300-1 LINER-LTC4300-1_15 Datasheet
742Kb / 18P
   Hot Swappable 2-Wire Bus Buffers
LTC4300-2 LINER-LTC4300-2_15 Datasheet
742Kb / 18P
   Hot Swappable 2-Wire Bus Buffers
LTC4301 LINER-LTC4301_09 Datasheet
223Kb / 12P
   Supply Independent Hot Swappable 2-Wire Bus Buffer
LTC4301 LINER-LTC4301_15 Datasheet
228Kb / 12P
   Supply Independent Hot Swappable 2-Wire Bus Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com