Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC5948ADBQR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TLC5948ADBQR
Description  16-Channel, 16-Bit, ES-PWM, Full Self-Diagnosis LED Driver
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC5948ADBQR Datasheet(HTML) 10 Page - Texas Instruments

Back Button TLC5948ADBQR Datasheet HTML 6Page - Texas Instruments TLC5948ADBQR Datasheet HTML 7Page - Texas Instruments TLC5948ADBQR Datasheet HTML 8Page - Texas Instruments TLC5948ADBQR Datasheet HTML 9Page - Texas Instruments TLC5948ADBQR Datasheet HTML 10Page - Texas Instruments TLC5948ADBQR Datasheet HTML 11Page - Texas Instruments TLC5948ADBQR Datasheet HTML 12Page - Texas Instruments TLC5948ADBQR Datasheet HTML 13Page - Texas Instruments TLC5948ADBQR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 50 page
background image
Power-Save Mode
SIN
LAT
Second Grayscale
Data Latch
(Internal)
Previous On/Off Data
SCLK
1
2
3
255
256
257
1
2
3
4
5
6
¼
All Data Are '0'
Low
Power-Save Mode
Normal Mode
Normal Mode
Normal Mode
'1'
PSMODE Bit
In Control Data Latch
(Internal)
001b
OFF
OUT0 7 8 15
, , ,
OFF
OUT1 6 9 14
, , ,
OFF
ICC
(The Current of VCC)
More Than 100 A
m
Less Than 100 A
m
t
D6
t
D7
BLANK Bit
In Control Data Latch
(Internal)
ON or OFF
ON or OFF
ON or OFF
ON
ON
ON
OFF
OUT2 5 10 13
, ,
,
ON or OFF
ON
OUT3 4 11 12
, ,
,
First Grayscale
Data Latch
(Internal)
Previous On/Off Data
All Data Are ‘0'
ON or OFF
ON or OFF
ON or OFF
ON or OFF
First and second grayscale data latches are changed
simultaneously because the BLANK bit is '1'.
TLC5948A
SBVS192 – MARCH 2012
www.ti.com
Figure 10. Power-Save Mode Timing
10
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Link(s): TLC5948A


Similar Part No. - TLC5948ADBQR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC59482 TI1-TLC59482 Datasheet
1Mb / 34P
[Old version datasheet]   16-Channel, 16-Bit, PWM LED Driver with 6-Bit Global Brightness Control
TLC59482DBQ TI1-TLC59482DBQ Datasheet
1Mb / 34P
[Old version datasheet]   16-Channel, 16-Bit, PWM LED Driver with 6-Bit Global Brightness Control
TLC59482DBQR TI1-TLC59482DBQR Datasheet
1Mb / 34P
[Old version datasheet]   16-Channel, 16-Bit, PWM LED Driver with 6-Bit Global Brightness Control
More results

Similar Description - TLC5948ADBQR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5949 TI-TLC5949 Datasheet
1Mb / 51P
[Old version datasheet]   16-Channel, 12-Bit, ES-PWM, Full Self-Diagnosis LED Driver for 7-Bit Global BC LED Lamp
TLC59581 TI1-TLC59581 Datasheet
525Kb / 28P
[Old version datasheet]   48-Channel, 16-Bit ES-PWM LED Driver
TLC6946 TI1-TLC6946 Datasheet
328Kb / 27P
[Old version datasheet]   16-Channel 32-Multiplexing 16-Bit ES-PWM Constant-Current LED Driver
TLC6946 TI1-TLC6946_19 Datasheet
2Mb / 35P
[Old version datasheet]   16-Channel 32-, 48-Multiplexing 16-Bit ES-PWM Constant-Current LED Driver
logo
STMicroelectronics
STP1612PW05 STMICROELECTRONICS-STP1612PW05 Datasheet
787Kb / 35P
   16-channel LED driver with 16-bit PWM, 8-bit gain and full LED error detection
logo
Texas Instruments
TLC5929 TI1-TLC5929_16 Datasheet
1Mb / 43P
[Old version datasheet]   16-Channel, Constant-Current LED Driver with 7-Bit Global Brightness Control, Power-Save Mode, and Full Self-Diagnosis for LED Lamp
TLC59291 TI1-TLC59291_15 Datasheet
800Kb / 45P
[Old version datasheet]   TLC59291 8/16-Channel, Constant Current LED Driver with 7-bit Brightness Control Low Quiescent Current and Full Self Diagnosis for LED Lamp
TLC5943 TI1-TLC5943_16 Datasheet
1Mb / 40P
[Old version datasheet]   16-Channel, 16-Bit PWM LED Driver with 7-Bit Global Brightness Control
logo
List of Unclassifed Man...
MBI5031 ETC2-MBI5031 Datasheet
527Kb / 20P
   16-Channel PWM-Embedded LED Driver
logo
Texas Instruments
TLC5943 TI1-TLC5943_17 Datasheet
1Mb / 40P
[Old version datasheet]   16-Channel, 16-Bit PWM LED Driver with 7-Bit Global Brightness Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com