Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV320AIC3262 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TLV320AIC3262
Description  Ultra Low Power Stereo Audio Codec With miniDSP, DirectPath Headphone
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV320AIC3262 Datasheet(HTML) 3 Page - Texas Instruments

  TLV320AIC3262 Datasheet HTML 1Page - Texas Instruments TLV320AIC3262 Datasheet HTML 2Page - Texas Instruments TLV320AIC3262 Datasheet HTML 3Page - Texas Instruments TLV320AIC3262 Datasheet HTML 4Page - Texas Instruments TLV320AIC3262 Datasheet HTML 5Page - Texas Instruments TLV320AIC3262 Datasheet HTML 6Page - Texas Instruments TLV320AIC3262 Datasheet HTML 7Page - Texas Instruments TLV320AIC3262 Datasheet HTML 8Page - Texas Instruments TLV320AIC3262 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 65 page
background image
TLV320AIC3262
www.ti.com
SLAS679 – DECEMBER 2011
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
DESCRIPTION (CONTINUED)
The TLV320AIC3262 features two fully-programmable miniDSP cores that support application-specific algorithms
in the record and/or the playback path of the device. The miniDSP cores are fully software programmable.
Targeted miniDSP algorithms, such as active noise cancellation, acoustic echo cancellation or advanced DSP
filtering are loaded into the device after power-up.
Combined with the advanced PowerTune technology, the device can execute operations from 8kHz mono voice
playback to stereo 192kHz DAC playback, making it ideal for portable battery-powered audio and telephony
applications.
The record path of the TLV320AIC3262 covers operations from 8kHz mono to 192kHz stereo recording, and
contains programmable input channel configurations which cover single-ended and differential setups, as well as
floating or mixing input signals. It also provides a digitally-controlled stereo microphone preamplifier and
integrated microphone bias. One application of the digital signal processing blocks is removable of audible noise
that may be introduced by mechanical coupling, e.g. optical zooming in a digital camera. The record path can
also be configured as a stereo digital microphone Pulse Density Modulation (PDM) interface typically used at
64Fs or 128Fs.
The playback path offers signal processing blocks for filtering and effects; headphone, line, receiver, and Class-D
speaker outputs; flexible mixing of DAC; and analog input signals as well as programmable volume controls. The
playback path contains two high-power DirectPathTM headphone output drivers which eliminate the need for ac
coupling capacitors. A built in charge pump generates the negative supply for the ground centered headphone
drivers. These headphone output drivers can be configured in multiple ways, including stereo, and mono BTL. In
addition, playback audio can be routed to integrated stereo Class-D speaker drivers or a differential receiver
amplifier.
The integrated PowerTune technology allows the device to be tuned to just the right power-performance trade-
off. Mobile applications frequently have multiple use cases requiring very low-power operation while being used
in a mobile environment. When used in a docked environment power consumption typically is less of a concern
while lowest possible noise is important. With PowerTune the TLV320AIC3262 can address both cases.
The required internal clock of the TLV320AIC3262 can be derived from multiple sources, including the MCLK1
pin, the MCLK2 pin, the BCLK1 pin, the BCLK2 pin, several general purpose I/O pins or the output of the internal
PLL, where the input to the PLL again can be derived from similar pins. Although using the internal fractional PLL
ensures the availability of a suitable clock signal, it is not recommended for the lowest power settings. The PLL is
highly programmable and can accept available input clocks in the range of 512kHz to 50MHz. To enable even
lower clock frequencies, an integrated low-frequency clock multiplier can also be used as an input to the PLL.
The TLV320AIC3262 has a 12-bit SAR ADC converter that supports system voltage measurements. These
system voltage measurements can be sourced from three dedicated analog inputs (IN1L/AUX1, IN1R/AUX2, or
VBAT pins), or, alternatively, an on-chip temperature sensor that can be read by the SAR ADC.
The TLV320AIC3262 also features three full Digital Audio Serial Interfaces, each supporting I2S, DSP/TDM, RJF,
LJF, and mono PCM formats. This enables three simultaneous digital playback and record paths to three
independent digital audio buses or chips. Additionally, the general purpose interrupt pins can be used to connect
to a fourth digital audio bus, allowing the end system to easily switch in this fourth audio bus to one of the three
Digital Audio Serial Interfaces.
The device is available in the 4.81 mm x 4.81 mm x 0.625 mm 81-Ball WCSP (YZF) Package.
Copyright © 2011, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TLV320AIC3262


Similar Part No. - TLV320AIC3262

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC3262 TI1-TLV320AIC3262 Datasheet
960Kb / 65P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With miniDSP, DirectPath Headphone, and Stereo Class-D Speaker Amplifier
TLV320AIC3262 TI1-TLV320AIC3262 Datasheet
2Mb / 84P
[Old version datasheet]   Ultralow Power Stereo Audio Codec With miniDSP, DirectPath Headphone, and Stereo Class-D Speaker Amplifier
TLV320AIC3262IYZFR TI1-TLV320AIC3262IYZFR Datasheet
2Mb / 84P
[Old version datasheet]   Ultralow Power Stereo Audio Codec
TLV320AIC3262IYZFR TI1-TLV320AIC3262IYZFR Datasheet
2Mb / 84P
[Old version datasheet]   Ultralow Power Stereo Audio Codec With miniDSP, DirectPath Headphone, and Stereo Class-D Speaker Amplifier
TLV320AIC3262IYZFT TI1-TLV320AIC3262IYZFT Datasheet
2Mb / 84P
[Old version datasheet]   Ultralow Power Stereo Audio Codec
More results

Similar Description - TLV320AIC3262

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC3262 TI1-TLV320AIC3262_14 Datasheet
960Kb / 65P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With miniDSP, DirectPath Headphone, and Stereo Class-D Speaker Amplifier
TLV320AIC3263 TI1-TLV320AIC3263_16 Datasheet
1Mb / 63P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With miniDSP, DirectPath Headphone, and Class-D Speaker Amplifier
TLV320AIC3263 TI1-TLV320AIC3263_14 Datasheet
986Kb / 62P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With miniDSP, DirectPath Headphone, and Class-D Speaker Amplifier
TLV320AIC3263 TI-TLV320AIC3263_15 Datasheet
1Mb / 63P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With miniDSP, DirectPath Headphone, and Class-D Speaker Amplifier
TLV320AIC3262 TI1-TLV320AIC3262_17 Datasheet
2Mb / 84P
[Old version datasheet]   Ultralow Power Stereo Audio Codec With miniDSP, DirectPath Headphone, and Stereo Class-D Speaker Amplifier
TLV320AIC3256 TI-TLV320AIC3256 Datasheet
866Kb / 43P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With Embedded miniDSP
TLV320AIC3256 TI1-TLV320AIC3256_12 Datasheet
1,013Kb / 44P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With Embedded miniDSP
TLV320AIC3254 TI1-TLV320AIC3254_17 Datasheet
1Mb / 53P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec with Embedded miniDSP
TLV320AIC3254 TI-TLV320AIC3254_09 Datasheet
2Mb / 168P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With Embedded miniDSP
TLV320AIC3262 TI-TLV320AIC3262_15 Datasheet
1Mb / 82P
[Old version datasheet]   TLV320AIC3262 Ultralow Power Stereo Audio Codec With miniDSP, DirectPath Headphone, and Stereo Class-D Speaker Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com