Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV320AIC3262IYZFT Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TLV320AIC3262IYZFT
Description  Ultra Low Power Stereo Audio Codec With miniDSP, DirectPath Headphone
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV320AIC3262IYZFT Datasheet(HTML) 2 Page - Texas Instruments

  TLV320AIC3262IYZFT Datasheet HTML 1Page - Texas Instruments TLV320AIC3262IYZFT Datasheet HTML 2Page - Texas Instruments TLV320AIC3262IYZFT Datasheet HTML 3Page - Texas Instruments TLV320AIC3262IYZFT Datasheet HTML 4Page - Texas Instruments TLV320AIC3262IYZFT Datasheet HTML 5Page - Texas Instruments TLV320AIC3262IYZFT Datasheet HTML 6Page - Texas Instruments TLV320AIC3262IYZFT Datasheet HTML 7Page - Texas Instruments TLV320AIC3262IYZFT Datasheet HTML 8Page - Texas Instruments TLV320AIC3262IYZFT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 65 page
background image
SPI_SELECT
IN1R/AUX2
IN2R
IN3R
IN3L
IN4L
IN2L
IN1L/AUX1
DRC
AGC
DRC
t
PR
t
PL
AGC
Audio
Interface
Ref
MICBIAS
VREF_AUDIO
LOL
LOR
–36...0dB
–36...0dB
MICBIAS_EXT
PLL
VBAT
VREF_SAR
+
+
–12, –6, 0dB
–12, –6, 0dB
MICDET
Detection
Mic
Bias
Charge
Pump
Primary
Audio Interface
Secondary
Audio IF
Interrupt
Ctrl
Digital
Mic.
SPI / I C
Control Block
2
Low Freq
Clocking
B0395-04
-12, -6, 0dB
)
ADC
Signal
Proc.
DAC
Signal
Proc.
DAC
Signal
Proc.
ADC
Signal
Proc.
miniDSP
ASRC
Dig Mixer
Volume
miniDSP
Dig Mixer
Volume
Right
ADC
Left
ADC
SAR
ADC
Right
DAC
Left
DAC
0>47.5dB
(0.5-dB Steps)
0>47.5dB
(0.5-dB Steps)
)
–12, –6, 0dB
–12, –6, 0dB
–12, –6, 0dB
–12, –6, 0dB
–6 dB
Tertiary
Audio IF
IN4R
–6 dB
Supplies
LOL
LOR
-78...0dB
-78...0dB
MAL
MAR
-6dB
-6dB
LOL
-78...0dB
-78...0dB
-78...0dB
-78...0dB
RECP
RECM
-6...29dB
(1-dB Steps
-6...14dB
(1-dB Steps
HPL
HPR
-78...0dB
-78...0dB
HPVSS_SENSE
6...30dB
SPKLM
SPKLP
(6-dB Steps)
6...30dB
SPKRM
SPKRP
(6-dB Steps)
)
-6...14dB
(1-dB Steps
-12, -6, 0dB
TEMP
VBAT
IN1R/AUX2
IN1L/AUX1
TEMP
SENSOR
RESET
Vol. Ctrl.
LOR
Pin Muxing / Clock Routing
IN1L
IN1R
SPR_IN
SPR_IN
Vol. Ctrl.
Int.
Ref.
in Adj.
Ga
in Adj.
Ga
TLV320AIC3262
SLAS679 – DECEMBER 2011
www.ti.com
DESCRIPTION
The TLV320AIC3262 (also referred to as the AIC3262) is a flexible, highly-integrated, low-power, low-voltage
stereo audio codec. The AIC3262 features digital microphone inputs and programmable outputs, PowerTune
capabilities, enhanced fully-programmable miniDSP, predefined and parameterizable signal processing blocks,
integrated PLL, and flexible audio interfaces. Extensive register-based control of power, input and output channel
configuration, gains, effects, pin-multiplexing and clocks are included, allowing the device to be precisely targeted
to its application.
Figure 1. Simplified Block Diagram
2
Submit Documentation Feedback
Copyright © 2011, Texas Instruments Incorporated
Product Folder Link(s): TLV320AIC3262


Similar Part No. - TLV320AIC3262IYZFT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC3262IYZFT TI1-TLV320AIC3262IYZFT Datasheet
2Mb / 84P
[Old version datasheet]   Ultralow Power Stereo Audio Codec
TLV320AIC3262IYZFT TI1-TLV320AIC3262IYZFT Datasheet
2Mb / 84P
[Old version datasheet]   Ultralow Power Stereo Audio Codec With miniDSP, DirectPath Headphone, and Stereo Class-D Speaker Amplifier
More results

Similar Description - TLV320AIC3262IYZFT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC3262 TI1-TLV320AIC3262_14 Datasheet
960Kb / 65P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With miniDSP, DirectPath Headphone, and Stereo Class-D Speaker Amplifier
TLV320AIC3263 TI1-TLV320AIC3263_16 Datasheet
1Mb / 63P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With miniDSP, DirectPath Headphone, and Class-D Speaker Amplifier
TLV320AIC3263 TI1-TLV320AIC3263_14 Datasheet
986Kb / 62P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With miniDSP, DirectPath Headphone, and Class-D Speaker Amplifier
TLV320AIC3263 TI-TLV320AIC3263_15 Datasheet
1Mb / 63P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With miniDSP, DirectPath Headphone, and Class-D Speaker Amplifier
TLV320AIC3262 TI1-TLV320AIC3262_17 Datasheet
2Mb / 84P
[Old version datasheet]   Ultralow Power Stereo Audio Codec With miniDSP, DirectPath Headphone, and Stereo Class-D Speaker Amplifier
TLV320AIC3256 TI-TLV320AIC3256 Datasheet
866Kb / 43P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With Embedded miniDSP
TLV320AIC3256 TI1-TLV320AIC3256_12 Datasheet
1,013Kb / 44P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With Embedded miniDSP
TLV320AIC3254 TI1-TLV320AIC3254_17 Datasheet
1Mb / 53P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec with Embedded miniDSP
TLV320AIC3254 TI-TLV320AIC3254_09 Datasheet
2Mb / 168P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With Embedded miniDSP
TLV320AIC3262 TI-TLV320AIC3262_15 Datasheet
1Mb / 82P
[Old version datasheet]   TLV320AIC3262 Ultralow Power Stereo Audio Codec With miniDSP, DirectPath Headphone, and Stereo Class-D Speaker Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com