Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV320DAC3202CYZJT Datasheet(PDF) 4 Page - Texas Instruments

Part # TLV320DAC3202CYZJT
Description  LOW POWER HIGH FIDELITY I2S INPUT HEADSET IC
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV320DAC3202CYZJT Datasheet(HTML) 4 Page - Texas Instruments

  TLV320DAC3202CYZJT Datasheet HTML 1Page - Texas Instruments TLV320DAC3202CYZJT Datasheet HTML 2Page - Texas Instruments TLV320DAC3202CYZJT Datasheet HTML 3Page - Texas Instruments TLV320DAC3202CYZJT Datasheet HTML 4Page - Texas Instruments TLV320DAC3202CYZJT Datasheet HTML 5Page - Texas Instruments TLV320DAC3202CYZJT Datasheet HTML 6Page - Texas Instruments TLV320DAC3202CYZJT Datasheet HTML 7Page - Texas Instruments TLV320DAC3202CYZJT Datasheet HTML 8Page - Texas Instruments TLV320DAC3202CYZJT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
TLV320DAC3202
SLAS726B – SEPTEMBER 2010 – REVISED MARCH 2012
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
AVDD = 3.7 V, DVDD = 1.8 V, TA = 25°C, unless otherwise specified.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
AVDD, GND mode(2)
2
DVDD, GND mode(2)
2
Shutdown current
µA
AVDD, HiZ mode(3)
1
DVDD, HiZ mode(3)
1
From CHIP_EN assertion to Florin reaching Standby
Startup time
15.5
ms
state (clock and power supplies available)
From HSL/R_EN assertion to Florin reaching Active
Wake up time
state, during which the system is completely
3
ms
powered up with headset drivers enabled
AUDIO PATH ELECTRICAL PERFORMANCE
0-dB PCM, 1 kHz, THD = 1%,
Maximum amplitude at
1.05
Vrms
ball
32-
Ω load, 4-dB gain
32-
Ω load
0.7
Amplitude across load
Vrms
16-
Ω load
0.45
0.5
Dynamic range
1 kHz, -60 dBFs, A-weighted
97
100
dB (A)
POUT = 20 mW
68
1 kHz, 16-
Ω load in series
THD+N
POUT = 12 mW
70
74
dB
with 10
Ω (REMI)
POUT = 4 mW
72
Frequency response
20 Hz to 20 kHz
-0.25
0.25
dB
Channel separation
1 kHz, full scale input(4)
90
95
dB
PSRR
217 Hz, 500-mVpp ripple on AVDD
80
90
dB
Pop noise specification(5)
Maximum DC value after power up
0.5
mV
RECEIVE CHANNEL DIGITAL FILTER PERFORMANCE, Fs = 44.1 kHz or 48 kHz
HPF -3 dB corner
0.8
Hz
LPF pass band corner
-10 dBFs
5
0.42 Fs
Hz
frequency
LPF pass band ripple
-0.25
0.25
dB
LPF -3 dB corner
0.48 Fs
Hz
LPF interpolation
8
multiplier
LPF magnitude response
< 0.16 Fs
-0.05
0.05
dB
LPF stop band corner
0.6 Fs
Hz
frequency
LPF stop band
< 2 Fs
70
dB
attenuation
Filter only, at 1 kHz, without HPF
Absolute delay
11/ Fs
s
Excludes interface + compute latency
AUDIO INTERFACE TIMING PARAMETERS
Tbclk
Audio clock period
Variable BCLK
1/BCLK
ns
0.35 x
Tbclkh
BCLK high duration
BCLK
ns
period
0.35 x
Tbclkl
BCLK low duration
BCLK
ns
period
Data hold time following
Tdv
20
ns
BCLK falling edge
(2)
CHIP_EN = 0, HIZ_L = 0, HIZ_R = 0
(3)
CHIP_EN = 0, HIZ_L = 1, HIZ_R = 1
(4)
The maximum board resistance should be less than 250 m
Ω between the HSOUTL/HSOUTR pins and the HSOUTG pin.
(5)
Maximum slew rate (
ΔV/Δt) < 5 V/s after A-weighting
4
Submit Documentation Feedback
Copyright © 2010–2012, Texas Instruments Incorporated
Product Folder Link(s): TLV320DAC3202


Similar Part No. - TLV320DAC3202CYZJT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320DAC3203 TI1-TLV320DAC3203 Datasheet
890Kb / 35P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With Integrated Headphone Amplifiers
TLV320DAC3203IRGER TI1-TLV320DAC3203IRGER Datasheet
890Kb / 35P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With Integrated Headphone Amplifiers
TLV320DAC3203IRGET TI1-TLV320DAC3203IRGET Datasheet
890Kb / 35P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With Integrated Headphone Amplifiers
TLV320DAC3203IYZKR TI1-TLV320DAC3203IYZKR Datasheet
890Kb / 35P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With Integrated Headphone Amplifiers
TLV320DAC3203IYZKT TI1-TLV320DAC3203IYZKT Datasheet
890Kb / 35P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With Integrated Headphone Amplifiers
More results

Similar Description - TLV320DAC3202CYZJT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9880A MAXIM-MAX9880A_11 Datasheet
1Mb / 70P
   Low-Power, High-Performance Dual I2S Stereo Audio Codec Comprehensive Headset Detection
Rev 1; 3/11
logo
Diodes Incorporated
AZV5001 DIODES-AZV5001 Datasheet
634Kb / 12P
   Low-Power Headset Detection IC in Miniaturized Package
logo
SHENZHEN FUMAN ELECTRON...
FM5401 FUMAN-FM5401 Datasheet
731Kb / 11P
   Bluetooth Headset Mobile Power Management IC
logo
Winbond
W5830 WINBOND-W5830 Datasheet
123Kb / 14P
   HIGH FIDELITY Power Speech
W523A008 WINBOND-W523A008 Datasheet
775Kb / 19P
   HIGH FIDELITY POWER SPEECH
logo
Texas Instruments
OPA1622 TI1-OPA1622 Datasheet
2Mb / 36P
[Old version datasheet]   High-Fidelity, Bipolar-Input, Audio Operational Amplifier
logo
Analog Devices
SSM6322 AD-SSM6322 Datasheet
518Kb / 20P
   High Fidelity, Low Power, Integrated Stereo Audio Amplifier
logo
National Semiconductor ...
LME49811 NSC-LME49811 Datasheet
672Kb / 18P
   High Fidelity 200 Volt Power Amplifier Input Stage with Shutdown
logo
Intersil Corporation
LME49811 INTERSIL-LME49811 Datasheet
634Kb / 18P
   High Fidelity 200 Volt Power Amplifier Input Stage with Shutdown
logo
Shenzhen Huazhimei Semi...
HM233B HMSEMI-HM233B Datasheet
1Mb / 12P
   TWS Bluetooth headset dedicated touch IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com