Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV320DAC3203 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TLV320DAC3203
Description  Ultra Low Power Stereo Audio Codec With Integrated Headphone Amplifiers
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV320DAC3203 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TLV320DAC3203 Datasheet HTML 5Page - Texas Instruments TLV320DAC3203 Datasheet HTML 6Page - Texas Instruments TLV320DAC3203 Datasheet HTML 7Page - Texas Instruments TLV320DAC3203 Datasheet HTML 8Page - Texas Instruments TLV320DAC3203 Datasheet HTML 9Page - Texas Instruments TLV320DAC3203 Datasheet HTML 10Page - Texas Instruments TLV320DAC3203 Datasheet HTML 11Page - Texas Instruments TLV320DAC3203 Datasheet HTML 12Page - Texas Instruments TLV320DAC3203 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 35 page
background image
TLV320DAC3203
www.ti.com
SLOS756 – MAY 2012
Electrical Characteristics, Audio Outputs (continued)
At 25°C, AVdd, DVdd, IOVDD = 1.8V, LDO_in = 1.8V, AVdd LDO disabled, fs (Audio) = 48kHz, Cref = 10 μF on REF PIN,
PLL disabled unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Full scale output voltage (0dB)
1778
mVRMS
SNR
Signal-to-noise ratio, A-weighted(1) (2)
All zeros fed to DAC input, modulator in
101
dB
excited state
DR
Dynamic range, A-weighted (1) (2)
–60dB 1kHz input full-scale signal
98
dB
THD
Total Harmonic Distortion
–3dB full-scale, 1-kHz input signal
–82
dB
RL = 32Ω, Output Stage on LDOIN = 3.3V,
125
mW
THDN < 1%, Input CM = 0.9V,
Output CM = 1.65V, Channel Gain = 8dB
Power Delivered
RL = 32Ω Output Stage on LDOIN = 3.0V,
103
mW
THDN < 1% Input CM = 0.9V,
Output CM = 1.5V, Channel Gain = 8dB
Electrical Characteristics, LDO
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
LOW DROPOUT REGULATOR (AVdd)
LDOMode = 1, LDOin > 1.95V,
1.63
IO = 15mA
LDOMode = 0, LDOin > 2.0V,
1.68
Output Voltage
V
IO = 15mA
LDOMode = 2, LDOin > 2.05V,
1.73
IO = 15mA
Output Voltage Accuracy
±2
%
Load Regulation
Load current range 0 to 50mA
26
mV
Line Regulation
Input Supply Range 1.9V to 3.6V
3
mV
Decoupling Capacitor
1
μF
Bias Current
50
μA
Electrical Characteristics, Misc.
At 25°C, AVdd, DVdd, IOVDD = 1.8V, LDO_in = 3.3V, AVdd LDO disabled, fs (Audio) = 48kHz, Cref = 10 μF on REF PIN,
PLL disabled unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
REFERENCE
CMMode = 0 (0.9V)
0.9
Reference Voltage Settings
V
CMMode = 1 (0.75V)
0.75
Reference Noise
CM=0.9V, A-weighted, 20Hz to 20kHz bandwidth,
1
μVRfcMS
Cref = 10μF
Decoupling Capacitor
1
10
μF
Bias Current
120
µA
Shutdown Current
Coarse AVdd supply turned off, LDO_select held at
Device Setup
ground, No external digital input is toggled
IDVdd
1.4
IAVdd
1
μA
ILDOin
1
IIOVDD
<0.1
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): TLV320DAC3203


Similar Part No. - TLV320DAC3203

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320DAC3202 TI1-TLV320DAC3202 Datasheet
605Kb / 19P
[Old version datasheet]   LOW POWER HIGH FIDELITY I2S INPUT HEADSET IC
TLV320DAC3202CYZJR TI1-TLV320DAC3202CYZJR Datasheet
605Kb / 19P
[Old version datasheet]   LOW POWER HIGH FIDELITY I2S INPUT HEADSET IC
TLV320DAC3202CYZJT TI1-TLV320DAC3202CYZJT Datasheet
605Kb / 19P
[Old version datasheet]   LOW POWER HIGH FIDELITY I2S INPUT HEADSET IC
More results

Similar Description - TLV320DAC3203

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC29 TI-TLV320AIC29_15 Datasheet
1Mb / 88P
[Old version datasheet]   STEREO AUDIO CODEC WITH INTEGRATED HEADPHONE AND SPEAKER AMPLIFIERS
TLV320AIC29 TI-TLV320AIC29_08 Datasheet
1Mb / 87P
[Old version datasheet]   STEREO AUDIO CODEC WITH INTEGRATED HEADPHONE AND SPEAKER AMPLIFIERS
TLV320AIC28 TI-TLV320AIC28_08 Datasheet
1Mb / 85P
[Old version datasheet]   STEREO AUDIO CODEC WITH INTEGRATED HEADPHONE AND SPEAKER AMPLIFIERS
TLV320AIC3262 TI1-TLV320AIC3262 Datasheet
1Mb / 65P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With miniDSP, DirectPath Headphone
logo
STMicroelectronics
STW5095 STMICROELECTRONICS-STW5095_07 Datasheet
844Kb / 73P
   Low-power asynchronous stereo audio Codec with integrated power amplifiers
STW5095 STMICROELECTRONICS-STW5095 Datasheet
667Kb / 69P
   Low Power Asynchronous Stereo Audio Codec with Integrated Power Amplifiers
logo
Protek Devices
PA5155 PROTEC-PA5155 Datasheet
734Kb / 27P
   Low Power Stereo Audio CODEC With Headphone Amplifier
logo
Suzhou Everest Semicond...
ES8328 EVEREST-ES8328 Datasheet
527Kb / 37P
   Low Power Stereo Audio CODEC With Headphone Amplifier
Revision 1.0
ES8388 EVEREST-ES8388 Datasheet
830Kb / 36P
   Low Power Stereo Audio CODEC With Headphone Amplifier
logo
Maxim Integrated Produc...
MAX9856 MAXIM-MAX9856 Datasheet
672Kb / 46P
   Low-Power Audio CODEC with DirectDrive Headphone Amplifiers
Rev 2; 12/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com