Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q68000-A6473 Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # Q68000-A6473
Description  NPN Silicon Switching Transistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q68000-A6473 Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  Q68000-A6473 Datasheet HTML 1Page - Siemens Semiconductor Group Q68000-A6473 Datasheet HTML 2Page - Siemens Semiconductor Group Q68000-A6473 Datasheet HTML 3Page - Siemens Semiconductor Group Q68000-A6473 Datasheet HTML 4Page - Siemens Semiconductor Group Q68000-A6473 Datasheet HTML 5Page - Siemens Semiconductor Group Q68000-A6473 Datasheet HTML 6Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Semiconductor Group
1
NPN Silicon Switching Transistors
SMBT 2222
SMBT 2222 A
5.91
Maximum Ratings
Type
Ordering Code
(tape and reel)
Marking
Package1)
Pin Configuration
SMBT 2222
SMBT 2222 A
Q68000-A6481
Q68000-A6473
s1B
s1P
SOT-23
1
2
3
B
E
C
1)
For detailed information see chapter Package Outlines.
2)
Package mounted on epoxy pcb 40 mm
× 40 mm × 1.5 mm/6 cm2 Cu.
Parameter
Symbol
Values
Unit
Collector-emitter voltage
VCE0
V
Collector current
IC
mA
Junction temperature
Tj
˚C
Total power dissipation, TS
= 77 ˚C
Ptot
mW
Storage temperature range
Tstg
Collector-base voltage
VCB0
Thermal Resistance
Junction - ambient2)
Rth JA
290
K/W
600
330
150
– 65 … + 150
Emitter-base voltage
VEB0
30
40
60
75
SMBT 2222
SMBT 2222 A
56
Junction - soldering point
Rth JS
220
q
High DC current gain: 0.1 mA to 500 mA
q
Low collector-emitter saturation voltage
q
Complementary types: SMBT 2907,
SMBT 2907 A (PNP)


Similar Part No. - Q68000-A6473

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
Q68000-A6474 SIEMENS-Q68000-A6474 Datasheet
178Kb / 6P
   PNP Silicon Switching Transistors
Q68000-A6474 SIEMENS-Q68000-A6474 Datasheet
248Kb / 7P
   PNP Silicon Switching Transistor
Q68000-A6475 SIEMENS-Q68000-A6475 Datasheet
142Kb / 4P
   NPN Silicon Darlington Transistors
Q68000-A6476 SIEMENS-Q68000-A6476 Datasheet
142Kb / 4P
   NPN Silicon Darlington Transistors
Q68000-A6478 SIEMENS-Q68000-A6478 Datasheet
137Kb / 4P
   NPN Silicon Transistors for High Voltages
More results

Similar Description - Q68000-A6473

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
PZT2222 SIEMENS-PZT2222 Datasheet
126Kb / 6P
   NPN Silicon Switching Transistors
logo
Boca Semiconductor Corp...
2N5320 BOCA-2N5320 Datasheet
75Kb / 2P
   SWITCHING TRANSISTORS (NPN SILICON)
logo
STMicroelectronics
TIP47 STMICROELECTRONICS-TIP47 Datasheet
49Kb / 4P
   SILICON NPN SWITCHING TRANSISTORS
logo
Infineon Technologies A...
SMBT3904 INFINEON-SMBT3904_07 Datasheet
146Kb / 13P
   NPN Silicon Switching Transistors
2007-09-20
logo
Central Semiconductor C...
2N3646 CENTRAL-2N3646 Datasheet
77Kb / 1P
   NPN SILICON SWITCHING TRANSISTORS
logo
Infineon Technologies A...
SMBT3904 INFINEON-SMBT3904_12 Datasheet
867Kb / 11P
   NPN Silicon Switching Transistors
2012-08-21
logo
Central Semiconductor C...
2N3646 CENTRAL-2N3646_15 Datasheet
78Kb / 1P
   NPN SILICON SWITCHING TRANSISTORS
logo
Leshan Radio Company
MMBT2369LT1 LRC-MMBT2369LT1 Datasheet
214Kb / 5P
   Switching Transistors(NPN Silicon)
logo
ON Semiconductor
MPS2369 ONSEMI-MPS2369 Datasheet
41Kb / 4P
   Switching Transistors(NPN Silicon)
June, 2001 ??Rev. 2
MMBT2369LT1 ONSEMI-MMBT2369LT1_07 Datasheet
88Kb / 6P
   Switching Transistors NPN Silicon
January, 2007 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com