Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9962001Q2A Datasheet(PDF) 11 Page - Texas Instruments

Part # 9962001Q2A
Description  PRECISION PROGRAMMABLE REFERENCE
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

9962001Q2A Datasheet(HTML) 11 Page - Texas Instruments

Back Button 9962001Q2A Datasheet HTML 7Page - Texas Instruments 9962001Q2A Datasheet HTML 8Page - Texas Instruments 9962001Q2A Datasheet HTML 9Page - Texas Instruments 9962001Q2A Datasheet HTML 10Page - Texas Instruments 9962001Q2A Datasheet HTML 11Page - Texas Instruments 9962001Q2A Datasheet HTML 12Page - Texas Instruments 9962001Q2A Datasheet HTML 13Page - Texas Instruments 9962001Q2A Datasheet HTML 14Page - Texas Instruments 9962001Q2A Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
+
TL1431
12 V
6.8 k
5 V +0.5%
10 k
10 k
0.1%
10 k
0.1%
VCC
X
Not
Used
TL598
Feedback
V(BATT)
R3
R4
R1A
R2A
R1B
R2B
TL1431
Low Limit + 1 )
R1B
R2B
V
I(ref)
High Limit + 1 )
R1A
R2A
V
I(ref)
LED on When
Low Limit < V(BATT) < High Limit
TL1431
TL1431
12 V
680
2 k
R
Off
On
C
Delay + R
C
I
I
12 V
(12 V) * V
I(ref)
V(BATT)
TL1431
IO
RS
0.1%
I
O +
V
I(ref)
R
S
V(BATT)
R1
RCL 0.1%
TL1431
I
O +
V
I(ref)
R
CL
) IKA
IO
R1 +
V
(BATT)
I
O
h
FE
) IKA
TL1431
www.ti.com
SLVS062M – DECEMBER 1991 – REVISED APRIL 2012
Figure 27. PWM Converter With 0.5% Reference
A.
Select R3 and R4 to provide the desired LED intensity and cathode current
≥1 mA to the TL1431.
Figure 28. Voltage Monitor
Figure 29. Delay Timer
Figure 30. Precision Current Limiter
Figure 31. Precision Constant-Current Sink
Copyright © 1991–2012, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): TL1431


Similar Part No. - 9962001Q2A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
9962001Q2A TI-9962001Q2A Datasheet
645Kb / 28P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
More results

Similar Description - 9962001Q2A

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
TL431L UTC-TL431L_11 Datasheet
231Kb / 6P
   PROGRAMMABLE PRECISION REFERENCE
logo
Texas Instruments
TL431_102 TI-TL431_102 Datasheet
1Mb / 76P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
logo
Weitron Technology
WT431LT1 WEITRON-WT431LT1 Datasheet
591Kb / 5P
   PROGRAMMABLE PRECISION REFERENCE
logo
Unisonic Technologies
TL431H UTC-TL431H Datasheet
197Kb / 6P
   PROGRAMMABLE PRECISION REFERENCE
logo
Texas Instruments
TL1431M TI-TL1431M_15 Datasheet
1Mb / 32P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
TL1431-Q1 TI-TL1431-Q1_15 Datasheet
232Kb / 19P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
logo
Hangzhou Youwang Electr...
UTC431 YOUWANG-UTC431 Datasheet
97Kb / 4P
   PROGRAMMABLE PRECISION REFERENCE
logo
Shanghai Leiditech Elec...
LR431ATLT1G LEIDITECH-LR431ATLT1G Datasheet
831Kb / 5P
   PROGRAMMABLE PRECISION REFERENCE
logo
Dongguan Pingjingsemi T...
TL432 PJSEMI-TL432 Datasheet
1Mb / 4P
   Programmable Precision Reference
logo
Texas Instruments
TL1431 TI-TL1431 Datasheet
268Kb / 18P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com