Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9962001VPA Datasheet(PDF) 9 Page - Texas Instruments

Part # 9962001VPA
Description  PRECISION PROGRAMMABLE REFERENCE
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

9962001VPA Datasheet(HTML) 9 Page - Texas Instruments

Back Button 9962001VPA Datasheet HTML 5Page - Texas Instruments 9962001VPA Datasheet HTML 6Page - Texas Instruments 9962001VPA Datasheet HTML 7Page - Texas Instruments 9962001VPA Datasheet HTML 8Page - Texas Instruments 9962001VPA Datasheet HTML 9Page - Texas Instruments 9962001VPA Datasheet HTML 10Page - Texas Instruments 9962001VPA Datasheet HTML 11Page - Texas Instruments 9962001VPA Datasheet HTML 12Page - Texas Instruments 9962001VPA Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
V(BATT)
R
R1
0.1%
R2
0.1%
VI(ref)
VO
TL1431
V
O +
1 )
R1
R2
V
I(ref)
V(BATT)
VO
Input
Von ≈ 2 V
Voff ≈ V(BATT)
TL1431
VIT = 2.5 V
GND
TL1431
www.ti.com
SLVS062M – DECEMBER 1991 – REVISED APRIL 2012
APPLICATION INFORMATION
Table 2. Table of Application Circuits
APPLICATION
FIGURE
Shunt regulator
16
Single-supply comparator with temperature-compensated threshold
17
Precision high-current series regulator
18
Output control of a three-terminal fixed regulator
19
Higher-current shunt regulator
20
Crowbar
21
Precision 5-V, 1.5-A, 0.5% regulator
22
5-V precision regulator
23
PWM converter with 0.5% reference
24
Voltage monitor
25
Delay timer
26
Precision current limiter
27
Precision constant-current sink
28
A.
R should provide cathode current
≥1 mA to the TL1431 at minimum V(BATT).
Figure 19. Shunt Regulator
Figure 20. Single-Supply Comparator With
Temperature-Compensated Threshold
A.
R should provide cathode current
≥1 mA to the TL1431 at minimum V(BATT).
Copyright © 1991–2012, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): TL1431


Similar Part No. - 9962001VPA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
9962001VPA TI-9962001VPA Datasheet
645Kb / 28P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
More results

Similar Description - 9962001VPA

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
TL431L UTC-TL431L_11 Datasheet
231Kb / 6P
   PROGRAMMABLE PRECISION REFERENCE
logo
Texas Instruments
TL431_102 TI-TL431_102 Datasheet
1Mb / 76P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
logo
Weitron Technology
WT431LT1 WEITRON-WT431LT1 Datasheet
591Kb / 5P
   PROGRAMMABLE PRECISION REFERENCE
logo
Unisonic Technologies
TL431H UTC-TL431H Datasheet
197Kb / 6P
   PROGRAMMABLE PRECISION REFERENCE
logo
Texas Instruments
TL1431M TI-TL1431M_15 Datasheet
1Mb / 32P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
TL1431-Q1 TI-TL1431-Q1_15 Datasheet
232Kb / 19P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
logo
Hangzhou Youwang Electr...
UTC431 YOUWANG-UTC431 Datasheet
97Kb / 4P
   PROGRAMMABLE PRECISION REFERENCE
logo
Shanghai Leiditech Elec...
LR431ATLT1G LEIDITECH-LR431ATLT1G Datasheet
831Kb / 5P
   PROGRAMMABLE PRECISION REFERENCE
logo
Dongguan Pingjingsemi T...
TL432 PJSEMI-TL432 Datasheet
1Mb / 4P
   Programmable Precision Reference
logo
Texas Instruments
TL1431 TI-TL1431 Datasheet
268Kb / 18P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com