Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV70225DBVR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TLV70225DBVR
Description  300-mA, Low-IQ, Low-Dropout Regulator
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV70225DBVR Datasheet(HTML) 5 Page - Texas Instruments

  TLV70225DBVR Datasheet HTML 1Page - Texas Instruments TLV70225DBVR Datasheet HTML 2Page - Texas Instruments TLV70225DBVR Datasheet HTML 3Page - Texas Instruments TLV70225DBVR Datasheet HTML 4Page - Texas Instruments TLV70225DBVR Datasheet HTML 5Page - Texas Instruments TLV70225DBVR Datasheet HTML 6Page - Texas Instruments TLV70225DBVR Datasheet HTML 7Page - Texas Instruments TLV70225DBVR Datasheet HTML 8Page - Texas Instruments TLV70225DBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
OUT
NC
IN
GND
EN
1
2
3
5
4
EN
N/C
N/C
6
5
4
IN
GND
OUT
1
2
3
TLV702xx
www.ti.com
SLVSAG6B
– SEPTEMBER 2010 – REVISED FEBRUARY 2011
PIN CONFIGURATIONS
DBV PACKAGE
SOT23-5
(TOP VIEW)
DSE PACKAGE
1,5mm
× 1,5mm SON-6
(TOP VIEW)
PIN DESCRIPTIONS
PIN
SOT23-5
SON-6
NAME
DBV
DSE
DESCRIPTION
Input pin. A small 1-
μF ceramic capacitor is recommended from this pin to ground to assure stability and
IN
1
1
good transient performance. See Input and Output Capacitor Requirements in the Application Information
section for more details.
GND
2
2
Ground pin
Enable pin. Driving EN over 0.9 V turns on the regulator. Driving EN below 0.4 V puts the regulator into
shutdown mode and reduces operating current to 1
μA, nominal.
EN
3
6
For TLV702xxP, output voltage is discharged through an internal 120-
Ω resistor when device is shut
down.
NC
4
4, 5
No connection. This pin can be tied to ground to improve thermal dissipation.
Regulated output voltage pin. A small 1-
μF ceramic capacitor is needed from this pin to ground to assure
OUT
5
3
stability. See Input and Output Capacitor Requirements in the Application Information section for more
details.
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
5


Similar Part No. - TLV70225DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV70225DBVR TI1-TLV70225DBVR Datasheet
710Kb / 26P
[Old version datasheet]   300-mA, Low-IQ, Low-Dropout Regulator High PSRR: 68 dB at 1 kHz
FEBRUARY2011
TLV70225DBVR TI1-TLV70225DBVR Datasheet
1Mb / 28P
[Old version datasheet]   300-mA, Low-IQ, Low-Dropout Regulator
TLV70225DBVR TI1-TLV70225DBVR Datasheet
1Mb / 31P
[Old version datasheet]   Thermal Shutdown and Overcurrent Protection
TLV70225DBVR TI1-TLV70225DBVR Datasheet
1Mb / 32P
[Old version datasheet]   TLV702 300-mA, Low-IQ, Low-Dropout Regulator
TLV70225DBVR TI1-TLV70225DBVR Datasheet
1Mb / 33P
[Old version datasheet]   300-mA, Low-IQ, Low-Dropout Regulator
More results

Similar Description - TLV70225DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV70228-Q1 TI1-TLV70228-Q1 Datasheet
892Kb / 18P
[Old version datasheet]   300-mA, Low-IQ, Low-Dropout Regulator
TLV70012-Q1 TI1-TLV70012-Q1 Datasheet
642Kb / 19P
[Old version datasheet]   300-mA, Low-IQ, Low-Dropout Regulator
TLV702-Q1 TI1-TLV702-Q1 Datasheet
1,014Kb / 25P
[Old version datasheet]   300-mA, Low-IQ, Low-Dropout Regulator
TLV70018-Q1 TI-TLV70018-Q1_15 Datasheet
858Kb / 20P
[Old version datasheet]   300-mA, Low-IQ, Low-Dropout Regulator
TLV703 TI1-TLV703_17 Datasheet
862Kb / 22P
[Old version datasheet]   300-mA, Low-IQ, Low-Dropout Regulator
TLV702 TI1-TLV702_17 Datasheet
1Mb / 33P
[Old version datasheet]   300-mA, Low-IQ, Low-Dropout Regulator
TLV703 TI1-TLV703_18 Datasheet
938Kb / 22P
[Old version datasheet]   300-mA, Low-IQ, Low-Dropout Regulator
TLV702-Q1 TI1-TLV702-Q1_18 Datasheet
1Mb / 31P
[Old version datasheet]   300-mA, Low-IQ, Low-Dropout Regulator
TLV703 TI1-TLV703 Datasheet
857Kb / 22P
[Old version datasheet]   300-mA, Low-IQ, Low-Dropout Regulator
TLV70018-Q1 TI1-TLV70018-Q1_16 Datasheet
1Mb / 24P
[Old version datasheet]   300-mA, Low-IQ Low-Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com