Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV70013DDCR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TLV70013DDCR
Description  200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV70013DDCR Datasheet(HTML) 10 Page - Texas Instruments

Back Button TLV70013DDCR Datasheet HTML 6Page - Texas Instruments TLV70013DDCR Datasheet HTML 7Page - Texas Instruments TLV70013DDCR Datasheet HTML 8Page - Texas Instruments TLV70013DDCR Datasheet HTML 9Page - Texas Instruments TLV70013DDCR Datasheet HTML 10Page - Texas Instruments TLV70013DDCR Datasheet HTML 11Page - Texas Instruments TLV70013DDCR Datasheet HTML 12Page - Texas Instruments TLV70013DDCR Datasheet HTML 13Page - Texas Instruments TLV70013DDCR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
TLV700xx
SLVSA00C
– SEPTEMBER 2009 – REVISED JULY 2011
www.ti.com
APPLICATION INFORMATION
The
TLV700xx
belongs
to
a
new
family
of
next-generation value LDO regulators. These devices
Board Layout Recommendations to Improve
consume low quiescent current and deliver excellent
PSRR and Noise Performance
line
and
load
transient
performance.
These
Input and output capacitors should be placed as
characteristics, combined with low noise, very good
close to the device pins as possible. To improve ac
PSRR with little (VIN – VOUT) headroom, make this
performance such as PSRR, output noise, and
family of devices ideal for RF portable applications.
transient response, it is recommended that the board
This family of regulators offers current limit and
be designed with separate ground planes for VIN and
thermal protection, and is specified from
–40°C to
VOUT, with the ground plane connected only at the
+125
°C.
GND pin of the device. In addition, the ground
connection
for
the
output
capacitor
should
be
Input and Output Capacitor Requirements
connected directly to the GND pin of the device. High
1.0-
μF X5R- and X7R-type ceramic capacitors are
ESR capacitors may degrade PSRR performance.
recommended
because
these
capacitors
have
minimal variation in value and equivalent series
Internal Current Limit
resistance (ESR) over temperature.
The TLV700xx internal current limit helps to protect
However, the TLV700xx is designed to be stable with
the regulator during fault conditions. During current
an effective capacitance of 0.1
μF or larger at the
limit, the output sources a fixed amount of current
output. Thus, the device is stable with capacitors of
that is largely independent of the output voltage. In
other dielectric types as well, as long as the effective
such a case, the output voltage is not regulated, and
capacitance
under
operating
bias
voltage
and
is VOUT = ILIMIT × RLOAD. The PMOS pass transistor
temperature is greater than 0.1
μF. This effective
dissipates (VIN – VOUT) × ILIMIT until thermal shutdown
capacitance refers to the capacitance that the LDO
is triggered and the device turns off. As the device
sees under operating bias voltage and temperature
cools down, it is turned on by the internal thermal
conditions; that is, the capacitance after taking both
shutdown circuit. If the fault condition continues, the
bias
voltage
and
temperature
derating
into
device cycles between current limit and thermal
consideration. In addition to allowing the use of
shutdown. See the Thermal Information section for
cheaper dielectrics, this capability of being stable with
more details.
0.1-
μF effective capacitance also enables the use of
The PMOS pass element in the TLV700xx has a
smaller footprint capacitors that have higher derating
built-in body diode that conducts current when the
in size- and space-constrained applications.
voltage at OUT exceeds the voltage at IN. This
Note that using a 0.1-
μF rated capacitor at the output
current is not limited, so if extended reverse voltage
of the LDO does not ensure stability because the
operation is anticipated, external limiting to 5% of the
effective capacitance under the specified operating
rated output current is recommended.
conditions would be less than 0.1
μF. Maximum ESR
should be less than 200 m
Ω.
Shutdown
Although an input capacitor is not required for
The enable pin (EN) is active high. The device is
stability, it is good analog design practice to connect
enabled when voltage at EN pin goes above 0.9V.
a 0.1-
μF to 1.0-μF, low ESR capacitor across the IN
This relatively lower value of voltage required to turn
pin and GND in of the regulator. This capacitor
the LDO on can be exploited to power the LDO with a
counteracts reactive input sources and improves
GPIO of recent processors whose GPIO Logic 1
transient
response,
noise
rejection,
and
ripple
voltage level is lower than traditional microcontrollers.
rejection. A higher-value capacitor may be necessary
The device is turned OFF when the EN pin is held at
if large, fast rise-time load transients are anticipated,
less than 0.4V. When shutdown capability is not
or if the device is not located close to the power
required, EN can be connected to the IN pin.
source. If source impedance is more than 2
Ω, a
0.1-
μF input capacitor may be necessary to ensure
stability.
10
Copyright
© 2009–2011, Texas Instruments Incorporated


Similar Part No. - TLV70013DDCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV70013DDCR TI1-TLV70013DDCR Datasheet
1Mb / 35P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV70013DDCR TI1-TLV70013DDCR Datasheet
1Mb / 36P
[Old version datasheet]   TLV700 200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
More results

Similar Description - TLV70013DDCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV700XX TI-TLV700XX_10 Datasheet
734Kb / 29P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV700XX_102 TI-TLV700XX_102 Datasheet
745Kb / 30P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV700XX TI1-TLV700XX_13 Datasheet
1Mb / 35P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV700XX_103 TI-TLV700XX_103 Datasheet
745Kb / 30P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV700XX TI-TLV700XX Datasheet
740Kb / 27P
[Old version datasheet]   200-mA Low-IQ Low-Dropout Regulator for Portable Devices
TLV70012A-Q1 TI1-TLV70012A-Q1 Datasheet
775Kb / 19P
[Old version datasheet]   200-mA LOW-IQ LOW-DROPOUT REGULATOR FOR PORTABLE DEVICES
TLV700XX_101 TI-TLV700XX_101 Datasheet
747Kb / 30P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV70033-Q1 TI-TLV70033-Q1 Datasheet
337Kb / 14P
[Old version datasheet]   200-mA LOW-IQ LOW-DROPOUT REGULATOR FOR PORTABLE DEVICES
TLV70028-Q1 TI1-TLV70028-Q1 Datasheet
1,006Kb / 19P
[Old version datasheet]   200-mA LOW-IQ LOW-DROPOUT REGULATOR FOR PORTABLE DEVICES
TLV70012A-Q1 TI1-TLV70012A-Q1_16 Datasheet
1Mb / 24P
[Old version datasheet]   200-mA Low-IQ Low-Dropout Regulator for Portable Devices
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com