Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV62130 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TLV62130
Description  4-17V 3A Step-Down Converter with DCS-ControlTM
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV62130 Datasheet(HTML) 4 Page - Texas Instruments

  TLV62130 Datasheet HTML 1Page - Texas Instruments TLV62130 Datasheet HTML 2Page - Texas Instruments TLV62130 Datasheet HTML 3Page - Texas Instruments TLV62130 Datasheet HTML 4Page - Texas Instruments TLV62130 Datasheet HTML 5Page - Texas Instruments TLV62130 Datasheet HTML 6Page - Texas Instruments TLV62130 Datasheet HTML 7Page - Texas Instruments TLV62130 Datasheet HTML 8Page - Texas Instruments TLV62130 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
3
Exposed
Thermal Pad
9
10
11
12
8
7
6
5
4
2
1
16
15
14
13
PVIN
PVIN
AVIN
SS/TR
SW
SW
SW
PG
TLV62130
SLVSB74
– FEBRUARY 2012
www.ti.com
DEVICE INFORMATION
RGT PACKAGE
(TOP VIEW)
Terminal Functions
PIN(1)
I/O
DESCRIPTION
NAME
NO.
SW
1,2,3
O
Switch node, which is connected to the internal MOSFET switches. Connect inductor between SW and
output capacitor.
PG
4
O
Output power good (High = VOUT ready, Low = VOUT below nominal regulation) ; open drain (requires
pull-up resistor; goes high impedance, when device is switched off)
FB
5
I
Voltage feedback. Connect resistive voltage divider to this pin.
AGND
6
Analog Ground
FSW
7
I
Switching Frequency Select (Low
≈ 2.5MHz, High ≈ 1.25MHz for typical operation)(2)
DEF
8
I
Output Voltage Scaling (Low = nominal, High = nominal + 5%)(2)
Soft-Start / Tracking Pin. An external capacitor connected to this pin sets the internal voltage reference rise
SS/TR
9
I
time. It can be used for tracking and sequencing.
AVIN
10
I
Supply voltage for control circuitry. Connect to same source as PVIN.
PVIN
11,12
I
Supply voltage for power stage. Connect to same source as AVIN.
EN
13
I
Enable input (High = enabled, Low = disabled)(2)
VOS
14
I
Output voltage sense pin and connection for the control loop circuitry.
PGND
15,16
Power ground
Exposed
Must be connected to AGND. Must be soldered to achieve appropriate power dissipation and mechanical
Thermal Pad
reliability.
(1)
For more information about connecting pins, see DETAILED DESCRIPTION and APPLICATION INFORMATION sections.
(2)
An internal pull-down resistor keeps logic level low, if pin is floating.
4
Submit Documentation Feedback
Copyright
© 2012, Texas Instruments Incorporated
Product Folder Link(s): TLV62130


Similar Part No. - TLV62130

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV62130 TI-TLV62130 Datasheet
1Mb / 34P
[Old version datasheet]   4-17V 3A Step-Down Converter with DCS-ControlTM
TLV62130 TI-TLV62130 Datasheet
1Mb / 35P
[Old version datasheet]   4-17V 3A Step-Down Converter with DCS-Control
TLV62130A TI-TLV62130A Datasheet
1Mb / 34P
[Old version datasheet]   4-17V 3A Step-Down Converter with DCS-ControlTM
TLV62130A TI-TLV62130A Datasheet
1Mb / 35P
[Old version datasheet]   4-17V 3A Step-Down Converter with DCS-Control
TLV62130A TI-TLV62130A Datasheet
1Mb / 38P
[Old version datasheet]   TLV62130x 3-V to 17-V 3-A Step-Down Converter With DCS-Control?
More results

Similar Description - TLV62130

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV62130 TI-TLV62130_13 Datasheet
1Mb / 34P
[Old version datasheet]   4-17V 3A Step-Down Converter with DCS-ControlTM
TPS62170 TI1-TPS62170 Datasheet
1Mb / 33P
[Old version datasheet]   3-17V 0.5A Step-Down Converter with DCS-ControlTM
TLV62130ARGTR TI-TLV62130ARGTR Datasheet
1Mb / 35P
[Old version datasheet]   4-17V 3A Step-Down Converter with DCS-Control
TPS62160 TI1-TPS62160 Datasheet
1Mb / 34P
[Old version datasheet]   3V-17V 1A Step-Down Converters with DCS-ControlTM
TPS62160 TI1-TPS62160_14 Datasheet
1Mb / 35P
[Old version datasheet]   3V-17V 1A Step-Down Converters with DCS-ControlTM
TLV62150ARGTR TI-TLV62150ARGTR Datasheet
1Mb / 34P
[Old version datasheet]   4-17V 1A Step-Down Converter with DCS-Control
TLV62150 TI1-TLV62150_14 Datasheet
1Mb / 35P
[Old version datasheet]   4-17V 1A Step-Down Converter with DCS-Control
TLV62150 TI1-TLV62150 Datasheet
1Mb / 31P
[Old version datasheet]   4-17V 1A Step-Down Converter with DCS-Control?
logo
Richtek Technology Corp...
RT7257E RICHTEK-RT7257E Datasheet
225Kb / 15P
   3A, 17V, 340kHz Synchronous Step-Down Converter
RT7253A RICHTEK-RT7253A Datasheet
192Kb / 14P
   3A, 17V, 340kHz Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com